Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FVXO_PC73 Datasheet(PDF) 7 Page - Fox Electronics

Part # FVXO_PC73
Description  LVPECL 7 x 5mm 3.3V VCXO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FVXO_PC73 Datasheet(HTML) 7 Page - Fox Electronics

Back Button FVXO_PC73 Datasheet HTML 3Page - Fox Electronics FVXO_PC73 Datasheet HTML 4Page - Fox Electronics FVXO_PC73 Datasheet HTML 5Page - Fox Electronics FVXO_PC73 Datasheet HTML 6Page - Fox Electronics FVXO_PC73 Datasheet HTML 7Page - Fox Electronics FVXO_PC73 Datasheet HTML 8Page - Fox Electronics FVXO_PC73 Datasheet HTML 9Page - Fox Electronics FVXO_PC73 Datasheet HTML 10Page - Fox Electronics FVXO_PC73 Datasheet HTML 11Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
FVXO-PC73 Series
Page 7 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
VIEW
1.8
2
TOP
2.6
#1
#2
#3
4.2
5.08
2.54
5.08
Solder Pad Layout
Recommended
#5
#6
#4
5.2 Max
1.4 Max
#1
#2
#3
2.54
1.4
0.5
PRESS
7.5 Max
#5
#6
X
#4
O
Mechanical Dimensional Drawing & Pad Layout
Actual part marking
is depicted.
See Traceability (pg. 9)
for more information
Drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may vary
Note: XPRESSO LVDS XOs are designed to fit on
Industry standard, 6 pad, layouts.
Pin Connections
#1) VC
#4) Output
#2) E/D
#5) Output 2
#3) GND
#6) VDD


Similar Part No. - FVXO_PC73

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-PC72 FOX-FVXO-PC72 Datasheet
340Kb / 15P
   LVPECL 7 x 5mm 2.5V VCXO
FVXO-PC72B-900.25 FOX-FVXO-PC72B-900.25 Datasheet
340Kb / 15P
   LVPECL 7 x 5mm 2.5V VCXO
FVXO-PC72BR-900.25 FOX-FVXO-PC72BR-900.25 Datasheet
340Kb / 15P
   LVPECL 7 x 5mm 2.5V VCXO
More results

Similar Description - FVXO_PC73

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-PC72 FOX-FVXO-PC72 Datasheet
340Kb / 15P
   LVPECL 7 x 5mm 2.5V VCXO
FVXO-HC73 FOX-FVXO-HC73 Datasheet
365Kb / 15P
   HCMOS 7 x 5mm 3.3V VCXO
FVXO-LC73 FOX-FVXO-LC73 Datasheet
333Kb / 15P
   LVDS 7 x 5mm 3.3V VCXO
FXO-PC73 FOX-FXO-PC73 Datasheet
331Kb / 15P
   LVPECL 7 x 5mm 3.3V Oscillator
FXO-PC735RGB-125 FOX-FXO-PC735RGB-125 Datasheet
208Kb / 2P
   LVPECL 7 x 5mm 3.3V 50ppm XO Freq: 125MHz
FXO-PC735RGB-312 FOX-FXO-PC735RGB-312 Datasheet
209Kb / 3P
   LVPECL 7 x 5mm 3.3V 50ppm XO Freq: 312.5MHz
FXO-PC735RGB-156 FOX-FXO-PC735RGB-156 Datasheet
208Kb / 2P
   LVPECL 7 x 5mm 3.3V 50ppm XO Freq: 156.25MHz
FVXO-PC53 FOX-FVXO-PC53 Datasheet
332Kb / 15P
   LVPECL 5 x 3.2mm 3.3V VCXO
FVXO-LC72 FOX-FVXO-LC72 Datasheet
337Kb / 15P
   LVDS 7 x 5mm 2.5V VCXO
FVXO-HC72 FOX-FVXO-HC72 Datasheet
347Kb / 15P
   HCMOS 7 x 5mm 2.5V VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com