Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

942C20S1K-F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 942C20S1K-F
Description  Very High dV/dt, Round Polypropylene Film Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

942C20S1K-F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  942C20S1K-F Datasheet HTML 1Page - List of Unclassifed Manufacturers 942C20S1K-F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02740•Phone: (508)996-8561•Fax: (508)996-3830 www.cde.com
Type 942C Very High dV/dt, Round Polypropylene Film Capacitors
Ratings
I
RMS
Typical Typical
70 ºC
Cap.
Catalog
D
L
d
ESR
ESL
dV/dt I
PEAK
100 kHz
(µF)
Part Number
Inches(mm)
Inches(mm) Inches(mm)
(mΩ)
(nH)
(V/µs) (A)
(A)
1000 Vdc (400 Vac)
.10
942C10P1K-F
.630(16.0)
1.339(34.0)
.040(1.0)
8
22
2283
228
6.6
.15
942C10P15K-F
.748(19.0)
1.339(34.0)
.040(1.0)
7
23
2283
342
7.8
.22
942C10P22K-F
.887(22.5)
1.339(34.0)
.040(1.0)
6
24
2283
502
9.3
.33
942C10P33K-F
.827(21.0)
1.811(46.0)
.040(1.0)
5
29
1280
422
11.0
.47
942C10P47K-F
.945(24.0)
1.811(46.0)
.047(1.2)
5
30
1280
601
11.9
.68
942C10P68K-F
1.122(28.5)
1.811(46.0)
.047(1.2)
5
32
1280
870
13.3
1.00
942C10W1K-F
1.181(30.0)
2.126(54.0)
.047(1.2)
5
37
1005 1005 14.6
1.40
942C10W1P4K-F
1.240(31.5)
2.520(64.0)
.047(1.2)
4
41
765
1071 17.9
1200 Vdc (430 Vac)
.10
942C12P1K-F
.748(19.0)
1.339(34.0)
.040(1.0)
5
23
2854
285
9.2
.15
942C12P15K-F
.887(22.5)
1.339(34.0)
.040(1.0)
5
24
2854
428
10.2
.22
942C12P22K-F
1.043(26.5)
1.339(34.0)
.047(1.2)
6
26
2854
628
10.3
.33
942C12P33K-F
.965(24.5)
1.811(46.0)
.047(1.2)
6
31
1600
528
11.0
.47
942C12P47K-F
1.142(29.0)
1.811(46.0)
.047(1.2)
5
32
1600
752
13.4
.68
942C12P68K-F
1.201(30.5)
2.126(54.0)
.047(1.2)
5
37
1256
854
14.7
.90
942C12P9K-F
1.220(31.0)
2.520(64.0)
.047(1.2)
5
41
957
861
15.9
1600 Vdc (460 Vac)
.022
942C16S22K-F
.472(12.0)
1.339(34.0)
.040(1.0)
27
20
3425
75
3.0
.033
942C16S33K-F
.571(14.5)
1.339(34.0)
.040(1.0)
14
21
3425
113
4.7
.047
942C16S47K-F
.650(16.5)
1.339(34.0)
.040(1.0)
8
22
3425
161
6.7
.068
942C16S68K-F
.748(19.0)
1.339(34.0)
.040(1.0)
6
23
3425
233
8.4
.100
942C16P1K-F
.887(22.5)
1.339(34.0)
.040(1.0)
4
24
3425
342
11.4
.150
942C16P15K-F
.807(20.5)
1.811(46.0)
.040(1.0)
5
29
1919
288
10.9
.220
942C16P22K-F
.925(23.5)
1.811(46.0)
.040(1.0)
5
68
1919
422
11.8
.330
942C16P33K-F
1.122(28.5)
1.811(46.0)
.047(1.2)
5
32
1919
633
13.3
.470
942C16P47K-F
1.181(30.0)
2.126(54.0)
.047(1.2)
5
36
1507
708
14.6
.560
942C16P56K-F
1.122(28.5)
2.520(64.0)
.047(1.2)
5
40
1148
643
15.1
.680
942C16P68K-F
1.240(31.5)
2.520(64.0)
.047(1.2)
5
42
1148
781
16.0
2000 Vdc (500 Vac)
.010
942C20S1K-F
.472(12.0)
1.339(34.0)
.040(1.0)
50
20
5137
51
2.2
.015
942C20S15K-F
.571(14.5)
1.339(34.0)
.040(1.0)
40
21
5137
77
2.8
.022
942C20S22K-F
.650(16.5)
1.339(34.0)
.040(1.0)
20
22
5137
113
4.2
.033
942C20S33K-F
.768(19.5)
1.339(34.0)
.040(1.0)
12
23
5137
170
6.0
.047
942C20S47K-F
.709(18.0)
1.811(46.0)
.040(1.0)
10
28
2879
135
7.1
.068
942C20S68K-F
.807(20.5)
1.811(46.0)
.040(1.0)
6
29
2879
196
9.9
.100
942C20P1K-F
.965(24.5)
1.811(46.0)
.047(1.2)
5
30
2879
288
12.1
.150
942C20P15K-F
1.161(29.5)
1.811(46.0)
.047(1.2)
5
32
2879
432
13.5


Similar Part No. - 942C20S1K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
942C20S1K-F CDE-942C20S1K-F Datasheet
220Kb / 2P
   Type 942C Very High dV/dt, Round Polypropylene Film Capacitors
942C20S1K-F CDE-942C20S1K-F Datasheet
285Kb / 6P
   Very High dV/dt for Snubber Applications
More results

Similar Description - 942C20S1K-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
940C6P1K-F ETC2-940C6P1K-F Datasheet
285Kb / 3P
   High dV/dt, Round Polypropylene Film Capacitors
logo
Cornell Dubilier Electr...
942C6P15K-F CDE-942C6P15K-F Datasheet
220Kb / 2P
   Type 942C Very High dV/dt, Round Polypropylene Film Capacitors
logo
List of Unclassifed Man...
943C6P15K-F ETC2-943C6P15K-F Datasheet
226Kb / 2P
   Very High dV/dt, Oval Polypropylene Film Capacitors
946C8P15J-F ETC2-946C8P15J-F Datasheet
234Kb / 2P
   High dV/dt, Round Polypropylene Capacitors
logo
Cornell Dubilier Electr...
943C6P15K-F CDE-943C6P15K-F Datasheet
226Kb / 2P
   Type 943C Very High dV/dt, Oval Polypropylene Film Capacitors
logo
List of Unclassifed Man...
941C6P1K-F ETC2-941C6P1K-F Datasheet
152Kb / 2P
   High dV/dt, Metallized Polypropylene Film Capacitors
logo
Cornell Dubilier Electr...
946C8P15J-F CDE-946C8P15J-F Datasheet
234Kb / 2P
   Type 946 High dV/dt, Round Polypropylene Capacitors
941C6P1K-F CDE-941C6P1K-F Datasheet
152Kb / 2P
   Type 941C High dV/dt, Metallized Polypropylene Film Capacitors
942C CDE-942C Datasheet
285Kb / 6P
   Very High dV/dt for Snubber Applications
logo
Surge Components
C24 SURGE-C24 Datasheet
5Mb / 16P
   High dv/dt ability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com