Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V54C3128 Datasheet(PDF) 11 Page - Mosel Vitelic, Corp

Part # V54C3128
Description  128Mbit SDRAM 3.3 VOLT, BGA PACKAGE
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V54C3128 Datasheet(HTML) 11 Page - Mosel Vitelic, Corp

Back Button V54C3128 Datasheet HTML 7Page - Mosel Vitelic, Corp V54C3128 Datasheet HTML 8Page - Mosel Vitelic, Corp V54C3128 Datasheet HTML 9Page - Mosel Vitelic, Corp V54C3128 Datasheet HTML 10Page - Mosel Vitelic, Corp V54C3128 Datasheet HTML 11Page - Mosel Vitelic, Corp V54C3128 Datasheet HTML 12Page - Mosel Vitelic, Corp V54C3128 Datasheet HTML 13Page - Mosel Vitelic, Corp V54C3128 Datasheet HTML 14Page - Mosel Vitelic, Corp V54C3128 Datasheet HTML 15Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
MOSEL VITELIC
V54C3128(16/80/40)4V(BGA)
11
V54C3128(16/80/40)4V(BGA) Rev. 1.2 September 2001
with Auto-Precharge function is initiated. The
SDRAM automatically enters the precharge opera-
tion a time delay equal to tWR (Write recovery time)
after the last data in.
Precharge Command
There is also a separate precharge command
available. When RAS and WE are low and CAS is
high at a clock timing, it triggers the precharge
operation. Three address bits, BA0, BA1 and A10
are used to define banks as shown in the following
list. The precharge command can be imposed one
clock before the last data out for CAS latency = 2,
two clocks before the last data out for CAS latency
= 3. Writes require a time delay twr from the last
data out to apply the precharge command.
Bank Selection by Address Bits:
Burst Termination
Once a burst read or write operation has been ini-
tiated, there are several methods in which to termi-
nate the
burst operation
prematurely.
These
methods include using another Read or Write Com-
mand to interrupt an existing burst operation, use a
Precharge Command to interrupt a burst cycle and
close the active bank, or using the Burst Stop Com-
mand to terminate the existing burst operation but
leave the bank open for future Read or Write Com-
mands to the same page of the active bank. When
interrupting a burst with another Read or Write
Command care must be taken to avoid I/O conten-
tion. The Burst Stop Command, however, has the
fewest restrictions making it the easiest method to
use when terminating a burst operation before it has
been completed. If a Burst Stop command is issued
during a burst write operation, then any residual
data from the burst write cycle will be ignored. Data
that is presented on the I/O pins before the Burst
Stop Command is registered will be written to the
memory.
A10
BA0
BA1
0
0
0
Bank 0
0
0
1
Bank 1
0
1
0
Bank 2
0
1
1
Bank 3
1X
X
all Banks
Recommended Operation and Characteristics for LV-TTL
TA =0 to 70 °C; VSS =0V; VCC,VCCQ =3.3 V ± 0.3 V
Note:
1.
All voltages are referenced to VSS.
2.
VIH may overshoot to VCC + 2.0 V for pulse width of < 4ns with 3.3V. VIL may undershoot to -2.0 V for pulse width < 4.0 ns with
3.3V. Pulse width measured at 50% points with amplitude measured peak to DC reference.
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Input high voltage
VIH
2.0
Vcc+0.3
V
1, 2
Input low voltage
VIL
– 0.3
0.8
V
1, 2
Output high voltage (IOUT = – 4.0 mA)
VOH
2.4
V
Output low voltage (IOUT =4.0 mA)
VOL
0.4
V
Input leakage current, any input
(0 V < VIN < 3.6 V, all other inputs = 0 V)
II(L)
– 55
µA
Output leakage current
(DQ is disabled, 0 V < VOUT <VCC)
IO(L)
– 55
µA


Similar Part No. - V54C3128

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C3128804VAT MOSEL-V54C3128804VAT Datasheet
362Kb / 43P
   HIGH PERFORMANCE 143/133/125MHz 3.3 VOLT 16M X 8 SYNCHRONOUS DRAM 4 BANKS X 4Mbit X 8
V54C3128804VAT7 MOSEL-V54C3128804VAT7 Datasheet
362Kb / 43P
   HIGH PERFORMANCE 143/133/125MHz 3.3 VOLT 16M X 8 SYNCHRONOUS DRAM 4 BANKS X 4Mbit X 8
V54C3128804VAT8 MOSEL-V54C3128804VAT8 Datasheet
362Kb / 43P
   HIGH PERFORMANCE 143/133/125MHz 3.3 VOLT 16M X 8 SYNCHRONOUS DRAM 4 BANKS X 4Mbit X 8
More results

Similar Description - V54C3128

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V55C2128164V MOSEL-V55C2128164V Datasheet
591Kb / 44P
   128Mbit LOW-POWER SDRAM 2.5 VOLT, TSOP II / BGA PACKAGE 8M X 16
logo
Samsung semiconductor
K4N26323AE SAMSUNG-K4N26323AE Datasheet
826Kb / 52P
   128Mbit GDDR2 SDRAM
K4D26323QG SAMSUNG-K4D26323QG Datasheet
315Kb / 18P
   128Mbit GDDR SDRAM
K4D263238G-GC SAMSUNG-K4D263238G-GC Datasheet
325Kb / 20P
   128Mbit GDDR SDRAM
K4D261638F SAMSUNG-K4D261638F Datasheet
225Kb / 18P
   128Mbit GDDR SDRAM
K4D28163HD SAMSUNG-K4D28163HD Datasheet
121Kb / 16P
   128Mbit DDR SDRAM
logo
Mosel Vitelic, Corp
V54C3256164VALT6 MOSEL-V54C3256164VALT6 Datasheet
838Kb / 52P
   256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
V54C3256 MOSEL-V54C3256 Datasheet
853Kb / 52P
   256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
V43658R04V MOSEL-V43658R04V Datasheet
207Kb / 12P
   3.3 VOLT 8M x 64 UNBUFFERED SDRAM MODULE
V54C3256164VBUC MOSEL-V54C3256164VBUC Datasheet
651Kb / 45P
   LOW POWER 256Mbit SDRAM 3.3 VOLT, 54-BALL SOC BGA 54-PIN TSOPII 16M X 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com