Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

940C8W2P5K-F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 940C8W2P5K-F
Description  High dV/dt, Round Polypropylene Film Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

940C8W2P5K-F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  940C8W2P5K-F Datasheet HTML 1Page - List of Unclassifed Manufacturers 940C8W2P5K-F Datasheet HTML 2Page - List of Unclassifed Manufacturers 940C8W2P5K-F Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02740•Phone: (508)996-8561•Fax: (508)996-3830 www.cde.com
Type 940C through 943C Power Film Capacitors
Electrical Characteristics
Operating Temperature
–55 ºC to +105 ºC
*Full rated voltage at 85 ºC, derate linearly to 50% rated voltage at 105 ºC
Capacitance tolerance
±10% standard tolerance
Dissipation Factor
<0.1% at 1 kHz, 25 ºC
Dielectric Withstand
1.6 x rated voltage for 60 seconds
Insulation Resistance
>100,000 MΩ x µF at 100 Vdc
measured after 2 minutes
Equivalent Series Resistance (ESR)
See rating tables for values
Equivalent Series Inductance (ESL)
See rating tables for values
dV/dt
See rating tables for values
Rated Current, I
pk and Irms
See rating tables for values
Maximum allowable current in amperes at 70 ºC
Capacitance Temperature Coefficient
–200 ppm/ºC ±100 ppm
Service Life
30,000 hours @ rated Vac, 70 ºC
60,000 hours @ rated Vdc, 70 ºC
Accelerated Tests
Accelerated Life
1.25 x rated DC voltage at 85 ºC
for 2,000 hours
Performance
<3% capacitance change
ESR <125% of initial reading
IR >50% of initial limit
Accelerated Pulse Testing
per IEC-384
Performance
<3% in capacitance change
<.003 increase in DF from initial value
Typical Characteristics
55 25
0
25
50
75
105
55 25
0
25
50
75
105
55 25
0
25
50
75
105
6
4
2
0
2
4
0
.05
.10
.15
.20
Degrees Centigrade
Degrees Centigrade


Similar Part No. - 940C8W2P5K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
940C8W2P5K-F CDE-940C8W2P5K-F Datasheet
285Kb / 3P
   Type 940C through 943C Power Film Capacitors
940C8W2P5K-F CDE-940C8W2P5K-F Datasheet
279Kb / 5P
   High dV/dt for Snubber Applications
More results

Similar Description - 940C8W2P5K-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
942C6P15K-F ETC2-942C6P15K-F Datasheet
220Kb / 2P
   Very High dV/dt, Round Polypropylene Film Capacitors
946C8P15J-F ETC2-946C8P15J-F Datasheet
234Kb / 2P
   High dV/dt, Round Polypropylene Capacitors
logo
Cornell Dubilier Electr...
942C6P15K-F CDE-942C6P15K-F Datasheet
220Kb / 2P
   Type 942C Very High dV/dt, Round Polypropylene Film Capacitors
logo
List of Unclassifed Man...
941C6P1K-F ETC2-941C6P1K-F Datasheet
152Kb / 2P
   High dV/dt, Metallized Polypropylene Film Capacitors
logo
Cornell Dubilier Electr...
946C8P15J-F CDE-946C8P15J-F Datasheet
234Kb / 2P
   Type 946 High dV/dt, Round Polypropylene Capacitors
logo
List of Unclassifed Man...
943C6P15K-F ETC2-943C6P15K-F Datasheet
226Kb / 2P
   Very High dV/dt, Oval Polypropylene Film Capacitors
logo
Cornell Dubilier Electr...
941C6P1K-F CDE-941C6P1K-F Datasheet
152Kb / 2P
   Type 941C High dV/dt, Metallized Polypropylene Film Capacitors
943C6P15K-F CDE-943C6P15K-F Datasheet
226Kb / 2P
   Type 943C Very High dV/dt, Oval Polypropylene Film Capacitors
logo
Surge Components
C24 SURGE-C24 Datasheet
5Mb / 16P
   High dv/dt ability
C28 SURGE-C28 Datasheet
3Mb / 11P
   High dv/dt ability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com