Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST72T2512R4T7 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST72T2512R4T7
Description  8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72T2512R4T7 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST72T2512R4T7 Datasheet HTML 4Page - STMicroelectronics ST72T2512R4T7 Datasheet HTML 5Page - STMicroelectronics ST72T2512R4T7 Datasheet HTML 6Page - STMicroelectronics ST72T2512R4T7 Datasheet HTML 7Page - STMicroelectronics ST72T2512R4T7 Datasheet HTML 8Page - STMicroelectronics ST72T2512R4T7 Datasheet HTML 9Page - STMicroelectronics ST72T2512R4T7 Datasheet HTML 10Page - STMicroelectronics ST72T2512R4T7 Datasheet HTML 11Page - STMicroelectronics ST72T2512R4T7 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 164 page
background image
ST72311R, ST72511R, ST72512R, ST72532R
8/164
PIN DESCRIPTION (Cont’d)
For external pin connection guidelines, refer to Section 12 ”ELECTRICAL CHARACTERISTICS” on page
131.
Legend / Abbreviations for Table 1:
Type:
I = input, O = output, S = supply
Input level:
A = Dedicated analog input
In/Output level: C = CMOS 0.3VDD/0.7VDD,
CT= CMOS 0.3VDD/0.7VDD with input trigger
Output level:
HS = 20mA high sink (on N-buffer only)
Port and control configuration:
– Input:
float = floating, wpu = weak pull-up, int = interrupt 1), ana = analog
– Output:
OD = open drain 2), PP = push-pull
Refer to Section 8 ”I/O PORTS” on page 38 for more details on the software configuration of the I/O ports.
The RESET configuration of each pin is shown in bold. This configuration is valid as long as the device is
in reset state.
Table 1. Device Pin Description
Pin n
°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function
Inpu t
Outp ut
1
PE4 (HS)
I/O CT HS X
X
X
X
Port E4
2
PE5 (HS)
I/O CT HS X
X
X
X
Port E5
3
PE6 (HS)
I/O CT HS X
X
X
X
Port E6
4
PE7 (HS)
I/O CT HS X
X
X
X
Port E7
5
PB0/PWM3
I/O
CT
X
ei2
X
X
Port B0
PWM Output 3
6
PB1/PWM2
I/O
CT
X
ei2
X
X
Port B1
PWM Output 2
7
PB2/PWM1
I/O
CT
X
ei2
X
X
Port B2
PWM Output 1
8
PB3/PWM0
I/O
CT
X
ei2
X
X
Port B3
PWM Output 0
9
PB4/ARTCLK
I/O
CT
X
ei3
X
X
Port B4
PWM-ART External Clock
10
PB5
I/O
CT
X
ei3
X
X
Port B5
11
PB6
I/O
CT
X
ei3
X
X
Port B6
12
PB7
I/O
CT
X
ei3
X
X
Port B7
13
PD0/AIN0
I/O
CT
X
X
X
X
X
Port D0
ADC Analog Input 0
14
PD1/AIN1
I/O
CT
X
X
X
X
X
Port D1
ADC Analog Input 1
15
PD2/AIN2
I/O
CT
X
X
X
X
X
Port D2
ADC Analog Input 2
16
PD3/AIN3
I/O
CT
X
X
X
X
X
Port D3
ADC Analog Input 3
17
PD4/AIN4
I/O
CT
X
X
X
X
X
Port D4
ADC Analog Input 4
18
PD5/AIN5
I/O
CT
X
X
X
X
X
Port D5
ADC Analog Input 5
19
PD6/AIN6
I/O
CT
X
X
X
X
X
Port D6
ADC Analog Input 6
20
PD7/AIN7
I/O
CT
X
X
X
X
X
Port D7
ADC Analog Input 7
21
VDDA
S
Analog Power Supply Voltage
22
VSSA
S
Analog Ground Voltage
23
VDD_3
S
Digital Main Supply Voltage
6


Similar Part No. - ST72T2512R4T7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72T251 STMICROELECTRONICS-ST72T251 Datasheet
66Kb / 4P
   REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY
February 2000
More results

Similar Description - ST72T2512R4T7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72589BW STMICROELECTRONICS-ST72589BW Datasheet
1Mb / 158P
   8-BIT MCU WITH NESTED INTERRUPTS, DOT MATRIX LCD, ADC, TIMERS, PWM-BRM, SPI, SCI, I짼C, CAN INTERFACES
June 2003 Rev. 2.7
ST72521M STMICROELECTRONICS-ST72521M Datasheet
105Kb / 11P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72F324J STMICROELECTRONICS-ST72F324J Datasheet
1Mb / 156P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72521 STMICROELECTRONICS-ST72521 Datasheet
2Mb / 211P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
August 2003 Rev. 1.9
ST72F521M STMICROELECTRONICS-ST72F521M Datasheet
1Mb / 199P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72324 STMICROELECTRONICS-ST72324 Datasheet
2Mb / 161P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
August 2003 Rev. 1.9
ST72321 STMICROELECTRONICS-ST72321 Datasheet
2Mb / 185P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
August 2003 Rev. 1.9
ST72321J STMICROELECTRONICS-ST72321J Datasheet
2Mb / 179P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 5 TIMERS, SPI, SCI, I2C INTERFACE
July 2003 Rev. 1.8
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72334J STMICROELECTRONICS-ST72334J Datasheet
1,022Kb / 125P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com