Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805C5605GAC Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # C0805C5605GAC
Description  Multilayer Ceramic Chip Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C0805C5605GAC Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  C0805C5605GAC Datasheet HTML 1Page - List of Unclassifed Manufacturers C0805C5605GAC Datasheet HTML 2Page - List of Unclassifed Manufacturers C0805C5605GAC Datasheet HTML 3Page - List of Unclassifed Manufacturers C0805C5605GAC Datasheet HTML 4Page - List of Unclassifed Manufacturers C0805C5605GAC Datasheet HTML 5Page - List of Unclassifed Manufacturers C0805C5605GAC Datasheet HTML 6Page - List of Unclassifed Manufacturers C0805C5605GAC Datasheet HTML 7Page - List of Unclassifed Manufacturers C0805C5605GAC Datasheet HTML 8Page - List of Unclassifed Manufacturers C0805C5605GAC Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type C Multilayer Ceramic Chip Capacitors
Ratings
X7R Temperature Coefficient
Cap
Catalog Part Number 0603 Size Code
Cap
Catalog Part Number 0805 Size Code
50 Vdc
100 Vdc
200 Vdc
50 Vdc
100 Vdc
200 Vdc
180 pF C0603C181*5RAC C0603C181*1RAC C0603C181*2RAC
220 pF C0805C221*5RAC C0805C221*1RAC C0805C221*2RAC
220 pF C0603C221*5RAC C0603C221*1RAC C0603C221*2RAC
270 pF C0805C271*5RAC C0805C271*1RAC C0805C271*2RAC
270 pF C0603C271*5RAC C0603C271*1RAC C0603C271*2RAC
330 pF C0805C331*5RAC C0805C331*1RAC C0805C331*2RAC
330 pF C0603C331*5RAC C0603C331*1RAC C0603C331*2RAC
390 pF C0805C391*5RAC C0805C391*1RAC C0805C391*2RAC
390 pF C0603C391*5RAC C0603C391*1RAC C0603C391*2RAC
470 pF C0805C471*5RAC C0805C471*1RAC C0805C471*2RAC
470 pF C0603C471*5RAC C0603C471*1RAC C0603C471*2RAC
560 pF C0805C561*5RAC C0805C561*1RAC C0805C561*2RAC
560 pF C0603C561*5RAC C0603C561*1RAC C0603C561*2RAC
680 pF C0805C681*5RAC C0805C681*1RAC C0805C681*2RAC
680 pF C0603C681*5RAC C0603C681*1RAC C0603C681*2RAC
820 pF C0805C821*5RAC C0805C821*1RAC C0805C821*2RAC
820 pF C0603C821*5RAC C0603C821*1RAC C0603C821*2RAC
1000 pF C0805C102*5RAC C0805C102*1RAC C0805C102*2RAC
1000 pF C0603C102*5RAC C0603C102*1RAC C0603C102*2RAC
1200 pF C0805C122*5RAC C0805C122*1RAC C0805C122*2RAC
1200 pF C0603C122*5RAC C0603C122*1RAC
1500 pF C0805C152*5RAC C0805C152*1RAC C0805C152*2RAC
1500 pF C0603C152*5RAC C0603C152*1RAC
1800 pF C0805C182*5RAC C0805C182*1RAC C0805C182*2RAC
1800 pF C0603C182*5RAC C0603C182*1RAC
2200 pF C0805C222*5RAC C0805C222*1RAC C0805C222*2RAC
2200 pF C0603C222*5RAC C0603C222*1RAC
2700 pF C0805C272*5RAC C0805C272*1RAC C0805C272*2RAC
2700 pF C0603C272*5RAC C0603C272*1RAC
3300 pF C0805C332*5RAC C0805C332*1RAC C0805C332*2RAC
3300 pF C0603C332*5RAC C0603C332*1RAC
3900 pF C0805C392*5RAC C0805C392*1RAC C0805C392*2RAC
3900 pF C0603C392*5RAC C0603C392*1RAC
4700 pF C0805C472*5RAC C0805C472*1RAC C0805C472*2RAC
4700 pF C0603C472*5RAC C0603C472*1RAC
5600 pF C0805C562*5RAC C0805C562*1RAC C0805C562*2RAC
5600 pF C0603C562*5RAC
6800 pF C0805C682*5RAC C0805C682*1RAC C0805C682*2RAC
6800 pF C0603C682*5RAC
8200 pF C0805C822*5RAC C0805C822*1RAC
8200 pF C0603C822*5RAC
10000 pF C0805C103*5RAC C0805C103*1RAC
10000 pF C0603C103*5RAC
12000 pF C0805C123*5RAC
12000 pF C0603C123*5RAC
15000 pF C0805C153*5RAC
15000 pF C0603C153*5RAC
18000 pF C0805C183*5RAC
18000 pF C0603C183*5RAC
22000 pF C0805C223*5RAC
27000 pF C0805C273*5RAC
33000 pF C0805C333*5RAC
39000 pF C0805C393*5RAC
47000 pF C0805C473*5RAC
56000 pF C0805C563*5RAC
68000 pF C0805C683*5RAC
82000 pF C0805C823*5RAC
.1 uF C0805C104*5RAC
* Insert proper letter code for desired tolerance:
±10% (K) is standard
±5% (J) ; ±20% (M)
^ Parts with caret (^) following catalog number are
2.500 pcs per reel
# Parts with (#) following catalog number are 10,000
pieces per reel.
All others are 4,000 pcs per reel
RoHS Compliant


Similar Part No. - C0805C5605GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C560F5GACTU KEMET-C0805C560F5GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 56 pF, /-1% Tol, 50 V, C0G, 0805 (2012 metric)
C0805C560J5GACAUTO KEMET-C0805C560J5GACAUTO Datasheet
60Kb / 1P
   SMD Auto C0G, Ceramic, 56 pF, 5%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0805
C0805C560J5GACTU KEMET-C0805C560J5GACTU Datasheet
65Kb / 1P
   Ceramic, Commercial-(CxxxxC), 56 pF, 5%, 50 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results

Similar Description - C0805C5605GAC

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com