Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP-100NXXAF Datasheet(PDF) 1 Page - Anaren Microwave

Part # RFP-100NXXAF
Description  Flangeless Attenuators 100 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

RFP-100NXXAF Datasheet(HTML) 1 Page - Anaren Microwave

  RFP-100NXXAF Datasheet HTML 1Page - Anaren Microwave RFP-100NXXAF Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Available on Tape
and Reel For Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Model RFP-100NXXAF
Features:
• DC – see chart
• 100 Watts
• Aluminum Nitride Ceramic
• Non-Nichrome Resistive
Element
• Welded Silver Leads
• Low VSWR
• 100% Tested
Flangeless Attenuators
100 Watts
General Specifications
Resistive Element
Thick film
Substrate
Aluminum nitride ceramic
Cover
Alumina ceramic
Leads
99% pure silver (.005” thick)
Electrical Specifications
Attenuation Range:
1, 2, 3, 4, 5, 6, 9, 10, 20, 30 db
Frequency Range;
DC – see chart
Power:
100 Watts
VSWR:
1.25:1
Tolerance is ±0.010”, unless otherwise specified. Designed to meet of exceed
applicable portions of MIL-E-5400. Operating temperature is -55ºC to 150ºC (see
chart for derating temperatures).
All dimensions in inches.
Specifications subject to change with out notice.
Outline Drawing
100NXXAF (097) Rev D
RoHS
Compliant


Similar Part No. - RFP-100NXXAF

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-100N50TW ANAREN-RFP-100N50TW Datasheet
504Kb / 2P
   Aluminum Nitride Terminations
More results

Similar Description - RFP-100NXXAF

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-100-XXAE-S ANAREN-RFP-100-XXAE-S Datasheet
203Kb / 2P
   Full Flange Attenuators 100 Watts
RFP-150-100RCGN-S ANAREN-RFP-150-100RCGN-S Datasheet
241Kb / 2P
   Flangeless Resistor 150 Watts, 100Ohms
RFP-150-50TCGN-S ANAREN-RFP-150-50TCGN-S Datasheet
249Kb / 2P
   Flangeless Termination 150 Watts, 50W
RFP-20-50TPP-S ANAREN-RFP-20-50TPP-S Datasheet
290Kb / 2P
   Flangeless Termination 20 Watts, 50
RFP-40-50TPP-S ANAREN-RFP-40-50TPP-S Datasheet
285Kb / 2P
   Flangeless Termination 40 Watts, 50W
RFP-125-50TS-S ANAREN-RFP-125-50TS-S Datasheet
262Kb / 2P
   Flangeless Termination 125 Watts, 50Ohms
E150N50X4 ANAREN-E150N50X4 Datasheet
134Kb / 2P
   Flangeless Mount Termination 150 Watts, 50W
logo
List of Unclassifed Man...
RFP-250250-4AA ETC1-RFP-250250-4AA Datasheet
483Kb / 2P
   Surface Mount Attenuators 8 Watts
logo
Innovative Power Produc...
IPP-RB103-75 IPP-IPP-RB103-75 Datasheet
56Kb / 1P
   RESISTOR, 100 WATT, FLANGELESS
logo
Advanced Technical Mate...
AH30V082-6 ATM-AH30V082-6 Datasheet
167Kb / 1P
   HIGH POWER VARIABLE ATTENUATORS 30 WATTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com