Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCF Datasheet(PDF) 5 Page - TAITRON Components Incorporated

Part # TCF
Description  SMD Long Life Electrolytic Caps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TCF Datasheet(HTML) 5 Page - TAITRON Components Incorporated

  TCF Datasheet HTML 1Page - TAITRON Components Incorporated TCF Datasheet HTML 2Page - TAITRON Components Incorporated TCF Datasheet HTML 3Page - TAITRON Components Incorporated TCF Datasheet HTML 4Page - TAITRON Components Incorporated TCF Datasheet HTML 5Page - TAITRON Components Incorporated TCF Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SMD Long Life Electrolytic Caps
Rev. A/JJ 20070914
TCF Series
www.taitroncomponents.com
Page 5 of 6
Case Code, see case code table
Diameter & Length
Capacitance (in µF)
Taitron SMD Long Life E-cap
Rated Voltage
Factory Location Code
Capacitance Tolerance
K: ±10%
M: ±20%
Packing Code
AR:
Tape & Ammo Pack, RoHS
TR:
Tape and Reel, RoHS
How to Order
TCF 0R1 M 50 B -XX-AR
Case code table
Diameter
(mm)
3
4
5
6
6.3
8
10
12
13
16
18
20
22
25
30
35
40
50
63
76
Code
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Length
(mm)
5
7
7.5
8
9
11
11.5
12
12.5
13
15
16
17
19
20
21
24
25
25.5
26
Code
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Length
(mm)
27
28
30
31.5
32
33
35
35.5
36
37
38
40
41
42
43
45
50
80
100
800
Code
W
X
Y
Z
AA
BB
CC
DD
EE
FF
GG
HH
JJ
KK
LL
MM
NN
PP
QQ
RR


Similar Part No. - TCF

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
TCF EATON-TCF Datasheet
1Mb / 6P
   UL Class CF branch circuit time-delay CUBEFuse
logo
Exxelia Group
TCF EXXELIA-TCF Datasheet
793Kb / 18P
   High Voltage Conformal Coated Leaded Capacitors
revised 02/21
logo
Moxa Inc.
TCF-142 MOXA-TCF-142 Datasheet
1Mb / 5P
   RS-232/422/485 to fiber converters
TCF-142-M-SC MOXA-TCF-142-M-SC Datasheet
1Mb / 5P
   RS-232/422/485 to fiber converters
TCF-142-M-SC-RM MOXA-TCF-142-M-SC-RM Datasheet
560Kb / 3P
   RS-232/422/485 to fiber slide-in modules for the NRack System
More results

Similar Description - TCF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
139CLL VISHAY-139CLL_16 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life
Revision: 29-Sep-16
139CLL VISHAY-139CLL_V01 Datasheet
122Kb / 8P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life
01-Jan-2023
logo
Cornell Dubilier Electr...
SEK CDE-SEK_18 Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
153CRV VISHAY-153CRV_17 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
Revision: 20-Mar-17
153CRV VISHAY-153CRV_V01 Datasheet
118Kb / 9P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
01-Jan-2023
logo
Cornell Dubilier Electr...
MLP CDE-MLP_18 Datasheet
495Kb / 6P
   Ultra Long Life, Aluminum Electrolytic
500C CDE-500C Datasheet
591Kb / 12P
   Long-Life, Screw Terminal, Aluminum Electrolytic
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
logo
Cornell Dubilier Electr...
SH470M6R3ST CDE-SH470M6R3ST_15 Datasheet
364Kb / 7P
   2000 Hour Long Life, Aluminum Electrolytic
SXR121M6R3ST CDE-SXR121M6R3ST Datasheet
355Kb / 4P
   105 쨘C Long Life Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com