Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCDR1DW Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TCDR1DW
Description  1.0A Sintered Glass Passivated Fast Recovery Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TCDR1DW Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TCDR1DW Datasheet HTML 1Page - TAITRON Components Incorporated TCDR1DW Datasheet HTML 2Page - TAITRON Components Incorporated TCDR1DW Datasheet HTML 3Page - TAITRON Components Incorporated TCDR1DW Datasheet HTML 4Page - TAITRON Components Incorporated TCDR1DW Datasheet HTML 5Page - TAITRON Components Incorporated TCDR1DW Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. B/AH 2007-12-07
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 6
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
TCDR1DW – TCDR1MW
1.0A Sintered Glass Passivated
Fast Recovery Rectifier
1.0A Sintered Glass Passivated Fast Recovery Rectifier
Features
• Low power loss, High efficiency
• For surface mounted applications
• High current capability
• High surge capacity
• Plastic package has UL Flammability Classification 94V-0
• RoHS Compliance
Mechanical Data
Case:
Packed with FRP substrate and epoxy underfilled
Terminals:
Pure Tin plated (Lead-Free), solderable per MIL-STD-750, Method 2026
Polarity:
Laser marking
Mounting Position:
Any
Weight:
0.02 gram
Maximum Ratings and Electrical Characteristics (T A=25ºC unless otherwise noted)
Symbol
Description
TCDR
1DW
TCDR
1GW
TCDR
1JW
TCDR
1KW
TCDR
1MW
Unit
Conditions
VRRM
Max. Repetitive Peak
Reverse Voltage
200
400
600
800
1000
V
VRMS
Max. RMS Voltage
140
280
420
560
700
V
VDC
Max. DC Blocking
Voltage
200
400
600
800
1000
V
IF(AV)
Average Forward
Rectified Current
1.0
A
See Fig.1
IFSM
Peak Forward Surge
Current
30
A
VF
Max. Forward Voltage
1.3
V
1
μA
TA=25°C
30
μA
TA=125°C
IR
Reverse Current
@ VR = VRRM
50
μA
TA=150°C
Trr
Max. Reverse
Recovery Time
200
300
nS
IF=0.5A, IR =1.0A,
Irr=0.25A.
RthJA
RthJL
Thermal Resistance
95
40
°C / W Junction to ambient
C1206


Similar Part No. - TCDR1DW

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TCDR1MMW TAITRON-TCDR1MMW Datasheet
202Kb / 7P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
TCDR1QW TAITRON-TCDR1QW Datasheet
202Kb / 7P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
TCDR1VW TAITRON-TCDR1VW Datasheet
202Kb / 7P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
TCDR1YW TAITRON-TCDR1YW Datasheet
202Kb / 7P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
TCDR1ZW TAITRON-TCDR1ZW Datasheet
202Kb / 7P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
More results

Similar Description - TCDR1DW

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TCDR1QW TAITRON-TCDR1QW Datasheet
202Kb / 7P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
RGF1A TAITRON-RGF1A Datasheet
173Kb / 6P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
RGP10Q TAITRON-RGP10Q Datasheet
131Kb / 4P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
RGP10A TAITRON-RGP10A Datasheet
132Kb / 4P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
MURS140 TAITRON-MURS140 Datasheet
181Kb / 5P
   1.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
UGP10A TAITRON-UGP10A Datasheet
147Kb / 4P
   1.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
MUR130 TAITRON-MUR130 Datasheet
172Kb / 4P
   1.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
EGP10A TAITRON-EGP10A Datasheet
136Kb / 4P
   1.0A Sintered Glass Passivated Super Fast Recovery Rectifier
EGF1A TAITRON-EGF1A Datasheet
139Kb / 4P
   1.0A Sintered Glass Passivated Super Fast Rectifier
UGF1A TAITRON-UGF1A Datasheet
130Kb / 4P
   1.0A Sintered Glass Passivated Ultra Fast Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com