Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D8NA9Y4 Datasheet(PDF) 1 Page - Anaren Microwave

Part # D8NA9Y4
Description  Surface Mount Attenuator 8 Watts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

D8NA9Y4 Datasheet(HTML) 1 Page - Anaren Microwave

  D8NA9Y4 Datasheet HTML 1Page - Anaren Microwave D8NA9Y4 Datasheet HTML 2Page - Anaren Microwave D8NA9Y4 Datasheet HTML 3Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Available on Tape
and Reel For Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Model D8NAXXY4
Features:
• RoHS compliant
• Low Cost
• Surface Mount
• Aluminum Nitride Ceramic
• Non-Nichrome Resistive
Element
• Low VSWR
100% Tested
Surface Mount Attenuator
8 Watts
Description
The D8NAXXY4 is high performance Aluminum Nitride (AlN) surface
mount attenuator intended as a lower cost alternative to Beryllium Oxide
(BeO). The attenuator is well suited to all cellular frequency bands such
as; AMPS, GSM, DCS, PCS, PHS and UMTS. The high power handling
makes the part ideal for inter-stage matching, directional couplers, and for
use in isolators.
General Specifications
Resistive Element
Thick film
Substrate
Aluminum Nitride Ceramic
Terminal Finish
Matte Tin over Sulfamate Nickel
Operating Temperature
-55 to +150
°C (see chart)
Tolerance is
±0.010”, unless otherwise specified. Designed to meet of exceed
applicable portions of MIL-E-5400. All dimensions in inches.
Electrical Specifications
Attenuation Value:
1 – 6, 9, 10dB
Power:
8 Watts
Frequency Range:
DC – 2.0 GHz
V.S.W.R.:
<1.25:1
Specification based on unit properly installed using suggested mounting instructions
and a 50 ohm nominal impedance. Specifications subject to change.
Outline Drawing
Dimensions given in inches.
Rev. 2/23/06


Similar Part No. - D8NA9Y4

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
D8NE65 WXDH-D8NE65 Datasheet
1Mb / 11P
   7.5A 650V N-channel Enhancement Mode Power MOSFET
D8NE65 WXDH-D8NE65 Datasheet
1Mb / 11P
   7.5A 650V N-channel Enhancement Mode Power MOSFET
D8NE65 WXDH-D8NE65 Datasheet
1Mb / 11P
   7.5A 650V N-channel Enhancement Mode Power MOSFET
D8NE65 WXDH-D8NE65 Datasheet
1Mb / 11P
   7.5A 650V N-channel Enhancement Mode Power MOSFET
D8NE65 WXDH-D8NE65 Datasheet
1Mb / 11P
   7.5A 650V N-channel Enhancement Mode Power MOSFET
More results

Similar Description - D8NA9Y4

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
D30AXXY4 ANAREN-D30AXXY4 Datasheet
145Kb / 2P
   Surface Mount Attenuator 30 Watts
RFP-250250N4AAXX ANAREN-RFP-250250N4AAXX Datasheet
226Kb / 2P
   Surface Mount Attenuator 10 Watts
D10AA1Z4 ANAREN-D10AA1Z4_11 Datasheet
95Kb / 2P
   Surface Mount Attenuator 10 Watts
logo
List of Unclassifed Man...
RFP-250250-4AA ETC1-RFP-250250-4AA Datasheet
483Kb / 2P
   Surface Mount Attenuators 8 Watts
logo
Anaren Microwave
060120A15Z50-2 ANAREN-060120A15Z50-2 Datasheet
104Kb / 3P
   Surface Mount Termination 8 Watts, 50廓
C8A50Z4A ANAREN-C8A50Z4A Datasheet
103Kb / 3P
   Surface Mount Termination 8 Watts, 50廓
D10AAXXZ4 ANAREN-D10AAXXZ4 Datasheet
263Kb / 3P
   Surface Mount Attenuator
logo
Micronetics, Inc.
8157 MICRONETICS-8157 Datasheet
36Kb / 1P
   SURFACE MOUNT ATTENUATOR WITH TABS
logo
Anaren Microwave
C16B100Z1A ANAREN-C16B100Z1A Datasheet
232Kb / 2P
   Surface Mount Termination 16 Watts, 100W
RFP-375375-6Z50-2 ANAREN-RFP-375375-6Z50-2 Datasheet
501Kb / 2P
   Surface Mount Terminations 30 Watts, 50ohm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com