Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESRE151M06R Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ESRE151M06R
Description  SPA Capacitors Solid Polymer Aluminum Surface Mount Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ESRE151M06R Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ESRE151M06R Datasheet HTML 1Page - List of Unclassifed Manufacturers ESRE151M06R Datasheet HTML 2Page - List of Unclassifed Manufacturers ESRE151M06R Datasheet HTML 3Page - List of Unclassifed Manufacturers ESRE151M06R Datasheet HTML 4Page - List of Unclassifed Manufacturers ESRE151M06R Datasheet HTML 5Page - List of Unclassifed Manufacturers ESRE151M06R Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1605 East Rodney French Blvd.
New Bedford, MA 02744
(508) 996-8564, Fax (508) 996-3830
http://www.cornell-dubilier.com
E-mail: cdenb@cornell-dubilier.com
1.039
C O RN ELL
DU BIL I E R
Your Source For Capacitor Solutions
SPA Capacitors
Solid Polymer Aluminum Capacitors
Ratings
Outline Drawing
Dimensions in mm
ESRL Surface Mount, Very Low Profile (1.1mm High)
1 For other frequencies use the ripple current frequency multipliers.
Part
Maximum
Maximum
1
Capacitance
Number
E.S.R.
Ripple Current
(Tape & Reel)
100kHz/20
°C
100kHz/105
°C
(
µF)
(Amps)
2.0 Vdc
68
ESRL680M02R
0.035
1.6
2.5 Vdc
56
ESRL560M0ER
0.035
1.6
4.0 Vdc
39
ESRL390M04R
0.035
1.6
6.3 Vdc
33
ESRL330M06R
0.035
1.6
8.0 Vdc
22
ESRL220M08R
0.035
1.6
Part
Maximum
Maximum1
Capacitance
Number
E.S.R
Ripple Current
(Tape & Reel)
100kHz/20°C
100kHz/105°C
(µF)
(
Ω)
(Amps)
2.0 Vdc
68
ESRL680M02R
0.035
1.6
2.5 Vdc
56
ESRL560M0ER
0.035
1.6
4.0 Vdc
39
ESRL390M04R
0.035
1.6
47
ESRL470M04R
0.035
1.6
6.3 Vdc
33
ESRL330M06R
0.035
1.6
8.0 Vdc
22
ESRL220M08R
0.035
1.6
12.5 Vdc
15
ESRL150M12R
0.040
1.4
1
For other frequencies use the ripple current frequency multipliers.


Similar Part No. - ESRE151M06R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESRE151M06R ETC2-ESRE151M06R Datasheet
250Kb / 3P
   Solid Polymer Aluminum SMT Capacitors
logo
Cornell Dubilier Electr...
ESRE151M06R CDE-ESRE151M06R Datasheet
251Kb / 3P
   Solid Polymer Aluminum SMT Capacitors Surface Mount, High Capacitance
More results

Similar Description - ESRE151M06R

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPC NIC-NPC_14 Datasheet
103Kb / 4P
   Surface Mount Solid Polymer Aluminum Electrolytic Capacitors
NSP NIC-NSP Datasheet
72Kb / 5P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
NSP NIC-NSP_14 Datasheet
257Kb / 6P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
logo
Kemet Corporation
A765EB397M0ELAE020 KEMET-A765EB397M0ELAE020 Datasheet
4Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
A767EB226M1HLAE050 KEMET-A767EB226M1HLAE050 Datasheet
3Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
Panasonic Battery Group
SEPF PANASONICBATTERY-SEPF Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
SVPF PANASONICBATTERY-SVPF Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
logo
Panasonic Semiconductor
2R5SVPC1500M PANASONIC-2R5SVPC1500M Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
logo
Panasonic Battery Group
SEP PANASONICBATTERY-SEP Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
SEPC PANASONICBATTERY-SEPC Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com