Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXM-433-LC Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TXM-433-LC
Description  LC SERIES TRANSMITTER MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TXM-433-LC Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TXM-433-LC Datasheet HTML 3Page - List of Unclassifed Manufacturers TXM-433-LC Datasheet HTML 4Page - List of Unclassifed Manufacturers TXM-433-LC Datasheet HTML 5Page - List of Unclassifed Manufacturers TXM-433-LC Datasheet HTML 6Page - List of Unclassifed Manufacturers TXM-433-LC Datasheet HTML 7Page - List of Unclassifed Manufacturers TXM-433-LC Datasheet HTML 8Page - List of Unclassifed Manufacturers TXM-433-LC Datasheet HTML 9Page - List of Unclassifed Manufacturers TXM-433-LC Datasheet HTML 10Page - List of Unclassifed Manufacturers TXM-433-LC Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Page 17
Page 16
A whip-style antenna provides outstanding overall performance
and stability. A low-cost whip is can be easily fabricated from a
wire or rod, but most designers opt for the consistent
performance and cosmetic appeal of a professionally-made
model. To meet this need, Linx offers a wide variety of straight
and reduced-height whip-style antennas in permanent and
connectorized mounting styles.
The wavelength of the operational frequency determines an
antenna’s overall length. Since a full wavelength is often quite
long, a partial 1/2- or 1/4-wave antenna is normally employed.
Its size and natural radiation resistance make it well matched to
Linx modules. The proper length for a straight 1/4-wave can be
easily determined using the adjacent formula. It is also possible
to reduce the overall height of the antenna by using a helical
winding. This reduces the antenna’s bandwidth, but is a great
way to minimize the antenna’s physical size for compact
applications. This also means that the physical appearance is
not always an indicator of the antenna’s frequency.
Linx offers a wide variety of specialized antenna styles.
Many of these styles utilize helical elements to reduce the
overall
antenna
size
while
maintaining
reasonable
performance. A helical antenna’s bandwidth is often quite
narrow and the antenna can detune in proximity to other
objects, so care must be exercised in layout and placement.
Whip Style
Loop Style
L =
234
F MHz
Where:
L = length in feet of
quarter-wave length
F = operating frequency
in megahertz
Specialty Styles
A loop- or trace-style antenna is normally printed directly on a
product’s PCB. This makes it the most cost-effective of antenna
styles. The element can be made self-resonant or externally
resonated with discrete components, but its actual layout is
usually product specific. Despite the cost advantages, loop-style
antennas are generally inefficient and useful only for short-range
applications. They are also very sensitive to changes in layout and
PCB dielectric, which can cause consistency issues during
production. In addition, printed styles are difficult to engineer,
requiring the use of expensive equipment, including a network
analyzer. An improperly designed loop will have a high SWR at the
desired frequency, which can cause instability in the RF stage.
Linx offers low-cost planar and chip antennas that mount directly
to a product’s PCB. These tiny antennas do not require testing and
provide excellent performance in light of their small size. They
offer a preferable alternative to the often-problematic “printed”
antenna.
COMMON ANTENNA STYLES
There are literally hundreds of antenna styles and variations that can be
employed with Linx RF modules. Following is a brief discussion of the styles
most commonly utilized. Additional antenna information can be found in Linx
Application Notes AN-00100, AN-00140, and AN-00500. Linx antennas and
connectors offer outstanding performance at a low price.
ONLINE RESOURCES
• Latest News
• Data Guides
• Application Notes
• Knowledgebase
• Software Updates
If you have questions regarding any Linx product and have Internet access,
make www.linxtechnologies.com your first stop. Our website is organized in an
intuitive format to immediately give you the answers you need. Day or night, the
Linx website gives you instant access to the latest information regarding the
products and services of Linx. It’s all here: manual and software updates,
application notes, a comprehensive knowledgebase, FCC information, and much
more. Be sure to visit often!
www.antennafactor.com
The Antenna Factor division of Linx offers
a diverse array of antenna styles, many of
which are optimized for use with our RF
modules. From innovative embeddable
antennas to low-cost whips, domes to
Yagis, and even GPS, Antenna Factor
likely has an antenna for you, or can
design one to meet your requirements.
www.connectorcity.com
Through its Connector City division, Linx offers a wide
selection of high-quality RF connectors, including FCC-
compliant types such as RP-SMAs that are an ideal
match for our modules and antennas. Connector City
focuses on high-volume OEM requirements, which
allows standard and custom RF connectors to be offered
at a remarkably low cost.
®
www.linxtechnologies.com


Similar Part No. - TXM-433-LC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TXM-433-LC ETC2-TXM-433-LC Datasheet
323Kb / 11P
   LC SERIES TRANSMITTER MODULE DATA GUIDE
logo
Linx Technologies
TXM-433-LC LINX-TXM-433-LC Datasheet
1Mb / 17P
   TXM-315-LR Transmitter Module
2015
TXM-433-LC LINX-TXM-433-LC Datasheet
323Kb / 11P
   LC SERIES TRANSMITTER MODULE DATA GUIDE
2/24/09
More results

Similar Description - TXM-433-LC

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
TXM-315-LC LINX-TXM-315-LC Datasheet
323Kb / 11P
   LC SERIES TRANSMITTER MODULE DATA GUIDE
2/24/09
logo
List of Unclassifed Man...
TXM-315-LC ETC2-TXM-315-LC Datasheet
323Kb / 11P
   LC SERIES TRANSMITTER MODULE DATA GUIDE
logo
Linx Technologies
TXM-FFF-LR LINX-TXM-FFF-LR Datasheet
1Mb / 17P
   LR Series Transmitter Module
2015
logo
List of Unclassifed Man...
TXM-900-HP3-PPO ETC2-TXM-900-HP3-PPO Datasheet
398Kb / 13P
   HP3 SERIES TRANSMITTER MODULE
TXM-315-LR ETC2-TXM-315-LR Datasheet
373Kb / 11P
   LR SERIES TRANSMITTER MODULE
logo
Linx Technologies
TXM-FFF-KH3 LINX-TXM-FFF-KH3 Datasheet
1Mb / 19P
   KH3 Series Transmitter Module
2015
logo
RF Monolithics, Inc
DR4001 RFM-DR4001 Datasheet
102Kb / 2P
   Transmitter Module
logo
List of Unclassifed Man...
RXM-315-LC-S ETC2-RXM-315-LC-S Datasheet
380Kb / 9P
   LC SERIES RECEIVER MODULE DATA
MKT5 ETC2-MKT5 Datasheet
235Kb / 5P
   FM Transmitter Module
MO-TX4915-F ETC-MO-TX4915-F Datasheet
192Kb / 4P
   FSK TRANSMITTER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com