Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXM-315-LC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TXM-315-LC
Description  LC SERIES TRANSMITTER MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TXM-315-LC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TXM-315-LC Datasheet HTML 1Page - List of Unclassifed Manufacturers TXM-315-LC Datasheet HTML 2Page - List of Unclassifed Manufacturers TXM-315-LC Datasheet HTML 3Page - List of Unclassifed Manufacturers TXM-315-LC Datasheet HTML 4Page - List of Unclassifed Manufacturers TXM-315-LC Datasheet HTML 5Page - List of Unclassifed Manufacturers TXM-315-LC Datasheet HTML 6Page - List of Unclassifed Manufacturers TXM-315-LC Datasheet HTML 7Page - List of Unclassifed Manufacturers TXM-315-LC Datasheet HTML 8Page - List of Unclassifed Manufacturers TXM-315-LC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Page 3
Page 2
ELECTRICAL SPECIFICATIONS
*CAUTION*
This product incorporates numerous static-sensitive components.
Always wear an ESD wrist strap and observe proper ESD handling
procedures when working with this device. Failure to observe this
precaution may result in module damage or failure.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage VCC
-0.3
to
+6.0
VDC
Any Input or Output Pin
-0.3
to
VCC
VDC
Operating Temperature
-30
to
+70
°C
Storage Temperature
-45
to
+85
°C
Soldering Temperature
+225°C for 10 seconds
*NOTE* Exceeding any of the limits of this section may lead to permanent
damage to the device. Furthermore, extended operation at these maximum
ratings may reduce the life of this device.
1. Current draw with DATA pin held continuously high.
2. Current draw with DATA pin low.
3. RF out connected to a 50
Ω load.
4. LADJ through 430
Ω resistor.
5. Characterized, but not tested.
Notes
Table 1: LC Series Transmitter Specifications
Parameter
Designation
Min.
Typical
Max.
Units
Notes
POWER SUPPLY
Operating Voltage
VCC
2.7
5.2
VDC
Supply Current
ICC
3.0
6.0
mA
1,4
Power-down Current
IPDN
1.5
µA
2
TRANSMITTER SECTION
Transmit Frequency:
FC
TXM-315-LC
315
MHz
TXM-418-LC
418
MHz
TXM-433-LC
433.92
MHz
Center Frequency Accuracy
-50
+50
kHz
Output Power
Po
-4
0
+4
dBm
3
Harmonic Emissions
PH
-40
dBc
3
Data Rate
100
5,000
bps
Data Input:
Logic Low
VIL
0.0
0.4
VDC
Logic High
VIH
2.5
Vcc
VDC
ANTENNA PORT
RF Output Impedance
ROUT
–50
Ω
5
TIMING
Transmitter Turn-On Time
30
80
µSec
5
Transmitter Turn-Off Time
100
nSec
5
ENVIRONMENTAL
Operating Temperature Range
-30
+70
°C5
PERFORMANCE DATA
These performance parameters
are based on module operation at
25°C from a 3.3VDC supply unless
otherwise
noted.
Figure
2
illustrates
the
connections
necessary
for
testing
and
operation. It is recommended all
ground pins be connected to the
ground plane.
Figure 2: Test / Basic Application Circuit
GND
DATA
GND
GND
ANT
LADJ/GND
GND
VCC
1
2
3
4
5
6
7
8
VCC
TYPICAL PERFORMANCE GRAPHS
2.5
3.0
3.5
4.0
4.5
5.0
Supply Voltage (V)
1
3
2
4
5
6
7
8
9
10
11
12
0
With 430
Ω resistor on LADJ
With LADJ tied to ground
0
-1
-4
-5
2.5
3.0
3.5
4.0
4.5
-2
-3
Supply Voltage (V)
+1
+3
+2
+4
+5
+6
+7
+8
5.0
With 430
Ω resistor on LADJ
With LADJ tied to ground
+8
+7
+6
+5
+4
+3
+2
+1
0
-1
-2
-3
-4
LADJ Resistor Value (
Ω)
51
100 150 200 240 300 360 430 510 560 620 680 750 820 910 1.1K
3V
5V
Figure 3: Current vs. Supply Voltage
Figure 4: Output Power vs. Supply Voltage
Figure 6: Typical Oscillator Turn-Off Time
Figure 5: Typical Oscillator Turn-On Time
Figure 7: Output Power vs. LADJ Resistor
Data
Data
Carrier
Carrier


Similar Part No. - TXM-315-LC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TXM-315-LC ETC2-TXM-315-LC Datasheet
323Kb / 11P
   LC SERIES TRANSMITTER MODULE DATA GUIDE
logo
Linx Technologies
TXM-315-LC LINX-TXM-315-LC Datasheet
1Mb / 17P
   TXM-315-LR Transmitter Module
2015
TXM-315-LC LINX-TXM-315-LC Datasheet
323Kb / 11P
   LC SERIES TRANSMITTER MODULE DATA GUIDE
2/24/09
More results

Similar Description - TXM-315-LC

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
TXM-315-LC LINX-TXM-315-LC Datasheet
323Kb / 11P
   LC SERIES TRANSMITTER MODULE DATA GUIDE
2/24/09
logo
List of Unclassifed Man...
TXM-315-LC ETC2-TXM-315-LC Datasheet
323Kb / 11P
   LC SERIES TRANSMITTER MODULE DATA GUIDE
logo
Linx Technologies
TXM-FFF-LR LINX-TXM-FFF-LR Datasheet
1Mb / 17P
   LR Series Transmitter Module
2015
logo
List of Unclassifed Man...
TXM-900-HP3-PPO ETC2-TXM-900-HP3-PPO Datasheet
398Kb / 13P
   HP3 SERIES TRANSMITTER MODULE
TXM-315-LR ETC2-TXM-315-LR Datasheet
373Kb / 11P
   LR SERIES TRANSMITTER MODULE
logo
Linx Technologies
TXM-FFF-KH3 LINX-TXM-FFF-KH3 Datasheet
1Mb / 19P
   KH3 Series Transmitter Module
2015
logo
RF Monolithics, Inc
DR4001 RFM-DR4001 Datasheet
102Kb / 2P
   Transmitter Module
logo
List of Unclassifed Man...
RXM-315-LC-S ETC2-RXM-315-LC-S Datasheet
380Kb / 9P
   LC SERIES RECEIVER MODULE DATA
MKT5 ETC2-MKT5 Datasheet
235Kb / 5P
   FM Transmitter Module
MO-TX4915-F ETC-MO-TX4915-F Datasheet
192Kb / 4P
   FSK TRANSMITTER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com