Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESRD121M04R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ESRD121M04R
Description   Solid Polymer Aluminum SMT Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ESRD121M04R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ESRD121M04R Datasheet HTML 1Page - List of Unclassifed Manufacturers ESRD121M04R Datasheet HTML 2Page - List of Unclassifed Manufacturers ESRD121M04R Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type ESRD Solid Polymer Aluminum SMT Capacitors
Applications
Motherboard By-Pass
Switching Supply Input/Output Filters
Power Supply Decoupling
High Frequency Noise Reduction
Laptop LCD Displays
Automotive Digital Equipment
Portable Electronic Equipment
Markings
Ordering Information
ESRD
4R7
M
16
R
CDE
Type Capacitance
Code
4R7 = 4.7 µF
220 = 22 µF
101 = 100 µF
Capacitance
Tolerance
M = ± 20%
WVDC Code
02 = 2.0 Vdc 08 = 8.0 Vdc
0E = 2.5 Vdc 12 = 12.5 Vdc
04 = 4.0 Vdc 16 = 16.0 Vdc
06 = 6.3 Vdc
Packaging Code
R = Tape & Reel
ESRD (1.8 mm Ht.): 3500 pcs/reel
ESRD (2.8 mm Ht.): 2000 pcs/reel
Polarity Stripe (Anode)
+
W.V. Code
D = 2.0 V
K = 8.0 V
E = 2.5 V
B = 12.5 V
G = 4.0 V
C = 16.0 V
J = 6.3 V
Capacitance
(“R” = Decimal Point)
Lot Code
Solid Polymer Aluminum capacitors combine the high capacitance capability of an
electrolytic component with the high frequency performance of film capacitors. When
the need for low impedance at high frequency is critical for your design, one ESRD
chip is capable of replacing several liquid electrolyte aluminum or tantalum capacitors
connected in parallel. This is due to the ultra-low ESR which results in significantly
lower impedance than either aluminum or tantalum capacitors at frequencies of 100
kHz and above. There is no longer a need to stack capacitors to lower the impedance at
high frequency. The low ESR and high capacitance make them ideal for bypassing high
frequency noise, and for switching frequency filtering in DC/ DC conversion. ESRD
capacitors are packaged in a molded resin case with the same footprint (7.3 x 4.3 mm)
as the industry standard tantalum “D” and “E” case sizes. The solid electrolyte results
in a capacitor with stable impedance and equivalent series resistance over the entire
operating temperature range and they have more than twice the ripple current handling
capability of tantalum capacitors. In addition, the solid electrolyte delivers a typical
expected operating life of more than 50 years, and it is ignition free.
Filtering power of 3 or more tantalum chips and 50 year life


Similar Part No. - ESRD121M04R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESRD121M04R ETC2-ESRD121M04R Datasheet
95Kb / 6P
   SPA Capacitors Solid Polymer Aluminum Surface Mount Capacitors
logo
Cornell Dubilier Electr...
ESRD121M04R CDE-ESRD121M04R Datasheet
225Kb / 3P
   Solid Polymer Aluminum SMT Capacitors
ESRD121M04R CDE-ESRD121M04R Datasheet
310Kb / 4P
   Filtering power of 3 or more tantalum chips and 50 year life
More results

Similar Description - ESRD121M04R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESRH ETC2-ESRH Datasheet
296Kb / 3P
   Solid Polymer Aluminum SMT Capacitors
logo
Cornell Dubilier Electr...
ESRD101M02R CDE-ESRD101M02R Datasheet
225Kb / 3P
   Solid Polymer Aluminum SMT Capacitors
logo
List of Unclassifed Man...
ESRE ETC2-ESRE Datasheet
250Kb / 3P
   Solid Polymer Aluminum SMT Capacitors
logo
Cornell Dubilier Electr...
SPA121M02R CDE-SPA121M02R Datasheet
229Kb / 3P
   Solid Polymer Aluminum SMT Capacitors
logo
MERITEK ELECTRONICS COR...
PECH MERITEK-PECH Datasheet
559Kb / 2P
   Conductive Polymer Aluminum Solid Capacitors (SMT)
logo
Panasonic Battery Group
SEPF PANASONICBATTERY-SEPF Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
SVPF PANASONICBATTERY-SVPF Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
logo
Panasonic Semiconductor
2R5SVPC1500M PANASONIC-2R5SVPC1500M Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
logo
Panasonic Battery Group
SEP PANASONICBATTERY-SEP Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
SEPC PANASONICBATTERY-SEPC Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com