Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1P520S Datasheet(PDF) 1 Page - Anaren Microwave

Part # 1P520S
Description  Pico Xinger 20dB Directional Coupler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

1P520S Datasheet(HTML) 1 Page - Anaren Microwave

  1P520S Datasheet HTML 1Page - Anaren Microwave 1P520S Datasheet HTML 2Page - Anaren Microwave 1P520S Datasheet HTML 3Page - Anaren Microwave 1P520S Datasheet HTML 4Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Available on Tape
and Reel For Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Model 1P520S
Rev A
Pico Xinger
20dB Directional Coupler
Description
The 1P520S Pico Xinger is a low profile, miniature 20dB directional coupler
in an easy to use surface mount package designed for DCS and PCS
applications. The 1P520S is for power and frequency detection as well as
power injection. The 1P520S is an ideal solution for the ever-increasing
demands of the wireless industry for smaller printed circuit boards and high
performance. Parts have been subjected to rigorous qualification testing
and units are 100% tested. They are manufactured using materials with x
and y thermal expansion coefficients compatible with common substrates.
ELECTRICAL SPECIFICATIONS**
Frequency
Mean
Coupling
Insertion
Loss
VSWR
Freq.
Sensitivity
GHz
dB
dB Max
Max : 1
dB Max
1.7 – 2.0
20 ± 0.75
0.25
1.22
± 0.2
Directivity
Power
Handling
Θ
Θ
Θ
ΘJC
Operating
Temp.
dB Min
Ave CW Watts
ºC / Watt
ºC
Features:
• 1.7 – 2.0 GHz
• DCS and PCS
• Very Low Loss
• High Directivity
• Surface Mountable
• Tape and Reel
• New Pico-Package
• 100% Tested
• Lead Free
20
25
35
-55 to +85
**Specification based on performance of unit properly installed on microstrip printed circuit
boards with 50
Ω nominal impedance. Specifications subject to change without notice.
1P520S Mechanical Outline
Dimensions are in Inches [Millimeters]
.250±.010
[6.35±0.25]
.200±.010
[5.08±0.25]
.066±.007
[1.67±0.18]
Top View (Near-side)
Side View
Bottom View (Far-side)
Pin 4
Pin 1
Pin 2
Pin 3
Pin 1
Pin 4
Pin 3
Pin 2
4X .020±.004
[0.51±0.10]
GND
4X .034±.004 SQ
[0.86±0.10]
Orientation
Marker Denotes
Pin Location
.120±.004
[3.05±0.10]
.170±.004
[4.32±0.10]
GND
Tolerances are Non-Cumulative
Denotes
Array Number


Similar Part No. - 1P520S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
1P520S ANAREN-1P520S Datasheet
505Kb / 5P
   Pico Xinger 20dB Directional Coupler
1P520S ANAREN-1P520S_14 Datasheet
505Kb / 5P
   Pico Xinger 20dB Directional Coupler
More results

Similar Description - 1P520S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
JP520S ANAREN-JP520S_14 Datasheet
504Kb / 5P
   Pico Xinger 20dB Directional Coupler
1P520 ANAREN-1P520 Datasheet
145Kb / 4P
   Pico Xinger 20dB Directional Coupler
1P520S ANAREN-1P520S_14 Datasheet
505Kb / 5P
   Pico Xinger 20dB Directional Coupler
1P620 ANAREN-1P620_10 Datasheet
333Kb / 10P
   Pico Xinger 20dB Directional Coupler
1P620 ANAREN-1P620 Datasheet
163Kb / 4P
   Pico Xinger 20dB Directional Coupler
1P620S ANAREN-1P620S Datasheet
514Kb / 4P
   Pico Xinger 20dB Directional Coupler
JP520S ANAREN-JP520S Datasheet
502Kb / 4P
   Pico Xinger 20dB Directional Coupler
1P610 ANAREN-1P610 Datasheet
161Kb / 4P
   Pico Xinger 10dB Directional Coupler
1P510 ANAREN-1P510 Datasheet
400Kb / 4P
   PICO XINGER 10dB DIRECTIONAL COUPLER
1P610S ANAREN-1P610S Datasheet
513Kb / 4P
   Pico Xinger 10dB Directional Coupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com