Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESRD220M0ER Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ESRD220M0ER
Description  SPA Capacitors Solid Polymer Aluminum Surface Mount Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ESRD220M0ER Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ESRD220M0ER Datasheet HTML 1Page - List of Unclassifed Manufacturers ESRD220M0ER Datasheet HTML 2Page - List of Unclassifed Manufacturers ESRD220M0ER Datasheet HTML 3Page - List of Unclassifed Manufacturers ESRD220M0ER Datasheet HTML 4Page - List of Unclassifed Manufacturers ESRD220M0ER Datasheet HTML 5Page - List of Unclassifed Manufacturers ESRD220M0ER Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1605 East Rodney French Blvd.
New Bedford, MA 02744
(508) 996-8564, Fax (508) 996-3830
http://www.cornell-dubilier.com
E-mail: cdenb@cornell-dubilier.com
1.037
C O RN ELL
DU BIL I E R
Your Source For Capacitor Solutions
SPA Capacitors
Solid Polymer Aluminum Capacitors
Ratings
1 For other frequencies use the ripple current frequency multipliers.
Outline Drawing
Dimensions in mm
Part
Maximum
Maximum
1
Capacitance
Number
E.S.R
Ripple Current
(Tape & Reel)
100kHz/20
°C
100kHz/105
°C
(
µF)
(
Ω)
(Amps)
2.0 Vdc
100
ESRD101M02R
0.025
1.8
1.8
180
ESRD181M02R
0.018
2.2
3.1
220
ESRD221M02R
0.018
2.2
3.1
82
ESRD820M0ER
0.025
1.8
1.8
150
ESRD151M0ER
0.018
2.2
3.1
180
ESRD181M0ER
0.018
2.2
3.1
56
ESRD560M04R
0.025
1.8
1.8
120
ESRD121M04R
0.018
2.2
3.1
6.3 Vdc
10
ESRD100M06R
0.060
1.0
1.8
22
ESRD220M06R
0.045
1.3
1.8
33
ESRD330M06R
0.035
1.6
1.8
47
ESRD470M06R
0.025
1.8
1.8
100
ESRD101M06R
0.018
2.2
3.1
8.0 Vdc
8.2
ESRD8R2M08R
0.060
1.0
1.8
15
ESRD150M08R
0.045
1.3
1.8
22
ESRD220M08R
0.035
1.6
1.8
33
ESRD330M08R
0.025
1.8
1.8
68
ESRD680M08R
0.018
2.2
3.1
12.5 Vdc
4.7
ESRD4R7M12R
0.080
1.0
1.8
10
ESRD100M12R
0.060
1.0
1.8
15
ESRD150M12R
0.050
1.3
1.8
22
ESRD220M12R
0.040
1.3
1.8
16.0 Vdc
2.2
ESRD2R2M16R
0.110
1.0
1.8
4.7
ESRD4R7M16R
0.080
1.0
1.8
6.8
ESRD6R8M16R
0.070
1.0
1.8
8.2
ESRD8R2M16R
0.060
1.0
1.8
Case
Height
H
(
±0.1 mm )
2.5 Vdc
4.0 Vdc
ESRD Surface Mount
Part
Maximum
Maximum1
Case
Capacitance
Number
E.S.R
Ripple Current
Height
(Tape & Reel)
100kHz/20°C
100kHz/105°C
H
(µF)
(
Ω)
(Amps)
(mm)
2.0 Vdc
100
ESRD101M02R
0.025
1.8
1.8 ± .1
120
ESRD121M02XR
0.015
2.7
1.8 ± .1
180
ESRD181M02R
0.018
2.2
2.8 ± .2
220
ESRD221M02R
0.018
2.2
2.8 ± .2
270
ESRD271M02XR
0.012
3.3
2.8 ± .2
2.5 Vdc
82
ESRD820M0ER
0.025
1.8
1.8 ± .1
100
ESRD101M0EXR
0.015
2.7
1.8 ± .1
150
ESRD151M0ER
0.018
2.2
2.8 ± .2
180
ESRD181M0ER
0.018
2.2
2.8 ± .2
220
ESRD221M0EXR
0.012
3.3
2.8 ± .2
4.0 Vdc
56
ESRD560M04R
0.025
1.8
1.8 ± .1
82
ESRD820M04XR
0.015
2.7
1.8 ± .1
120
ESRD121M04R
0.018
2.2
2.8 ± .2
150
ESRD151M04XR
0.012
3.3
2.8 ± .2
6.3 Vdc
10
ESRD100M06R
0.060
1.0
1.8 ± .1
22
ESRD220M06R
0.045
1.3
1.8 ± .1
33
ESRD330M06R
0.035
1.6
1.8 ± .1
47
ESRD470M06R
0.025
1.8
1.8 ± .1
68
ESRD680M06XR
0.015
2.7
1.8 ± .1
100
ESRD101M06R
0.018
2.2
2.8 ± .2
120
ESRD121M06XR
0.012
3.3
2.8 ± .2
8.0 Vdc
8.2
ESRD8R2M08R
0.060
1.0
1.8 ± .1
15
ESRD150M08R
0.045
1.3
1.8 ± .1
22
ESRD220M08R
0.035
1.6
1.8 ± .1
33
ESRD330M08R
0.025
1.8
1.8 ± .1
68
ESRD680M08R
0.018
2.2
2.8 ± .2
12.5 Vdc
4.7
ESRD4R7M12R
0.080
1.0
1.8 ± .1
10
ESRD100M12R
0.060
1.0
1.8 ± .1
15
ESRD150M12R
0.050
1.3
1.8 ± .1
22
ESRD220M12R
0.040
1.3
1.8 ± .1
16.0 Vdc
2.2
ESRD2R2M16R
0.110
1.0
1.8 ± .1
4.7
ESRD4R7M16R
0.080
1.0
1.8 ± .1
6.8
ESRD6R8M16R
0.070
1.0
1.8 ± .1
8.2
ESRD8R2M16R
0.060
1.0
1.8 ± .1
1
For other frequencies use the ripple current frequency multipliers.


Similar Part No. - ESRD220M0ER

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESRD220M0ER ETC2-ESRD220M0ER Datasheet
225Kb / 3P
    Solid Polymer Aluminum SMT Capacitors
More results

Similar Description - ESRD220M0ER

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPC NIC-NPC_14 Datasheet
103Kb / 4P
   Surface Mount Solid Polymer Aluminum Electrolytic Capacitors
NSP NIC-NSP Datasheet
72Kb / 5P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
NSP NIC-NSP_14 Datasheet
257Kb / 6P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
logo
Kemet Corporation
A765EB397M0ELAE020 KEMET-A765EB397M0ELAE020 Datasheet
4Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
A767EB226M1HLAE050 KEMET-A767EB226M1HLAE050 Datasheet
3Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
Panasonic Battery Group
SEPF PANASONICBATTERY-SEPF Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
SVPF PANASONICBATTERY-SVPF Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
logo
Panasonic Semiconductor
2R5SVPC1500M PANASONIC-2R5SVPC1500M Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
logo
Panasonic Battery Group
SEP PANASONICBATTERY-SEP Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
SEPC PANASONICBATTERY-SEPC Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com