Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4CMC843M035AE8 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 4CMC843M035AE8
Description  High-Cap, Radial Leaded, Aluminum Electrolytic
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4CMC843M035AE8 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  4CMC843M035AE8 Datasheet HTML 1Page - List of Unclassifed Manufacturers 4CMC843M035AE8 Datasheet HTML 2Page - List of Unclassifed Manufacturers 4CMC843M035AE8 Datasheet HTML 3Page - List of Unclassifed Manufacturers 4CMC843M035AE8 Datasheet HTML 4Page - List of Unclassifed Manufacturers 4CMC843M035AE8 Datasheet HTML 5Page - List of Unclassifed Manufacturers 4CMC843M035AE8 Datasheet HTML 6Page - List of Unclassifed Manufacturers 4CMC843M035AE8 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 4CMC 85 °C, High-Cap, Radial Leaded, Aluminum Electrolytic
Ratings
ESR Max.
25 ºC
120 Hz 20 kHz
(mΩ) (mΩ)
Ripple Amps,
85 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D X L
(in)
ESR Max.
25 ºC
120 Hz 20 kHz
(mΩ) (mΩ)
Ripple Amps,
85 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D X L
(in)
Cap.
(µF)
Catalog Part
Number
Cap.
(µF)
Catalog Part
Number
16 Vdc (20 Vdc Surge)
200000
4CMC204M016AF8
10.3
8.2
16.9
19.0
1 3/8 X 5 3/4
33000 4CMC333M016AK8 34.2
27.2
5.7
6.4
1 3/8 X 1 3/4
220000
4CMC224M016EC8
13
10.3
15.2
17
1 3/4 X 4 1/4
55000 4CMC553M016AA8 21.2
16.9
8.4
9.4
1 3/8 X 2 1/4
240000
4CMC244M016BJ8
11.7
9.3
15.6
17.5
2 X 3 3/4
77000 4CMC773M016AH8 18.3
14.6
9.3
10.4
1 3/8 X 2 3/4
250000
4CMC254M016ED8
11.5
9.2
17
19
1 3/4 X 4 3/4
79000 4CMC793M016EA8 23.0
18.3
9.2
10.4
1 3/4 X 2 1/4
280000
4CMC284M016EE8
10.5
8.4
18.9
21.2
1 3/4 X 5 1/4
99000 4CMC993M016AB8 14.8
11.8
11.1
12.4
1 3/8 X 3 1/4
280000
4CMC284M016BC8
11.4
9.1
15.9
17.8
2 X 4 1/4
110000 4CMC114M016EH8 17.4
13.8
11.4
12.7
1 3/4 X 2 3/4
310000
4CMC314M016EF8
9.7
7.7
21.0
23.5
1 3/4 X 5 3/4
120000 4CMC124M016AJ8
12.8
10.2
12.5
14.0
1 3/8 X 3 3/4
330000
4CMC334M016BD8
10.7
8.5
16.9
19
2 X 4 3/4
120000 4CMC124M016BA8 17.7
14.1
10.0
11.2
2 X 2 1/4
370000
4CMC374M016BE8
10.0
8.0
18.1
20.3
2 X 5 1/4
140000 4CMC144M016AC8 12.5
9.9
13.3
15.0
1 3/8 X 4 1/4
420000
4CMC424M016BF8
9.0
7.2
19.8
22.2
2 X 5 3/4
140000 4CMC144M016EB8 15.8
12.6
12.9
14.4
1 3/4 X 3 1/4
25 Vdc (30 Vdc Surge)
150000 4CMC154M016BH8 14.5
11.6
11.9
13.3
2 X 2 3/4
22000
4CMC223M025AK8
63.2
50.4
4.2
4.7
1 3/8 X 1 3/4
160000 4CMC164M016AD8 11.5
9.1
14.5
16.2
1 3/8 X 4 3/4
37000
4CMC373M025AA8
23.9
19.1
7.9
8.8
1 3/8 X 2 1/4
180000 4CMC184M016AE8 10.8
8.6
15.8
17.7
1 3/8 X 5 1/4
52000
4CMC523M025AH8
20.6
16.4
8.8
9.8
1 3/8 X 2 3/4
180000 4CMC184M016EJ8
15.0
12.0
13.6
15.3
1 3/4 X 3 3/4
54000
4CMC543M025EA8
22.9
18.3
9.3
10.4
1 3/4 X 2 1/4
190000 4CMC194M016BB8 12.3
9.8
13.6
15.2
2 X 3 1/4
67000
4CMC673M025AB8
16.6
13.2
10.5
11.7
1 3/8 X 3 1/4
Case
Inches
Millimeters
Code D ± .031 L MAX C ± .015 S ± .031 E ± .031 F ± .015 D ± .78 L MAX C ± .78 S ± .78 E ± .78 F ± .38
AK
1.375
1.75
0.50
0.175
0.25
0.55
34.93
44.45
12.70
4.45
6.35
13.97
AA
1.375
2.25
0.50
0.175
0.25
0.55
34.93
57.15
12.70
4.45
6.35
13.97
AH
1.375
2.75
0.50
0.175
0.25
0.55
34.98
69.85
12.70
4.45
6.35
13.97
AB
1.375
3.25
0.50
0.175
0.25
0.55
34.93
82.55
12.70
4.45
6.35
13.97
AJ
1.375
3.75
0.50
0.175
0.25
0.55
34.93
95.25
12.70
4.45
6.35
13.97
AC
1.375
4.25
0.50
0.175
0.25
0.55
34.93 107.95 12.70
4.45
6.35
13.97
AD
1.375
4.75
0.50
0.175
0.25
0.55
34.93 120.65 12.70
4.45
6.35
13.97
AE
1.375
5.25
0.50
0.175
0.25
0.55
34.93 133.35 12.70
4.45
6.35
13.97
AF
1.375
5.75
0.50
0.175
0.25
0.55
34.93 146.05 12.70
4.45
6.35
13.97
EA
1.75
2.25
0.70
0.375
0.35
0.90
44.45
57.15
17.78
9.53
8.89
22.86
EH
1.75
2.75
0.70
0.375
0.35
0.90
44.45
69.85
17.78
9.53
8.89
22.86
EB
1.75
3.25
0.70
0.375
0.35
0.90
44.45
82.55
17.78
9.53
8.89
22.86
EJ
1.75
3.75
0.70
0.375
0.35
0.90
44.45
95.25
17.78
9.53
8.89
22.86
EC
1.75
4.25
0.70
0.375
0.35
0.90
44.45 107.95 17.78
9.53
8.89
22.86
ED
1.75
4.75
0.70
0.375
0.35
0.90
44.45 120.65 17.78
9.53
8.89
22.86
EE
1.75
5.25
0.70
0.375
0.35
0.90
44.45 133.35 17.78
9.53
8.89
22.86
EF
1.75
5.75
0.70
0.375
0.35
0.90
44.45 146.05 17.78
9.53
8.89
22.86
BA
2.00
2.25
0.80
0.425
0.40
1.00
50.80
57.15
20.32
10.80
10.16
25.40
BH
2.00
2.75
0.80
0.425
0.40
1.00
50.80
69.85
20.32
10.80
10.16
25.40
BB
2.00
3.25
0.80
0.425
0.40
1.00
50.80
82.55
20.32
10.80
10.16
25.40
BJ
2.00
3.75
0.80
0.425
0.40
1.00
50.80
95.25
20.32
10.80
10.16
25.40
BC
2.00
4.25
0.80
0.425
0.40
1.00
50.80 107.95 20.32
10.80
10.16
25.40
BD
2.00
4.75
0.80
0.425
0.40
1.00
50.80 120.65 20.32
10.80
10.16
25.40
BE
2.00
5.25
0.80
0.425
0.40
1.00
50.80 133.25 20.32
10.80
10.16
25.40
BF
2.00
5.75
0.80
0.425
0.40
1.00
50.80 146.05 20.32
10.80
10.16
25.40
Typical Performance Curves


Similar Part No. - 4CMC843M035AE8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
4CMC843M035AE8 CDE-4CMC843M035AE8 Datasheet
484Kb / 7P
   Type 4CMC 85 째C, High-Cap, Radial Leaded, Aluminum Electrolytic
More results

Similar Description - 4CMC843M035AE8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
4CMC333M016AK8 CDE-4CMC333M016AK8 Datasheet
484Kb / 7P
   Type 4CMC 85 째C, High-Cap, Radial Leaded, Aluminum Electrolytic
logo
List of Unclassifed Man...
VPR881U6R3E1A ETC2-VPR881U6R3E1A Datasheet
157Kb / 4P
   Radial Leaded Aluminum Electrolytic
logo
Cornell Dubilier Electr...
VPR881U6R3E1A CDE-VPR881U6R3E1A Datasheet
157Kb / 4P
   Radial Leaded Aluminum Electrolytic
logo
AVX Corporation
REF AVX-REF Datasheet
519Kb / 7P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1A101B PANASONIC-EEU-FR1A101B Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REH AVX-REH Datasheet
500Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1E331 PANASONIC-EEU-FR1E331 Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REA AVX-REA Datasheet
410Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Cornell Dubilier Electr...
SS220M6R3ST CDE-SS220M6R3ST_14 Datasheet
330Kb / 4P
   Radial Leaded, General Purpose Aluminum Electrolytic
SN330M6R3ST CDE-SN330M6R3ST_14 Datasheet
543Kb / 4P
   Radial Leaded Non-Polar Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com