Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTGN432P Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # RTGN432P
Description  TRANSISTOR WITH RESISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RTGN432P Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  RTGN432P Datasheet HTML 1Page - Isahaya Electronics Corporation RTGN432P Datasheet HTML 2Page - Isahaya Electronics Corporation RTGN432P Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMALL-SIGNAL TRANSISTOR〉
RTGN432P
TRANSISTOR WITH RESISTOR
FOR SWITHING APPLICATION
SILICON NPN EPITAXIAL TYPE
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Limits
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
I
CBO
Collector cut off current
V
CB=40V,IE=0
0.1
uA
V
OL
Output voltage
VI=5V,I
C=200mA
0.2
V
V
IL
Input voltage (OFF)
V
CE=5V,IC=100μA
0.3
V
hFE1
DC forward current gain
V
CE=2V,IC=0.1A
200
hFE2
DC forward current gain
V
CE=2V,IC=0.5A
300
hFE3
DC forward current gain
V
CE=2V,IC=1A
200
R
1
Input resistor
3.29
4.70
6.11
R
2
Emitter – Base resistor
7
10
13
ISAHAYA ELECTRONICS CORPORATION


Similar Part No. - RTGN432P

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RTGN426AP ISAHAYA-RTGN426AP Datasheet
167Kb / 4P
   TRANSISTOR WITH RESISTOR FOR SWITHING APPLICATION SILICON NPN EPITAXIAL TYPE
More results

Similar Description - RTGN432P

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT5N141C ISAHAYA-RT5N141C Datasheet
60Kb / 3P
   Transistor With Resistor
RT6N140C ISAHAYA-RT6N140C Datasheet
135Kb / 3P
   TRANSISTOR WITH RESISTOR
RT5P430C ISAHAYA-RT5P430C Datasheet
55Kb / 3P
   Transistor With Resistor
RT4N631C ISAHAYA-RT4N631C Datasheet
135Kb / 3P
   TRANSISTOR WITH RESISTOR
RT5P14BC ISAHAYA-RT5P14BC Datasheet
50Kb / 3P
   Transistor With Resistor
RT5P141C ISAHAYA-RT5P141C Datasheet
60Kb / 3P
   Transistor With Resistor
RT5P230C ISAHAYA-RT5P230C Datasheet
126Kb / 3P
   Transistor With Resistor
RT5N431C ISAHAYA-RT5N431C Datasheet
57Kb / 3P
   Transistor With Resistor
RT3N22M ISAHAYA-RT3N22M Datasheet
58Kb / 3P
   Compound Transistor With Resistor
RT3N33M ISAHAYA-RT3N33M Datasheet
57Kb / 3P
   Composite Transistor With Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com