Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC326SP16AKP-12LF Datasheet(PDF) 8 Page - Emerging Memory & Logic Solutions Inc

Part # EMC326SP16AKP-12LF
Description  2Mx16 bit CellularRAM AD-MUX
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC326SP16AKP-12LF Datasheet(HTML) 8 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC326SP16AKP-12LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKP-12LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKP-12LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKP-12LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKP-12LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKP-12LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKP-12LF Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKP-12LF Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKP-12LF Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
EMC326SP16AK
2Mx16 CellularRAM AD-MUX
8
Preliminary
Table 2: BUS OPERATIONS
Note:
1. With burst mode enabled, CLK must be static(HIGH or LOW) during asynchronous READs and asynchronous WRITEs and to achieve standby power
during standby mode.
2. The WAIT polarity is configured through the bus configuration register (BCR[10]).
3. When LB# and UB# are in select mode (LOW), DQ[15:0] are enabled. When only LB# is in select mode, DQ[7:0] are enabled. When only UB# is
in the select mode, DQ[15:8] are enabled.
4. The device will consume active power in this mode whenever addresses are changed.
5. When the device is in standby mode, address inputs and data inputs/outputs are internally isolated from any external influence.
6. VIN = VCCQ or 0V; all device pins must be static (unswitched) in order to achieve standby current.
7. When the BCR is configured for sync mode, sync READ and WRITE, and async WRITE are supported by EMLSI
8. Burst mode operation is initialized through the bus configuration register (BCR[15]).
9. Initial cycle. Following cycles are the same as BURST CONTINUE. CE# must stay LOW for the equivalent of a single-word burst (as indicated
by WAIT).
Asynchfonous Mode
BCR[15]=1
Power
CLK ADV#
CE#
OE#
WE#
CRE
UB#/
LB#
WAIT2
DQ[15:0]
Notes
Read
Active
X
L
L
H
L
L
Low-z
Data out
4
Write
Active
X
L
X
L
L
L
High-z
Data in
4
Standby
Standby
H or L
X
H
X
X
L
X
High-z
High-z
5, 6
No operation
Idle
X
X
L
X
X
L
X
Low-z
X
4, 6
Configuration register
write
Active
X
L
H
L
H
X
Low-z
High-z
Configuration register
read
Active
X
L
L
H
H
L
Low-z
Config.
Reg.out
Burst Mode
BCR[15]=0
Power
CLK ADV#
CE#
OE#
WE#
CRE
UB#/
LB#
WAIT
DQ[15:0]
Notes
Async read
Active
H or L
L
L
H
L
L
Low-z
Data out
4, 7
Async write
Active
H or L
L
X
L
L
L
Low-z
Data in
4
Standby
Standby
H or L
X
H
X
X
L
X
High-z
High-z
5, 6
No operation
Idle
H or L
X
L
X
X
L
X
Low-z
X
4, 6
Initial burst read
Active
L
L
X
H
L
L
Low-z
Address
4, 8
Initial burst write
Active
L
L
H
L
L
X
Low-z
Address
4, 8
Burst continue
Active
H
L
X
X
X
L
Low-z
Data out
or
Data in
4, 8
Configuration register
write
Active
L
L
H
L
H
X
Low-z
High-z
8, 9
Configuration register
read
Active
L
L
L
H
H
L
Low-z
Config.
Reg.out
8, 9


Similar Part No. - EMC326SP16AKP-12LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMC326SP16AJ EMLSI-EMC326SP16AJ Datasheet
612Kb / 64P
   2Mx16 bit CellularRAM
EMC326SP16AJ-10L EMLSI-EMC326SP16AJ-10L Datasheet
612Kb / 64P
   2Mx16 bit CellularRAM
EMC326SP16AJ-10LF EMLSI-EMC326SP16AJ-10LF Datasheet
612Kb / 64P
   2Mx16 bit CellularRAM
EMC326SP16AJ-10LL EMLSI-EMC326SP16AJ-10LL Datasheet
612Kb / 64P
   2Mx16 bit CellularRAM
EMC326SP16AJ-12L EMLSI-EMC326SP16AJ-12L Datasheet
612Kb / 64P
   2Mx16 bit CellularRAM
More results

Similar Description - EMC326SP16AKP-12LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMC646SP16K EMLSI-EMC646SP16K Datasheet
507Kb / 52P
   4Mx16 bit CellularRAM AD-MUX
EMC326SP16AJ EMLSI-EMC326SP16AJ Datasheet
612Kb / 64P
   2Mx16 bit CellularRAM
EMC646SP16J EMLSI-EMC646SP16J Datasheet
602Kb / 65P
   4Mx16 bit CellularRAM
logo
Analog Devices
AD7570 AD-AD7570_15 Datasheet
3Mb / 12P
   10-Bit Monolithic AD Converter
logo
Asahi Kasei Microsystem...
AK5482 AKM-AK5482 Datasheet
73Kb / 13P
   10 BIT 20MHZ AD CONVERTER
logo
List of Unclassifed Man...
AD7819YR-REEL7 ETC2-AD7819YR-REEL7 Datasheet
34Kb / 1P
   8-BIT SAMPLING AD CONVERTER
logo
Analog Devices
AD574AJN AD-AD574AJN Datasheet
781Kb / 12P
   Complete 12-bit AD Converter
REV. B
logo
KODENSHI_AUK CORP.
TPSMD02-1 KODENSHI-TPSMD02-1 Datasheet
233Kb / 2P
   AD converter bit count 10Bit
logo
Samsung semiconductor
KM23V32005BG SAMSUNG-KM23V32005BG Datasheet
87Kb / 5P
   32M-Bit (4Mx8/2Mx16) COMS MASK ROM
K1S321615M SAMSUNG-K1S321615M Datasheet
239Kb / 12P
   2Mx16 bit Uni-Transistor Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com