Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM782SP16A-45L Datasheet(PDF) 8 Page - Emerging Memory & Logic Solutions Inc

Part # EM782SP16A-45L
Description  512K x 16Bit Multiplexed Single Transistor RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM782SP16A-45L Datasheet(HTML) 8 Page - Emerging Memory & Logic Solutions Inc

Back Button EM782SP16A-45L Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM782SP16A-45L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM782SP16A-45L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM782SP16A-45L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM782SP16A-45L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM782SP16A-45L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM782SP16A-45L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM782SP16A-45L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM782SP16A-45L Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
EM782SP16A
512Kx16 Multiplexed STRAM
8
TIMING WAVEFORM OF WRITE CYCLE (2) (OE = VIH)
Write Access
The write access is initiated by applying the address to the multiplexed address/data bus or to the address bus over A15
(A16 -> Axx). When the address is stable, the device chip select(CS) is set active low. At point A, the AVD signal is taken
low and the latch becomes transparent. This allows the address to be propagated to the memory array. The address is
stable at the rising edge of the AVD signal. The AVD signal goes high at point B in which the address latch is completed.
At this point, the second stage of the write process is entered. Data is input to the multiplexed address/data bus. The WE
signal is set low and control signal UB and LB are set according to the access.
tAVD
tAVDS
tAVDH
Address Valid
Data Valid
tDH
tACW2
tCSS
tBW
C
B
A
AVD
WE
CS
UB, LB
Address/Data
tDW
tWRL
TIMING WAVEFORM OF WRITE CYCLE (1) (OE = VIH)
tAVD
tACW1
tAVDS
tAVDH
Address Valid
Data Valid
tDH
tACW2
tCSS
tACW3
tBW
C
B
A
AVD
WE
CS
UB, LB
Address/Data
tDW
tWRL
NOTES (WRITE CYCLE)
1. A write occurs during the overlap(tWRL) of low CS, low WE and low UB or LB. A write begins at the last transition among low CS and
low WE with asserting UB or LB low for single byte operation or simultaneously asserting UB and LB low for word operation. A write
ends at the earliest transition among high CS and high WE. The tWRL is measured from the beginning of write to the end of write.


Similar Part No. - EM782SP16A-45L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM780FP16AS-45LF EMLSI-EM780FP16AS-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM780FP16AS-45LL EMLSI-EM780FP16AS-45LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM780FP16AS-70LF EMLSI-EM780FP16AS-70LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM780FP16AS-70LL EMLSI-EM780FP16AS-70LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM780FP16AW-45LF EMLSI-EM780FP16AW-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM782SP16A-45L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM742SP16 EMLSI-EM742SP16 Datasheet
392Kb / 10P
   256K x 16Bit Multiplexed Single Transistor RAM
EM7162SP16AW EMLSI-EM7162SP16AW Datasheet
428Kb / 11P
   1M x 16Bit Multiplexed Single Transistor RAM
logo
Elite Semiconductor Mem...
M12L16161A2Q ESMT-M12L16161A2Q Datasheet
708Kb / 28P
   512K x 16Bit x 2Banks
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A Datasheet
871Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M52D16161A ESMT-M52D16161A Datasheet
756Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_1 Datasheet
703Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com