Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMP216MEAW Datasheet(PDF) 4 Page - Emerging Memory & Logic Solutions Inc

Part # EMP216MEAW
Description  2Mx16 Pseudo Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMP216MEAW Datasheet(HTML) 4 Page - Emerging Memory & Logic Solutions Inc

  EMP216MEAW Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EMP216MEAW Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EMP216MEAW Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EMP216MEAW Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EMP216MEAW Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EMP216MEAW Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMP216MEAW Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMP216MEAW Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMP216MEAW Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
EMP216MEAW Series
2Mx16 Pseudo Static RAM
Preliminary
Rev 0.0
ABSOLUTE MAXIMUM RATINGS 1)
1. Stresses greater than those listed above “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
2. Undershoot at power-off : -1.0V in case of pulse width < 20ns
Parameter
Symbol
Ratings
Unit
Voltage on Any Pin Relative to Vss
VIN, VOUT
-0.2 to VCCQ+0.3V
V
Voltage on Vcc supply relative to Vss
VCC, VCCQ
-0.22) to 3.6V
V
Power Dissipation
PD
1.0
W
Storage Temperature
TSTG
-65 to 150
oC
Operating Temperature
TA
-25 to 85
oC
FUNCTIONAL DESCRIPTION
Note: X means don’t care. (Must be low or high state)
CS#
ZZ#
OE# WE#
LB# UB#
DQ0~7
DQ8~15
Mode
Power
H
H
X
X
X
X
High-Z
High-Z
Deselected
Stand by
H
L
X
X
X
X
High-Z
High-Z
Deselected
Low Power Mode
X
H
X
X
H
H
High-Z
High-Z
Deselected
Stand by
L
H
H
H
L
X
High-Z
High-Z
Output Disabled
Active
L
H
H
H
X
L
High-Z
High-Z
Output Disabled
Active
L
H
L
H
L
H
Data Out
High-Z
Lower Byte Read
Active
L
H
L
H
H
L
High-Z
Data Out
Upper Byte Read
Active
L
H
L
H
L
L
Data Out
Data Out
Word Read
Active
L
H
X
L
L
H
Data In
High-Z
Lower Byte Write
Active
L
H
X
L
H
L
High-Z
Data In
Upper Byte Write
Active
L
H
X
L
L
L
Data In
Data In
Word Write
Active


Similar Part No. - EMP216MEAW

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMP216MEAF EMLSI-EMP216MEAF Datasheet
621Kb / 15P
   2Mx16 Pseudo Static RAM
EMP216MEAF-70E EMLSI-EMP216MEAF-70E Datasheet
621Kb / 15P
   2Mx16 Pseudo Static RAM
More results

Similar Description - EMP216MEAW

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMP216MFAW EMLSI-EMP216MFAW Datasheet
422Kb / 11P
   2Mx16 Pseudo Static RAM
EMP216MAAF EMLSI-EMP216MAAF Datasheet
471Kb / 11P
   2Mx16 Pseudo Static RAM
EMP216MEAF EMLSI-EMP216MEAF Datasheet
621Kb / 15P
   2Mx16 Pseudo Static RAM
EMP216MGAF EMLSI-EMP216MGAF Datasheet
551Kb / 13P
   2Mx16 Pseudo Static RAM
EMP216MFAF EMLSI-EMP216MFAF Datasheet
504Kb / 12P
   2Mx16 Pseudo Static RAM
EMP216MAAW EMLSI-EMP216MAAW Datasheet
388Kb / 10P
   2Mx16 Pseudo Static RAM
EMP216MGAW EMLSI-EMP216MGAW Datasheet
468Kb / 12P
   2Mx16 Pseudo Static RAM
EMP116MAAF EMLSI-EMP116MAAF Datasheet
471Kb / 11P
   1Mx16 Pseudo Static RAM
EMP116MEAW EMLSI-EMP116MEAW Datasheet
539Kb / 14P
   1Mx16 Pseudo Static RAM
EMP116MFAW EMLSI-EMP116MFAW Datasheet
422Kb / 11P
   1Mx16 Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com