Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM782SP16A-90LL Datasheet(PDF) 4 Page - Emerging Memory & Logic Solutions Inc

Part # EM782SP16A-90LL
Description  512K x 16Bit Multiplexed Single Transistor RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM782SP16A-90LL Datasheet(HTML) 4 Page - Emerging Memory & Logic Solutions Inc

  EM782SP16A-90LL Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM782SP16A-90LL Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM782SP16A-90LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM782SP16A-90LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM782SP16A-90LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM782SP16A-90LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM782SP16A-90LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM782SP16A-90LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM782SP16A-90LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
EM782SP16A
512Kx16 Multiplexed STRAM
4
DC AND OPERATING CHARACTERISTICS
1. Maximum Icc specifications are tested with VCC = VCCmax.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input leakage current
ILI
VIN=VSS to VCCQ , VCC=VCCmax
-1
-
1
uA
Output leakage current
ILO
CS=VIH or OE=VIH or WE=VIL ,
VIO=VSS to VCCQ , VCC=VCCmax
-1
-
1
uA
Average operating current
ICC1
Cycle time=1
µs, 100% duty, IIO=0mA,
CS<0.2V, VIN<0.2V or VIN>VCCQ-0.2V
-
-
3
mA
ICC2
Cycle time = Min, IIO=0mA, 100% duty,
CS=VIL, VIN=VIL or VIH
-
-
25
mA
Output low voltage
VOL
IOL = 0.1mA, VCC=VCCmin
-
-
0.1
V
Output high voltage
VOH
IOH = -0.1mA, VCC=VCCmin
VCCQ-0.1
-
-
V
Standby Current (CMOS)
ISB1
CS>VCCQ-0.2V, Other inputs = 0 ~ VCCQ
(Typ. condition : VCC=1.8V @ 25oC)
(Max. condition : VCC=1.9V @ 85oC)
LL
-
-
60
uA
RECOMMENDED DC OPERATING CONDITIONS 1)
1. TA= -25 to 85oC, otherwise specified
2. Overshoot: VCC +1.0 V in case of pulse width < 20ns
3. Undershoot: -1.0 V in case of pulse width < 20ns
4. Overshoot and undershoot are sampled, not 100% tested
.
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
1.7
1.8
1.9
V
VCCQ
1.7
1.8
1.9
V
Ground
VSS, VSSQ
0
0
0
V
Input high voltage
VIH
VCCQ - 0.4
-
VCCQ + 0.22)
V
Input low voltage
VIL
-0.23)
-
0.4
V
CAPACITANCE1) (f =1MHz, TA=25oC)
1. Capacitance is sampled, not 100% tested
Item
Symbol
Test Condition
Min
Max
Unit
Input capacitance
CIN
VIN=0V
-
8
pF
Input/Output capacitance
CIO
VIO=0V
-
10
pF


Similar Part No. - EM782SP16A-90LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM780FP16AS-45LF EMLSI-EM780FP16AS-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM780FP16AS-45LL EMLSI-EM780FP16AS-45LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM780FP16AS-70LF EMLSI-EM780FP16AS-70LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM780FP16AS-70LL EMLSI-EM780FP16AS-70LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM780FP16AW-45LF EMLSI-EM780FP16AW-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM782SP16A-90LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM742SP16 EMLSI-EM742SP16 Datasheet
392Kb / 10P
   256K x 16Bit Multiplexed Single Transistor RAM
EM7162SP16AW EMLSI-EM7162SP16AW Datasheet
428Kb / 11P
   1M x 16Bit Multiplexed Single Transistor RAM
logo
Elite Semiconductor Mem...
M12L16161A2Q ESMT-M12L16161A2Q Datasheet
708Kb / 28P
   512K x 16Bit x 2Banks
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A Datasheet
871Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M52D16161A ESMT-M52D16161A Datasheet
756Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_1 Datasheet
703Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com