Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMS132AF-75E Datasheet(PDF) 1 Page - Emerging Memory & Logic Solutions Inc

Part # RMS132AF-75E
Description  512K x 32Bits x 2Banks Low Power Synchronous DRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMS132AF-75E Datasheet(HTML) 1 Page - Emerging Memory & Logic Solutions Inc

  RMS132AF-75E Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc RMS132AF-75E Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc RMS132AF-75E Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc RMS132AF-75E Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc RMS132AF-75E Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc RMS132AF-75E Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc RMS132AF-75E Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc RMS132AF-75E Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc RMS132AF-75E Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Advance Information
The specifications of this device are subject to change without notice. For latest documentation see http://www.emlsi.com.
1
RMS132AW
512K x 32Bits x 2Banks Low Power Synchronous DRAM
Description
These RMS132AW are low power 33,554,432 bits CMOS Synchronous DRAM organized as 2 banks of 524,288 words x 32 bits. These
products are offering fully synchronous operation and are referenced to a positive edge of the clock. All inputs and outputs are
synchronized with the rising edge of the clock input. The data paths are internally pipelined to achieve very high bandwidth. All input
and output voltage levels are compatible with LVCMOS.
Table1: Ordering Information
JEDEC standard 3.0V/3.3V power supply.
• Auto refresh and self refresh.
• All pins are compatible with LVCMOS interface.
• 4K refresh cycle / 64ms.
• Programmable Burst Length and Burst Type.
- 1, 2, 4, 8 or Full Page for Sequential Burst.
- 4 or 8 for Interleave Burst.
• Programmable CAS Latency : 2,3 clocks.
• Programmable Driver Strength Control
- Full Strength or 1/2, 1/4 of Full Strength
• Deep Power Down Mode.
• All inputs and outputs referenced to the positive edge of the
system clock.
• Data mask function by DQM.
• Internal dual banks operation.
• Burst Read Single Write operation.
• Special Function Support.
- PASR(Partial Array Self Refresh)
- Auto TCSR(Temperature Compensated Self Refresh)
• Automatic precharge, includes CONCURRENT Auto Precharge
Mode and controlled Precharge.
Features
-25°C to 85°C
Temperature
Wafer
LVCMOS
3.0V/3.0V
or
3.3V/3.3V
133 MHz
RMS132AW-75E
Package
Interface
VDD/VDDQ
Clock Freq.
Part No.
Emerging Memory & Logic Solutions Inc.
4F Korea Construction Financial Cooperative B/D, 301-1 Yeon-Dong, Jeju-Si, Jeju-Do, Rep.of Korea Zip Code : 690-717
Tel : +82-64-740-1700 Fax : +82-64-740-1749~1750 / Homepage : www.emlsi.com


Similar Part No. - RMS132AF-75E

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
RMS132UAF-10E EMLSI-RMS132UAF-10E Datasheet
239Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
RMS132UAF-6E EMLSI-RMS132UAF-6E Datasheet
239Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
RMS132UAF-75E EMLSI-RMS132UAF-75E Datasheet
239Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
RMS132UAW EMLSI-RMS132UAW Datasheet
239Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
RMS132UAW-10E EMLSI-RMS132UAW-10E Datasheet
239Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
More results

Similar Description - RMS132AF-75E

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
RMS132UAW EMLSI-RMS132UAW Datasheet
239Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
logo
Integrated Silicon Solu...
IS42VM32100D-6BLI ISSI-IS42VM32100D-6BLI Datasheet
846Kb / 34P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
IS42VM32200G ISSI-IS42VM32200G Datasheet
284Kb / 27P
   512K x 32Bits x 4Banks Low Power Synchronous DRAM
IS42SM32200G ISSI-IS42SM32200G Datasheet
267Kb / 27P
   512K x 32Bits x 4Banks Low Power Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M52D32321A ESMT-M52D32321A Datasheet
690Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com