Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMS132AF-6E Datasheet(PDF) 3 Page - Emerging Memory & Logic Solutions Inc

Part # RMS132AF-6E
Description  512K x 32Bits x 2Banks Low Power Synchronous DRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMS132AF-6E Datasheet(HTML) 3 Page - Emerging Memory & Logic Solutions Inc

  RMS132AF-6E Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc RMS132AF-6E Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc RMS132AF-6E Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc RMS132AF-6E Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc RMS132AF-6E Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc RMS132AF-6E Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc RMS132AF-6E Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc RMS132AF-6E Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc RMS132AF-6E Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Advance Information
The specifications of this device are subject to change without notice. For latest documentation see http://www.emlsi.com.
3
RMS132AW
Table3: Pin Descriptions
No connection.
No Connection
NC
Power supply for output buffers.
Data Output Power/Ground
VDDQ/VSSQ
Power supply for internal circuits and input buffers.
Power Supply/Ground
VDD/VSS
Multiplexed data input/output pin.
Data Input/Output
DQ0~DQ31
Controls output buffers in read mode and masks input data in
write mode.
Data Input/Output Mask
DQM0~DQM3
RAS, CAS and WE define the operation.
Refer function truth table for details.
Row Address Strobe,
Column Address Strobe,
Write Enable
/RAS, /CAS, /WE
Row Address
: RA0~RA10
Column Address
: CA0~CA7
Auto Precharge
: A10
Address
A0~A10
Selects bank to be activated during RAS activity.
Selects bank to be read/written during CAS activity.
Bank Address
BA
Enable or disable all inputs except CLK, CKE and DQM.
Chip Select
/CS
Controls internal clock signal and when deactivated, the SDRAM
will be one of the states among power down, suspend or self
refresh.
Clock Enable
CKE
The system clock input. All other inputs are registered to the
SDRAM on the rising edge CLK.
System Clock
CLK
Descriptions
Pin Name
Pin


Similar Part No. - RMS132AF-6E

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
RMS132UAF-10E EMLSI-RMS132UAF-10E Datasheet
239Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
RMS132UAF-6E EMLSI-RMS132UAF-6E Datasheet
239Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
RMS132UAF-75E EMLSI-RMS132UAF-75E Datasheet
239Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
RMS132UAW EMLSI-RMS132UAW Datasheet
239Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
RMS132UAW-10E EMLSI-RMS132UAW-10E Datasheet
239Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
More results

Similar Description - RMS132AF-6E

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
RMS132UAW EMLSI-RMS132UAW Datasheet
239Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
logo
Integrated Silicon Solu...
IS42VM32100D-6BLI ISSI-IS42VM32100D-6BLI Datasheet
846Kb / 34P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
IS42VM32200G ISSI-IS42VM32200G Datasheet
284Kb / 27P
   512K x 32Bits x 4Banks Low Power Synchronous DRAM
IS42SM32200G ISSI-IS42SM32200G Datasheet
267Kb / 27P
   512K x 32Bits x 4Banks Low Power Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M52D32321A ESMT-M52D32321A Datasheet
690Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com