Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT3XBBM Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # RT3XBBM
Description  Composite Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3XBBM Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  RT3XBBM Datasheet HTML 1Page - Isahaya Electronics Corporation RT3XBBM Datasheet HTML 2Page - Isahaya Electronics Corporation RT3XBBM Datasheet HTML 3Page - Isahaya Electronics Corporation RT3XBBM Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RT3XBBM
Composite Transistor
For Muting Application
Silicon NPN Epitaxial Type
TYPICAL CHARACTERISTICS (Tr1、Tr2)
Electrical characteristics(Ta=25℃)
Limits
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
V
CBO
Collector-base breakdown voltage
C=50μA , IE=0mA
40
V
VEBO
Emitter-base breakdown voltage
IE=50μA , C=0mA
40
V
VCEO
Collector-emitter breakdown voltage
IC=1mA , RBE=∞
20
V
ICBO
Collector cutoff current
VCB=40V , IE=0mA
0.5
μA
IEBO
Emitter cutoff current
V
EB=40V , IC=0mA
0.5
μA
FE
DC current transfer ratio
VCE=5V , IC=-10mA
820
2500
-
VCE(sat)
Collector-emitter saturation voltage
IC=10mA , IB=0.5mA
10
mV
R1
Input resistance
-
7
10
13
fT
Transition frequency
V
CE=10V, I E=-10mA, f=100MHz
35
MHz
Ron
Output On-resistance
V
I=7V, f=1MHz
0.94
Ω
ISAHAYA ELECTRONICS CORPORATION
INPUT ON VOLTAGE
VS. COLLECTOR CURRENT
0.1
1
10
100
0.1
1
10
100
1000
COLLECTOR CURRENT IC (mA)
VCE=0.2V
Ta=-40℃
25℃
75℃
COLLECTOR CURRENT
VS. INPUT OFF VOLTAGE
10
100
1000
0
0.2
0.4
0.6
0.8
1
INPUT OFF VOLTAGE VI(OFF) (V)
VCE=5V
Ta=-40℃
25℃
75℃


Similar Part No. - RT3XBBM

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3X99M ISAHAYA-RT3X99M Datasheet
140Kb / 4P
   Composite Transistor
RT3XAAM ISAHAYA-RT3XAAM Datasheet
139Kb / 4P
   Composite Transistor
More results

Similar Description - RT3XBBM

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3AMMM ISAHAYA-RT3AMMM Datasheet
138Kb / 4P
   Composite Transistor
RT3K11M ISAHAYA-RT3K11M Datasheet
147Kb / 4P
   Composite Transistor
RT3Y97M ISAHAYA-RT3Y97M Datasheet
143Kb / 4P
   Composite Transistor
RT3J33M ISAHAYA-RT3J33M Datasheet
147Kb / 4P
   Composite Transistor
RT3U11M ISAHAYA-RT3U11M Datasheet
169Kb / 5P
   Composite Transistor
RT3U22M ISAHAYA-RT3U22M Datasheet
170Kb / 5P
   Composite Transistor
RT3J22M ISAHAYA-RT3J22M Datasheet
147Kb / 4P
   Composite Transistor
RT3K22M ISAHAYA-RT3K22M Datasheet
146Kb / 4P
   Composite Transistor
RT3X99M ISAHAYA-RT3X99M Datasheet
140Kb / 4P
   Composite Transistor
RT3YA7M ISAHAYA-RT3YA7M Datasheet
129Kb / 3P
   Composite Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com