Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC326SP16AKZ-55LL Datasheet(PDF) 6 Page - Emerging Memory & Logic Solutions Inc

Part # EMC326SP16AKZ-55LL
Description  2Mx16 bit CellularRAM AD-MUX
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC326SP16AKZ-55LL Datasheet(HTML) 6 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC326SP16AKZ-55LL Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKZ-55LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKZ-55LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKZ-55LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKZ-55LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKZ-55LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKZ-55LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKZ-55LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKZ-55LL Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
EMC326SP16AK
2Mx16 CellularRAM AD-MUX
6
Preliminary
GENERAL DESCRIPTION
32Mb CellularRAM products are high-speed, CMOS pseudo-static random access memory developed for low-power, portable
applications. The 32Mb CellularRAM device has a DRAM core organized as 2 Meg x 16 bits. These devices are a variation of the
industry-standard Flash control interface, with a multiplexed address/data bus. The multiplexed address and data functionality
dramatically reduce the required signal count, and increases read/write bandwidth. For seamless operation on a burst Flash bus,
32Mb CellularRAM products incorporate a transparent self refresh mechanism. The hidden refresh requires no additional support
from the system memory controller and has no significant impact on device READ/WRITE performance. Two user accessible control
registers define device operation. The bus configuration register (BCR) defines how the 32Mb CellularRAM device interacts with the
system memory bus and is nearly identical to its counterpart on burst mode Flash devices. The refresh configuration register (RCR) is
used to control how refresh is performed on the DRAM array. These registers are automatically loaded with default settings during
power-up and can be updated anytime during normal operation. Special attention has been focused on standby current consumption
during self refresh. 32Mb CellularRAM products include two mechanisms to minimize standby current. Partial array refresh (PAR)
enables the system to limit refresh to only that part of the DRAM array that contains essential data. Temperature compensated self
refresh (TCSR) uses an onchip sensor to adjust the refresh rate to match the device temperature-the refresh rate decreases at lower
temperatures to minimize current consumption during standby. The system configurable refresh mechanisms are accessed through
the RCR. This 32Mb CellularRAM specification defines the industry-standard CellularRAM1.5 x16 A/D Mux feature set established by
the CellularRAM Workgroup. It includes support for both variable and fixed latency, with three output-device drive-strength settings, a
variety of wrap options, and a device ID register (DIDR).
Figure 1: FUNTIONAL BLOCK DIAGRAM - 2 meg x 16
Note: Functional block diagrams illustrate simplified device operation. See pin descriptions; Bus operations table; and timing diagrams for detailed
information.
Control
Logic
CLK
CE#
WE#
OE#
ADV#
CRE
LB#
UB#
WAIT
Address Decode
Logic
Refresh Configuration
Register (RCR)
Device ID Register
(DIDR)
Bus Configuration
Register (BCR)
2,048K x 16
DRAM
MEMORY
ARRAY
Input
Output
MUX
and
Buffers
A/DQ[7:0]
A/DQ[15:8]
A[20:16]
External
Internal


Similar Part No. - EMC326SP16AKZ-55LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMC326SP16AJ EMLSI-EMC326SP16AJ Datasheet
612Kb / 64P
   2Mx16 bit CellularRAM
EMC326SP16AJ-10L EMLSI-EMC326SP16AJ-10L Datasheet
612Kb / 64P
   2Mx16 bit CellularRAM
EMC326SP16AJ-10LF EMLSI-EMC326SP16AJ-10LF Datasheet
612Kb / 64P
   2Mx16 bit CellularRAM
EMC326SP16AJ-10LL EMLSI-EMC326SP16AJ-10LL Datasheet
612Kb / 64P
   2Mx16 bit CellularRAM
EMC326SP16AJ-12L EMLSI-EMC326SP16AJ-12L Datasheet
612Kb / 64P
   2Mx16 bit CellularRAM
More results

Similar Description - EMC326SP16AKZ-55LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMC646SP16K EMLSI-EMC646SP16K Datasheet
507Kb / 52P
   4Mx16 bit CellularRAM AD-MUX
EMC326SP16AJ EMLSI-EMC326SP16AJ Datasheet
612Kb / 64P
   2Mx16 bit CellularRAM
EMC646SP16J EMLSI-EMC646SP16J Datasheet
602Kb / 65P
   4Mx16 bit CellularRAM
logo
Analog Devices
AD7570 AD-AD7570_15 Datasheet
3Mb / 12P
   10-Bit Monolithic AD Converter
logo
Asahi Kasei Microsystem...
AK5482 AKM-AK5482 Datasheet
73Kb / 13P
   10 BIT 20MHZ AD CONVERTER
logo
List of Unclassifed Man...
AD7819YR-REEL7 ETC2-AD7819YR-REEL7 Datasheet
34Kb / 1P
   8-BIT SAMPLING AD CONVERTER
logo
Analog Devices
AD574AJN AD-AD574AJN Datasheet
781Kb / 12P
   Complete 12-bit AD Converter
REV. B
logo
KODENSHI_AUK CORP.
TPSMD02-1 KODENSHI-TPSMD02-1 Datasheet
233Kb / 2P
   AD converter bit count 10Bit
logo
Samsung semiconductor
KM23V32005BG SAMSUNG-KM23V32005BG Datasheet
87Kb / 5P
   32M-Bit (4Mx8/2Mx16) COMS MASK ROM
K1S321615M SAMSUNG-K1S321615M Datasheet
239Kb / 12P
   2Mx16 bit Uni-Transistor Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com