Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB4395A Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB4395A
Description  CT2 RECEIVER/TRANSMITTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB4395A Datasheet(HTML) 3 Page - STMicroelectronics

  STB4395A Datasheet HTML 1Page - STMicroelectronics STB4395A Datasheet HTML 2Page - STMicroelectronics STB4395A Datasheet HTML 3Page - STMicroelectronics STB4395A Datasheet HTML 4Page - STMicroelectronics STB4395A Datasheet HTML 5Page - STMicroelectronics STB4395A Datasheet HTML 6Page - STMicroelectronics STB4395A Datasheet HTML 7Page - STMicroelectronics STB4395A Datasheet HTML 8Page - STMicroelectronics STB4395A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1 - PIN DESCRIPTION
1.1 - Pin Connections
12
13
14
15
16
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
48
38
39
40
41
42
43
44
45
46
47
33
34
35
36
37
7
8
9
10
11
2
3
4
5
6
1
VNIF
VRIF
NDEC
NIF2I
IF2I
DEC
IF2O
NIF2O
VPIF
NSAWO
SAWO
FLTRI
NVCOI
VCOI
VRI
RS SI
S YNCLK
VRO
VCOO
NVCOO
FLTRO
NI
NQ
Q
EN
VNOSC
P RGCLK
PRGD
NTXEN
LOCK
I
NPRGEN
TQFP64
(from a bove )
STB4395
12
13
14
15
16
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
48
38
39
40
41
42
43
44
45
46
47
33
34
35
36
37
7
8
9
10
11
2
3
4
5
6
1
VNIF
VRIF
NDEC
NIF2I
IF2I
DEC
IF2O
NIF2O
VPIF
NSAWO
SAWO
FLTRI
NVCOI
VCOI
VRI
RS SI
S YNCLK
VRO
VCOO
NVCOO
FLTRO
REFIQ
Q
FN
EN
VNOSC
P RGCLK
PRGD
NTXEN
LOCK
I
NPRGEN
TQFP64
(from a bove )
STB4395A
STB4395
3/16


Similar Part No. - STB4395A

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STB432S SAMHOP-STB432S Datasheet
241Kb / 8P
   N-Channel Logic Enhancement Mode Field Effect Transistor
STB434S SAMHOP-STB434S Datasheet
232Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
STMicroelectronics
STB43N60DM2 STMICROELECTRONICS-STB43N60DM2 Datasheet
544Kb / 15P
   N-channel 600 V, 0.085 廓 typ., 34 A MDmesh??DM2 Power MOSFET in a D짼PAK package
July 2015 Rev 1
STB43N65M5 STMICROELECTRONICS-STB43N65M5 Datasheet
561Kb / 16P
   Low gate charge and input capacitance
logo
Inchange Semiconductor ...
STB43N65M5 ISC-STB43N65M5 Datasheet
313Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STB4395A

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1R77081F EPSON-S1R77081F Datasheet
161Kb / 2P
   RSDS Transmitter/Receiver
logo
rfsolutions.ltd
RF620T RFSOLUTIONS-RF620T Datasheet
132Kb / 7P
   SmartRadio Transmitter / Receiver
logo
Logic Fruit Technologie...
JESD204C LFTECH-JESD204C Datasheet
640Kb / 3P
   Transmitter and Receiver
logo
Cypress Semiconductor
CY7B923 CYPRESS-CY7B923_05 Datasheet
805Kb / 33P
   HOTLink Transmitter/Receiver
logo
rfsolutions.ltd
UTR3 RFSOLUTIONS-UTR3 Datasheet
766Kb / 2P
   Ultrasonic Transmitter / Receiver
logo
Cypress Semiconductor
CY7B923 CYPRESS-CY7B923 Datasheet
629Kb / 35P
   HOTLink??Transmitter/Receiver
logo
Logic Fruit Technologie...
JESD204B LFTECH-JESD204B Datasheet
422Kb / 3P
   Transmitter and Receiver
logo
Aeroflex Circuit Techno...
MT25003 AEROFLEX-MT25003 Datasheet
1,001Kb / 24P
   ARINC629 RECEIVER TRANSMITTER
logo
Cypress Semiconductor
CY7B923 CYPRESS-CY7B923_11 Datasheet
1Mb / 40P
   HOTLink짰 Transmitter/Receiver
logo
Mitsubishi Electric Sem...
MF-622DF-T12-43X MITSUBISHI-MF-622DF-T12-43X Datasheet
62Kb / 10P
   SONET/SDH TRANSMITTER & RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com