Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT2N23M Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # RT2N23M
Description  COMPOSITE TRANSISTOR WITH RESISTOR FOR SWITCHING APPLICATION SILICON NPN EPITAXIAL TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT2N23M Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  RT2N23M Datasheet HTML 1Page - Isahaya Electronics Corporation RT2N23M Datasheet HTML 2Page - Isahaya Electronics Corporation RT2N23M Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RT2N23M
COMPOSITE TRANSISTOR WITH RESISTOR
FOR SWITCHING APPLICATION
SILICON NPN EPITAXIAL TYPE
ELECTRICAL CHARACTERISTICS (Ta=25℃)
(RTr1、RTr2)
Limits
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
V(BR)CBO
C to E break down voltage
I C=100μA,RBE=∞
50
-
-
V
ICBO
Collector cut off current
VCB=50V,I E =0
-
-
0.1
μA
hFE
DC forward current gain
VCE=5V,I C=5mA
100
-
-
-
VCE(sat)
C to E saturation voltage
I C=10mA,I B=0.5mA
-
0.1
0.3
V
R1
Input resistor
33
47
61
fT
Gain band width product
VCE=6V,I E=-10mA
200
MHz
TYPICAL CHARACTERISTICS (Tr1、Tr2)
ISAHAYA ELECTRONICS CORPORATION
COLLECTOR CURRENT
VS.INPUT OFF VOLTAGE
10
100
1000
0
0.4
0.8
1.2
1.6
2
INPUT OFF VOLTAGE VI(OFF)(V)
VCE=5V
INPUT ON VOLTAGE
VS.COLLECTOR CURRENT
0.1
1
10
1
10
100
COLLECTOR CURRENT I(mA)
VCE=0.2V
DC FORWARD CURRENT GAIN
VS.COLLECTOR CURRENT
10
100
1000
1
10
100
COLLECTOR CURRENT I
mA)
VCE=5V


Similar Part No. - RT2N23M

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT2N20M ISAHAYA-RT2N20M Datasheet
53Kb / 3P
   COMPOSITE TRANSISTOR WITH RESISTOR FOR SWITCHING APPLICATION SILICON NPN EPITAXIAL TYPE
RT2N21M ISAHAYA-RT2N21M Datasheet
53Kb / 3P
   COMPOSITE TRANSISTOR WITH RESISTOR FOR SWITCHING APPLICATION SILICON NPN EPITAXIAL TYPE
More results

Similar Description - RT2N23M

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT2N12M ISAHAYA-RT2N12M Datasheet
54Kb / 3P
   COMPOSITE TRANSISTOR WITH RESISTOR FOR SWITCHING APPLICATION SILICON NPN EPITAXIAL TYPE
RT2N05M ISAHAYA-RT2N05M Datasheet
58Kb / 3P
   COMPOSITE TRANSISTOR WITH RESISTOR FOR SWITCHING APPLICATION SILICON NPN EPITAXIAL TYPE
RT2N21M ISAHAYA-RT2N21M Datasheet
53Kb / 3P
   COMPOSITE TRANSISTOR WITH RESISTOR FOR SWITCHING APPLICATION SILICON NPN EPITAXIAL TYPE
RT2N09M ISAHAYA-RT2N09M Datasheet
54Kb / 3P
   COMPOSITE TRANSISTOR WITH RESISTOR FOR SWITCHING APPLICATION SILICON NPN EPITAXIAL TYPE
RT2N04M ISAHAYA-RT2N04M Datasheet
57Kb / 3P
   COMPOSITE TRANSISTOR WITH RESISTOR FOR SWITCHING APPLICATION SILICON NPN EPITAXIAL TYPE
RT2N08M ISAHAYA-RT2N08M Datasheet
53Kb / 3P
   COMPOSITE TRANSISTOR WITH RESISTOR FOR SWITCHING APPLICATION SILICON NPN EPITAXIAL TYPE
RT2N07M ISAHAYA-RT2N07M Datasheet
54Kb / 3P
   COMPOSITE TRANSISTOR WITH RESISTOR FOR SWITCHING APPLICATION SILICON NPN EPITAXIAL TYPE
RT2N14M ISAHAYA-RT2N14M Datasheet
54Kb / 3P
   COMPOSITE TRANSISTOR WITH RESISTOR FOR SWITCHING APPLICATION SILICON NPN EPITAXIAL TYPE
RT2N20M ISAHAYA-RT2N20M Datasheet
53Kb / 3P
   COMPOSITE TRANSISTOR WITH RESISTOR FOR SWITCHING APPLICATION SILICON NPN EPITAXIAL TYPE
RT3TBBM ISAHAYA-RT3TBBM Datasheet
182Kb / 4P
   Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com