Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4CMC192M250EA8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 4CMC192M250EA8
Description  High-Cap, Radial Leaded, Aluminum Electrolytic
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4CMC192M250EA8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  4CMC192M250EA8 Datasheet HTML 1Page - List of Unclassifed Manufacturers 4CMC192M250EA8 Datasheet HTML 2Page - List of Unclassifed Manufacturers 4CMC192M250EA8 Datasheet HTML 3Page - List of Unclassifed Manufacturers 4CMC192M250EA8 Datasheet HTML 4Page - List of Unclassifed Manufacturers 4CMC192M250EA8 Datasheet HTML 5Page - List of Unclassifed Manufacturers 4CMC192M250EA8 Datasheet HTML 6Page - List of Unclassifed Manufacturers 4CMC192M250EA8 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 4CMC 85 °C, High-Cap, Radial Leaded, Aluminum Electrolytic
2,000 h at 85 °C and full load
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
3,000 h at 85 ºC with rated voltage
∆ Capacitance ±10%
ESR 200% of limit
DCL 100% of limit
500 h at 85 °C, capacitance, ESR and DCL, initial requirements
10 to 55 Hz, 0.06” and 10 g max, 2 h each plane
The Type 4CMC is the PC-mount version of the high-
capacitance Type DCMC screw-terminal capacitor and
has about 50% more capacitance per can size through
250 V. It’s for bus filtering applications where more
capacitance or smaller can size is important like welders
and energy storage. It’s a much better value than a large
snap-in capacitor. Its extended cathode foil assures cool
operation with heatflow from the capacitor element to
the can in all mounting orientations.
Highlights
• Much better value than large snap-in capacitor
• Ripple Currents to > 50 amps at 55 °C
• 3-leads for reverse proof, strong mounting
• Printed-circuit mounting version of DCMC
• Thermal-Pak™ extended cathode construction
Specifications
Operating Temperature:
Rated Voltage:
Capacitance:
Capacitance Tolerance:
DC Leakage Current:
Cold Impedance:
Ripple Current Multipliers:
EIA Ripple Life:
Life Test:
Shelf Life Test:
Vibration:
Best Value Printed Circuit Mount Type
Frequency
–40 °C to +85 °C
16 to 500 Vdc
210 µF to 420,000 µF ± 20%
± 20%
≤ 6 √CV µA, 6 max, 5 min.
–20 °C multiple of 25 °C Z ≤ 8 for 16 to 50 V,
4 for 63 to 100 V, 3 for 160 V & up
Ambient Temperature
45 °C
55 °C
65 °C
75 °C
85 °C
2.00
2.00
1.73
1.41
1.00
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHk- 10 kHz & up
6.3 to 50 V
0.80
0.85
1.00
1.05
1.08
1.08
1.08
63 to 250 V 0.80
0.83
1.00
1.15
1.20
1.20
1.20
300 to 500
0.78
0.80
1.00
1.30
1.40
1.40
1.40
Complies with the EU Directive 2002/95/EC
requirement restricting the use of Lead (Pb), Mercury
(Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)),
PolyBrominatedBiphenyls(PBB)andPolyBrominated
Diphenyl Ethers (PBDE).


Similar Part No. - 4CMC192M250EA8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
4CMC192M250EA8 CDE-4CMC192M250EA8 Datasheet
484Kb / 7P
   Type 4CMC 85 째C, High-Cap, Radial Leaded, Aluminum Electrolytic
4CMC192M250EA8 CDE-4CMC192M250EA8 Datasheet
514Kb / 5P
   Rugged Value, High-Capacitance 85 째C Board-Mount Type
More results

Similar Description - 4CMC192M250EA8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
4CMC333M016AK8 CDE-4CMC333M016AK8 Datasheet
484Kb / 7P
   Type 4CMC 85 째C, High-Cap, Radial Leaded, Aluminum Electrolytic
logo
List of Unclassifed Man...
VPR881U6R3E1A ETC2-VPR881U6R3E1A Datasheet
157Kb / 4P
   Radial Leaded Aluminum Electrolytic
logo
Cornell Dubilier Electr...
VPR881U6R3E1A CDE-VPR881U6R3E1A Datasheet
157Kb / 4P
   Radial Leaded Aluminum Electrolytic
logo
AVX Corporation
REF AVX-REF Datasheet
519Kb / 7P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1A101B PANASONIC-EEU-FR1A101B Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REH AVX-REH Datasheet
500Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1E331 PANASONIC-EEU-FR1E331 Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REA AVX-REA Datasheet
410Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Cornell Dubilier Electr...
SS220M6R3ST CDE-SS220M6R3ST_14 Datasheet
330Kb / 4P
   Radial Leaded, General Purpose Aluminum Electrolytic
SN330M6R3ST CDE-SN330M6R3ST_14 Datasheet
543Kb / 4P
   Radial Leaded Non-Polar Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com