Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB3NC60 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB3NC60
Description  N - CHANNEL 600V - 3.3ohm- 3A - D2PAK/I2PAK PowerMESHII MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB3NC60 Datasheet(HTML) 4 Page - STMicroelectronics

  STB3NC60 Datasheet HTML 1Page - STMicroelectronics STB3NC60 Datasheet HTML 2Page - STMicroelectronics STB3NC60 Datasheet HTML 3Page - STMicroelectronics STB3NC60 Datasheet HTML 4Page - STMicroelectronics STB3NC60 Datasheet HTML 5Page - STMicroelectronics STB3NC60 Datasheet HTML 6Page - STMicroelectronics STB3NC60 Datasheet HTML 7Page - STMicroelectronics STB3NC60 Datasheet HTML 8Page - STMicroelectronics STB3NC60 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Output Characteristics
Transconductance
Gate Charge vs Gate-source Voltage
Transfer Characteristics
Static Drain-source On Resistance
Capacitance Variations
STB3NC60
4/9


Similar Part No. - STB3NC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB3NC90 STMICROELECTRONICS-STB3NC90 Datasheet
418Kb / 9P
   N-CHANNEL 900V - 3.2W - 3.5A D2PAK Zener-Protected PowerMESH?줚II MOSFET
STB3NC90Z STMICROELECTRONICS-STB3NC90Z Datasheet
418Kb / 9P
   N-CHANNEL 900V - 3.2W - 3.5A D2PAK Zener-Protected PowerMESH?줚II MOSFET
STB3NC90Z-1 STMICROELECTRONICS-STB3NC90Z-1 Datasheet
335Kb / 11P
   N-CHANNEL 900V - 3.2ohm - 3.5A TO-220/TO-220FP/I2PAK Zener-Protected PowerMESH?줚II MOSFET
More results

Similar Description - STB3NC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB3NB60 STMICROELECTRONICS-STB3NB60 Datasheet
90Kb / 9P
   N - CHANNEL 600V - 3.3ohm - 3.3A - D2PAK/I2PAK PowerMESH MOSFET
STP3NC60 STMICROELECTRONICS-STP3NC60 Datasheet
108Kb / 9P
   N-CHANNEL 600V - 3.3ohm - 3A TO-220/TO-220FP PowerMeshII MOSFET
STB9NB60 STMICROELECTRONICS-STB9NB60 Datasheet
93Kb / 9P
   N - CHANNEL 600V - 0.7ohm - 9A - I2PAK/D2PAK PowerMESH MOSFET
STB5NB60 STMICROELECTRONICS-STB5NB60 Datasheet
93Kb / 9P
   N - CHANNEL 600V - 1.8ohm - 5A - I2PAK/D2PAK PowerMESH MOSFET
STB9NC60 STMICROELECTRONICS-STB9NC60 Datasheet
461Kb / 10P
   N-CHANNEL 600V - 0.6ohm - 9A - D2PAK/I2PAK PowerMesh?줚I MOSFET
STB7NB60 STMICROELECTRONICS-STB7NB60 Datasheet
99Kb / 9P
   N - CHANNEL 600V - 1.0 OMH - 7.2A - I2PAK/D2PAK PowerMESH MOSFET
STU11NC60 STMICROELECTRONICS-STU11NC60 Datasheet
85Kb / 8P
   N-CHANNEL 600V - 0.48ohm - 11A Max220 PowerMeshII MOSFET
STGB3NB60SD STMICROELECTRONICS-STGB3NB60SD Datasheet
336Kb / 8P
   N-CHANNEL 3A - 600V D2PAK Power MESH??IGBT
STW12NC60 STMICROELECTRONICS-STW12NC60 Datasheet
86Kb / 8P
   N-CHANNEL 600V - 0.48ohm - 12A TO-247 PowerMeshII MOSFET
STP20NM60 STMICROELECTRONICS-STP20NM60 Datasheet
355Kb / 15P
   N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com