Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VPR881U6R3E1A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. VPR881U6R3E1A
Description  Radial Leaded Aluminum Electrolytic
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC2 - List of Unclassifed Manufacturers

VPR881U6R3E1A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VPR881U6R3E1A Datasheet HTML 1Page - List of Unclassifed Manufacturers VPR881U6R3E1A Datasheet HTML 2Page - List of Unclassifed Manufacturers VPR881U6R3E1A Datasheet HTML 3Page - List of Unclassifed Manufacturers VPR881U6R3E1A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type VPR –55 to 105 ºC Radial Leaded Aluminum Electrolytic
Ratings
Max ESR Max Ripple
Catalog
10 kHz
10 kHz
Size in. (mm)
Cap
Part Number
25 ºC
85 ºC
Diameter
Length
Lead Space
Lead Dia.
(µF)
(Ω)
(A)
(D)
(L)
(S)
(d)
6.3 Vdc (8 Volts Surge)
880
VPR881U6R3E1A
0.121
1.430
0.512 (13.0)
1.024 (26.0) 0.20 (5.1)
0.023 (.58)
5,600
VPR562U6R3N1L
0.034
3.767
1.000 (25.4)
1.625 (41.3) 0.40 (10.2)
0.040 (1.0)
8,800
VPR882U6R3N2C
0.023
5.131
1.000 (25.4)
2.125 ((54.0) 0.40 (10.2)
0.040 (1.0)
12,000
VPR123U6R3N2L
0.018
6.364
1.000 (25.4)
2.625 (66.7) 0.40 (10.2)
0.040 (1.0)
7.5 Vdc (10 Volts Surge)
780
VPR781U7R5E1A
0.117
1.450
0.512 (13.0)
1.024 (26.0) 0.20 (5.1)
0.023 (.58)
1,700
VPR172U7R5E1A
0.057
2.590
0.512 (13.0)
1.024 (26.0) 0.20 (5.1)
0.023 (.58)
4,900
VPR492U7R5N1L
0.031
3.820
1.000 (25.4)
1.625 (41.3) 0.40 (10.2)
0.040 (1.0)
10 Vdc (13 Volts Surge)
660
VPR661U010E1A
0.115
1.470
0.512 (13.0)
1.024 (26.0) 0.20 (5.1)
0.023 (.58)
990
VPR991U010E1E
0.076
1.970
0.512 (13.0)
1.300 (33.0) 0.20 (5.1)
0.023 (.58)
4,200
VPR422U010N1L
0.032
3.702
1.000 (25.4)
1.625 (41.3) 0.40 (10.2)
0.040 (1.0)
12 Vdc (18 Volts Surge)
1,200
VPR122U012E1L
0.055
2.640
0.512 (13.0)
1.654 (42.0) 0.20 (5.1)
0.023 (.58)
5,600
VPR562U012N2C
0.021
4.932
1.000 (25.4)
2.125 ((54.0) 0.40 (10.2)
0.040 (1.0)
16 Vdc (20 Volts Surge)
500
VPR501U016E1A
0.110
1.500
0.512 (13.0)
1.024 (26.0) 0.20 (5.1)
0.023 (.58)
2,300
VPR232U016L1L
0.040
2.863
0.875 (22.2)
1.625 (41.3) 0.30 (7.6)
0.040 (1.0)
3,200
VPR322U016N1L
0.029
3.637
1.000 (25.4)
1.625 (41.3) 0.40 (10.2)
0.040 (1.0)
3,700
VPR372U016L2C
0.026
3.981
0.875 (22.2)
2.125 ((54.0) 0.30 (7.6)
0.040 (1.0)
5,000
VPR502U016N2C
0.020
4.887
1.000 (25.4)
2.125 ((54.0) 0.40 (10.2)
0.040 (1.0)
6,900
VPR692U016N2L
0.017
6.105
1.000 (25.4)
2.625 (66.7) 0.40 (10.2)
0.040 (1.0)
10,000
VPR103U016N3L
0.012
8.033
1.000 (25.4)
3.625 (92.1) 0.40 (10.2)
0.040 (1.0)
25 Vdc (30 Volts Surge)
640
VPR641U025E1L
0.067
2.390
0.512 (13.0)
1.654 (42.0) 0.20 (5.1)
0.023 (.58)
1,300
VPR132U025L1L
0.035
2.729
0.875 (22.2)
1.625 (41.3) 0.30 (7.6)
0.040 (1.0)
1,800
VPR182U025N1L
0.035
3.006
1.000 (25.4)
1.625 (41.3) 0.40 (10.2)
0.040 (1.0)
2,800
VPR282U025L2L
0.018
4.732
0.875 (22.2)
2.625 (66.7) 0.30 (7.6)
0.040 (1.0)
2,800
VPR282U025N2C
0.023
4.107
1.000 (25.4)
2.125 ((54.0) 0.40 (10.2)
0.040 (1.0)
3,900
VPR392U025N2L
0.018
5.191
1.000 (25.4)
2.625 (66.7) 0.40 (10.2)
0.040 (1.0)
5,900
VPR592U025N3L
0.014
6.616
1.000 (25.4)
3.625 (92.1) 0.40 (10.2)
0.040 (1.0)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn