Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTAN430C Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # RTAN430C
Description  TRANSISTOR WITH RESISTOR FOR MUTING APPLICATION RTAN430X SERIES SILICON NPN EPITAXIAL TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RTAN430C Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  RTAN430C Datasheet HTML 1Page - Isahaya Electronics Corporation RTAN430C Datasheet HTML 2Page - Isahaya Electronics Corporation RTAN430C Datasheet HTML 3Page - Isahaya Electronics Corporation RTAN430C Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TRANSISTOR WITH RESISTOR
FOR MUTING APPLICATION
RTAN430X SERIES
SILICON NPN EPITAXIAL TYPE
MAXIMUM RATING(Ta=25℃)
RATING
SYMBOL
PARAMETER
RTAN430T2
RTAN430U
RTAN430M
RTAN430C
UNIT
CBO
Collector to Base voltage
40
V
EBO
Emitter to Base voltage
40
V
CEO
Collector to Emitter voltage
20
V
Collector current
400
mA
Collector
dissipation(Ta=25℃)
125(※)
150
200
mW
Tj
Junction temperature
+125
+150
Tstg
Storage temperature
-55~+125
-55~+150
ELECTRICAL CHARACTERISTICS(Ta=25℃)
※package mounted on 9mm×19mm×1mm glass-epoxy substrate.
LIMIT
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
(BR)CBO
C to B break down voltage
I
C=50μA,IE=0mA
40
V
(BR)EBO
E to B break down voltage
I
E=50μA,IC=0mA
40
V
(BR)CEO
C to E break down voltage
I
C=1mA,RBE=∞
20
V
CBO
Collector cut off current
V
CB=40V,I E =0mA
0.5
μA
EBO
Emitter cut off current
V
EB=40V,I C =0mA
0.5
μA
FE
DC forward current gain
V
CE=5V,I C =10mA
820
2500
CE(sat)
C to E saturation voltage
I
C =10mA,I B =0.5mA
10
mV
Input resistance
3.29
4.7
6.11
Gain band width product
V
CE=10V,I E =-10mA,f=100MHz
38
MHz
R
ON
Output “ON” resistance
V
I=5V,RL=1kΩ
0.80
Ω
TYPICAL CHARACTERISTICS
ISAHAYA ELECTRONICS CORPORATION
Input on voltage - collector current
0.1
1
10
100
0.1
1
10
100
1000
collector current IC (mA)
Ta=25℃
VCE=0.2V
collector current - Input on voltage
10
100
1000
0
0.2
0.4
0.6
0.8
1
Input off voltage VI(OFF) (V)
Ta=25℃
VCE=5V


Similar Part No. - RTAN430C

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RTAN SEI-RTAN Datasheet
351Kb / 6P
   Tantalum Nitride Thin Film Chip Resistor
7/1/2022
logo
TDK Electronics
RTAN-5006 TDK-RTAN-5006 Datasheet
1Mb / 5P
   Three-Phase External Noise Prevention Filter (For Immunity)
RTAN-5010 TDK-RTAN-5010 Datasheet
1Mb / 5P
   Three-Phase External Noise Prevention Filter (For Immunity)
RTAN-5020 TDK-RTAN-5020 Datasheet
1Mb / 5P
   Three-Phase External Noise Prevention Filter (For Immunity)
RTAN-5030 TDK-RTAN-5030 Datasheet
1Mb / 5P
   Three-Phase External Noise Prevention Filter (For Immunity)
More results

Similar Description - RTAN430C

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT6N230C ISAHAYA-RT6N230C Datasheet
135Kb / 3P
   TRANSISTOR WITH RESISTOR FOR MUTING APPLICATION SILICON NPN EPITAXIAL TYPE
RT6N430C ISAHAYA-RT6N430C Datasheet
135Kb / 3P
   TRANSISTOR WITH RESISTOR FOR MUTING APPLICATION SILICON NPN EPITAXIAL TYPE
RTAN140X ISAHAYA-RTAN140X Datasheet
131Kb / 4P
   TRANSISTOR WITH RESISTOR FOR MUTING APPLICATION SILICON NPN EPITAXIAL TYPE
RTAN230X ISAHAYA-RTAN230X Datasheet
129Kb / 4P
   TRANSISTOR WITH RESISTOR FOR MUTING APPLICATION SILICON NPN EPITAXIAL TYPE
INC2002AX ISAHAYA-INC2002AX Datasheet
134Kb / 4P
   FOR MUTING APPLICATION SILICON NPN EPITAXIAL TYPE
RT2N62M ISAHAYA-RT2N62M Datasheet
133Kb / 4P
   Composite Transistor For Muting Application Silicon NPN Epitaxial Type
RT2N65M ISAHAYA-RT2N65M Datasheet
137Kb / 4P
   Composite Transistor For Muting Application Silicon NPN Epitaxial Type
RT2N63M ISAHAYA-RT2N63M Datasheet
155Kb / 4P
   Composite Transistor For Muting Application Silicon NPN Epitaxial Type
INC2001AX ISAHAYA-INC2001AX_08 Datasheet
139Kb / 4P
   FOR MUTING APPLICATION SILICON NPN EPITAXIAL TYPE
RT1N234X ISAHAYA-RT1N234X Datasheet
827Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com