Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTAN230U Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # RTAN230U
Description  TRANSISTOR WITH RESISTOR FOR MUTING APPLICATION SILICON NPN EPITAXIAL TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RTAN230U Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  RTAN230U Datasheet HTML 1Page - Isahaya Electronics Corporation RTAN230U Datasheet HTML 2Page - Isahaya Electronics Corporation RTAN230U Datasheet HTML 3Page - Isahaya Electronics Corporation RTAN230U Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TRANSISTOR WITH RESISTOR
FOR MUTING APPLICATION
RTAN230X SERIES
SILICON NPN EPITAXIAL TYPE
FEATURE
OUTLINE DRAWING
Unit:mm
RTAN230T2 (PRELIMINARY)
RTAN230M
・Built-in bias resistor(R1=2.2kΩ)
・Small package for easy mounting.
・High reverse hFE
・Small collector to emitter saturation voltage.
VCE(sat)=10mV(TYP.)(@IC=10mA/IB=0.5mA)
・Low on Resistance
Ron=0.70Ω(TYP.)(@VI=5V)
APPLICATION
muting circuit , switching circuit
EQUIVALENT CIRCUIT
JEITA, JEDEC:-
ISAHAYA:T-USM
JEITA:SC-70
JEDEC:-
TERMINAL CONNECTOR
①:BASE
②:EMITTER
③:COLLECTOR
TERMINAL CONNECTOR
①:BASE
②:EMITTER
③:COLLECTOR
RTAN230U
RTAN230C
JEITA:SC-75A
JEDEC:-
JEITA:SC-59
JEDEC:Similar to TO-236
TERMINAL CONNECTOR
①:BASE
②:EMITTER
③:COLLECTOR
TERMINAL CONNECTOR
①:BASE
②:EMITTER
③:COLLECTOR
1.25
0.425
2.1
0.425
0.4
0.8
0.4
1.6
0.5
1.5
0.5
2.5
C
(OUT)
E
(GND)
B
(IN)
R1
0.2
0.8
0.2
ISAHAYA ELECTRONICS CORPORATION


Similar Part No. - RTAN230U

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RTAN SEI-RTAN Datasheet
351Kb / 6P
   Tantalum Nitride Thin Film Chip Resistor
7/1/2022
logo
TDK Electronics
RTAN-5006 TDK-RTAN-5006 Datasheet
1Mb / 5P
   Three-Phase External Noise Prevention Filter (For Immunity)
RTAN-5010 TDK-RTAN-5010 Datasheet
1Mb / 5P
   Three-Phase External Noise Prevention Filter (For Immunity)
RTAN-5020 TDK-RTAN-5020 Datasheet
1Mb / 5P
   Three-Phase External Noise Prevention Filter (For Immunity)
RTAN-5030 TDK-RTAN-5030 Datasheet
1Mb / 5P
   Three-Phase External Noise Prevention Filter (For Immunity)
More results

Similar Description - RTAN230U

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT6N230C ISAHAYA-RT6N230C Datasheet
135Kb / 3P
   TRANSISTOR WITH RESISTOR FOR MUTING APPLICATION SILICON NPN EPITAXIAL TYPE
RT6N430C ISAHAYA-RT6N430C Datasheet
135Kb / 3P
   TRANSISTOR WITH RESISTOR FOR MUTING APPLICATION SILICON NPN EPITAXIAL TYPE
RTAN140X ISAHAYA-RTAN140X Datasheet
131Kb / 4P
   TRANSISTOR WITH RESISTOR FOR MUTING APPLICATION SILICON NPN EPITAXIAL TYPE
RTAN430X ISAHAYA-RTAN430X Datasheet
129Kb / 4P
   TRANSISTOR WITH RESISTOR FOR MUTING APPLICATION RTAN430X SERIES SILICON NPN EPITAXIAL TYPE
INC2002AX ISAHAYA-INC2002AX Datasheet
134Kb / 4P
   FOR MUTING APPLICATION SILICON NPN EPITAXIAL TYPE
RT2N62M ISAHAYA-RT2N62M Datasheet
133Kb / 4P
   Composite Transistor For Muting Application Silicon NPN Epitaxial Type
RT2N65M ISAHAYA-RT2N65M Datasheet
137Kb / 4P
   Composite Transistor For Muting Application Silicon NPN Epitaxial Type
RT2N63M ISAHAYA-RT2N63M Datasheet
155Kb / 4P
   Composite Transistor For Muting Application Silicon NPN Epitaxial Type
INC2001AX ISAHAYA-INC2001AX_08 Datasheet
139Kb / 4P
   FOR MUTING APPLICATION SILICON NPN EPITAXIAL TYPE
RT1N234X ISAHAYA-RT1N234X Datasheet
827Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com