Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

057152U6R3FE2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. 057152U6R3FE2
Description  Military Grade, Axial Leaded, Aluminum
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

057152U6R3FE2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type 057 105 °C Military Grade, Axial Leaded, Aluminum
Cap.
(µF )
Catalog Part
Number
ESR Max.Ω
120 Hz 20 kHz
Ripple A
@
85 °C
120Hz 20kHz
Nominal
Size (in)
D
x L
1800 057182U040GP2
0.084
0.029
3.2
4.7
1800 057182U040HL2
0.077
0.028
3.2
4.6
1800
057182U040JJ2
0.091
0.034
2.7
3.8
2200 057222U040GS2
0.069
0.025
3.9
5.5
2700 057272U040HP2
0.059
0.022
4.1
5.7
3/4 x 2 5/8
7/8 x 2 1/8
1 x 1 5/8
3/4 x 3 1/8
7/8 x 2 5/8
2700
057272U040JL2
0.060
0.023
3.9
5.2
3300 057332U040HS2
0.049
0.019
4.9
6.6
3300 057332U040JP2
0.046
0.019
4.9
6.4
4700 057472U040JS2
0.039
0.016
5.7
7.3
5600
057562U040JT2
0.034
0.015
6.5
8.1
1 x 2 1/8
7/8 x 3 1/8
1 x 2 5/8
1 x 3 1/8
1 x 3 5/8
50 Vdc (70 Vdc Surge)
220
057221U050FE2
0.620
0.160
0.7
1.3
330
057331U050GE2
0.410
0.113
0.9
1.6
390
057391U0S0FJ2
0.310
0.080
1.2
2.2
470
057471U050HE2
0.280
0.080
1.2
1.9
560
057561U050GJ2
0.210
0.057
1.5
2.6
5/8 x 1 1/8
3/4 x 1 1/8
5/8 x 1 5/8
7/8 x 1 1/8
3/4 x 1 5/8
680
057681U050FL2
0.200
0.054
1.8
3.1
820
057821U050FP2
0.150
0.041
2.3
3.9
1000 057102U050GL2
0.130
0.038
2.2
3.7
1000 057102U050HJ2
0.140
0.043
2.0
3.1
1200 057122U050GP2
0.100
0.029
2.9
4.6
5/8 x 2 1/8
5/8 x 2 5/8
3/4 x 2 1/8
7/8 x 1 5/8
3/4 x 2 5/8
1500 057152U050HL2
0.093
0.029
2.9
4.4
1500
057152U050JJ2
0.110
0.037
2.4
3.5
1800 057182U050GS2
0.081
0.025
3.5
5.4
2200
057222U050JL2
0.073
0.025
3.4
4.8
2200 057222U050HP2
0.071
0.023
3.7
5.5
7/8 x 2 1/8
1 x 1 5/8
3/4 x 3 1/8
1 x 2 1/8
7/8 x 2 5/8
2700 057272U050HS2
0.058
0.019
4.4
6.4
2700 057272U050JP2
0.056
0.020
4.4
6.0
3900 057392U050JS2
0.047
0.017
5.2
6.9
4700
057472U050JT2
0.041
0.016
5.9
7.7
7/8 x 3 1/8
1 x 2 5/8
1 x 3 1/8
1 x 3 5/8
100 Vdc (135 Vdc Surge)
47
057470U100FE2
1.300
0.400
0.5
0.8
82
057820U100GE2
0.850
0.260
0.6
1.0
100
057101U100FJ2
0.660
0.200
0.8
1.3
120
057121U100HE2
0.570
0.180
0.8
1.3
150
057151U100FL2
0.420
0.127
1.2
2.0
5/8 x 1 1/8
3/4 X 1 1/8
5/8 X 1 5/8
7/8 X 1 1/8
5/8 X 2 1/8
150
057151U100GJ2
0.430
0.133
1.1
1.7
220
057221U100FP2
0.310
0.093
1.6
2.5
270
057271U100GL2
0.280
0.087
1.6
2.4
270
057271U100HJ2
0.290
0.093
1.4
2.2
330
057331U100GP2
0.200
0.065
2.0
3.1
3/4 X 1 5/8
5/8 X 2 5/8
3/4 X 2 1/8
7/8 X 1 5/8
3/4 X 2 5/8
330
057331U100JJ2
0.210
0.073
1.8
2.6
390
057391U100HL2
0.190
0.060
2.1
3.1
470
057471U100GS2
0.160
0.053
2.5
3.8
560
057561U100HP2
0.140
0.045
2.7
4.0
1 X 1 5/8
7/8 X 2 1/8
3/4 X 3 1/8
7/8 X 2 5/8
Cap.
(µF )
Catalog Part
Number
ESR Max.Ω
120 Hz 20kHz
Ripple A
@
85 °C
120Hz 20kHz
Nominal
Size (in)
D
x L
560
057561U100JL2
0.140
0.047
2.5
3.7
680
057681U100HS2
0.110
0.037
3.3
4.7
680
057681U100JP2
0.100
0.037
3.3
4.6
1000 057102U100JS2
0.085
0.030
3.9
5.5
1200
057122U100JT2
0.072
0.027
4.6
6.3
1 X 2 1/8
7/8 x 3 1/8
1 x 2 5/8
1 x 3 1/8
1 x 3 5/8
200 Vdc (250 Vdc Surge)
18
05718OU200FE2
4.500
2.270
0.3
0.4
27
057270U200GE2
2.900
1.470
0.4
0.5
33
057330U200FJ2
2.200
1.130
0.5
0.6
39
057390U200HE2
1.900
0.933
0.5
0.6
56
057560U200FL2
1.400
0.733
0.7
0.9
5/8 x 1 1/8
3/4 x 1 1/8
5/8 x 1 5/8
7/8 x 1 1/8
5/8 x 2 1/8
56
057560U200GJ2
1.400
0.733
0.6
0.8
68
057680U200FP2
1.000
0.527
1.0
1.1
82
057820U200GL2
0.910
0.460
0.9
1.1
82
057820U200HJ2
0.940
0.473
0.9
1.0
120
057121U00GP2
0.670
0.340
1.2
1.5
3/4 x 1 5/8
5/8 x 2 5/8
3/4 x 2 1/8
7/8 x 1 5/8
3/4 x 2 5/8
120
057121U200HL2
0.600
0.307
1.2
1.5
120
057121U200JJ2
0.680
0.347
1.1
1.3
150
057151U200GS2
0.530
0.273
1.5
1.8
180
057181U200HP2
0.440
0.227
1.6
1.9
180
057181U200JL2
0.430
0.220
1.6
1.9
7/8 x 2 1/8
1 x 1 5/8
3/4 x 3 1/8
7/8 x 2 5/8
1 x 2 1/8
220
057221U200HS2
0.350
0.180
2.0
2.4
270
057271U200JP2
0.320
0.167
2.0
2.4
330
057331U200JS2
0.260
0.133
2.5
2.9
390
057391U200JT2
0.210
0.107
2.9
3.4
7/8 x 3 1/8
1 x 2 5/8
1 x 3 1/8
1 x 3 5/8
250 Vdc (300 Vdc Surge)
12
057120U250FE2
5.200
2.330
0.3
0.3
22
057220U250GE2
3.300
1.530
0.3
0.4
27
057270U250FJ2
2.600
1.200
0.5
0.6
33
057330U250HE2
2.200
1.000
0.5
0.6
39
057390U250FL2
1.700
0.733
0.7
0.9
5/8 x 1 1/8
3/4 x 1 1/8
5/8 x 1 5/8
7/8 x 1 1/8
5/8 x 2 1/8
39
057390U250GJ2
1.700
0.733
0.6
0.7
56
057560U250FP2
1.200
0.553
0.9
1.1
68
057680U250GL2
1.100
0.487
0.8
1.1
68
057680U250HJ2
1.100
0.500
0.8
1.0
82
057820U250GP2
0.790
0.353
1.1
1.4
3/4 x 1 5/8
5/8 x 2 5/8
3/4 x 2 1/8
7/8 x 1 5/8
3/4 x 2 5/8
82
057820U250JJ2
0.790
0.360
1.0
1.2
100
057101U250HL2
0.700
0.320
1.1
1.4
120
057121U250GS2
0.620
0.280
1.4
1.7
150
057151U250HP2
0.520
0.233
1.5
1.9
150
057151U250JL2
0.510
0.233
1.4
1.8
1 x 1 5/8
7/8 x 2 1/8
3/4 x 3 1/8
7/8 x 2 5/8
1 x 2 1/8
180
057181U250HS2
0.410
0.187
1.8
2.3
180
057181U250JP2
0.370
0.173
1.9
2.3
220
057221U250JS2
0.300
0.140
2.3
2.8
270
057271U250JT2
0.250
0.113
2.7
3.3
7/8 x 3 1/8
1 x 2 5/8
1 x 3 1/8
1 x 3 5/8
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn