Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFD30N06 Datasheet(PDF) 5 Page - SemiWell Semiconductor

Part # SFD30N06
Description  N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

SFD30N06 Datasheet(HTML) 5 Page - SemiWell Semiconductor

  SFD30N06 Datasheet HTML 1Page - SemiWell Semiconductor SFD30N06 Datasheet HTML 2Page - SemiWell Semiconductor SFD30N06 Datasheet HTML 3Page - SemiWell Semiconductor SFD30N06 Datasheet HTML 4Page - SemiWell Semiconductor SFD30N06 Datasheet HTML 5Page - SemiWell Semiconductor SFD30N06 Datasheet HTML 6Page - SemiWell Semiconductor SFD30N06 Datasheet HTML 7Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
Fig 13. Switching Time Test Circuit & Waveforms
Fig 14. Unclamped Inductive Switching Test Circuit & Waveforms
SFD30N06
Fig. 12. Gate Charge Test Circuit & Waveforms
EAS =LL IAS2
----
2
1
--------------------
BVDSS -- VDD
BVDSS
EAS =LL IAS2
----
2
1
EAS =LL IAS2
----
2
1
----
2
1
--------------------
BVDSS -- VDD
BVDSS
VDD
VDS
BVDSS
t
p
VDD
IAS
VDS (t)
ID (t)
Time
BVDSS
t
p
VDD
IAS
VDS (t)
ID (t)
Time
10V
DUT
RG
LL
I D
I D
Charge
VGS
10V
Qg
Qgs
Qgd
1mA
VGS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Charge
VGS
10V
Qg
Qgs
Qgd
Charge
VGS
10V
Qg
Qgs
Qgd
1mA
VGS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
( 0.5 rated VDS )
10V
VDS
RL
DUT
Pulse
Generator
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
( 0.5 rated VDS )
V
VDS
RL
DUT
Pulse
Generator
RG
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
( 0.5 rated VDS )
10V
VDS
RL
DUT
Pulse
Generator
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
( 0.5 rated VDS )
V
VDS
RL
DUT
Pulse
Generator
RG
Copyright@SemiWell Semiconductor Co., Ltd., All rights reserved.


Similar Part No. - SFD30N06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFD30N06 ETC-SFD30N06 Datasheet
1,013Kb / 7P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
SFD30N06 VBSEMI-SFD30N06 Datasheet
897Kb / 6P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - SFD30N06

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com