Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM610FS32DW-55S Datasheet(PDF) 9 Page - Emerging Memory & Logic Solutions Inc

Part # EM610FS32DW-55S
Description  512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM610FS32DW-55S Datasheet(HTML) 9 Page - Emerging Memory & Logic Solutions Inc

Back Button EM610FS32DW-55S Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM610FS32DW-55S Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM610FS32DW-55S Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM610FS32DW-55S Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM610FS32DW-55S Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM610FS32DW-55S Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM610FS32DW-55S Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM610FS32DW-55S Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM610FS32DW-55S Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
EM640FP8 Series
Low Power, 512Kx8 SRAM
9
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
DATA RETENTION CHARACTERISTICS
NOTES
1. See the ISB1 measurement condition of datasheet page 4.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
VCC for Data Retention
VDR
ISB1 Test Condition
(Chip Disabled)
1)
1.0
-
2.2
V
Data Retention Current
IDR
VCC=1.2V, ISB1 Test Condition
(Chip Disabled)
1)
-
0.5
2
µA
Chip Deselect to Data Retention Time
tSDR
See data retention wave form
0
-
-
ns
Operation Recovery Time
tRDR
tRC
-
-
tSDR
tRDR
Data Retention Mode
CS 1 > Vcc-0.2V
V
cc
1.65V
1.4V
V
DR
CS1
GND
tSDR
tRDR
Data Retention Mode
V
cc
1.65V
CS2
VDR
0.4V
GND
CS 2 < 0.2V
DATA RETENTION WAVE FORM
CS1 Controlled
CS2 Controlled


Similar Part No. - EM610FS32DW-55S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM610FP16EU-45L EMLSI-EM610FP16EU-45L Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM610FP16EU-45LF EMLSI-EM610FP16EU-45LF Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM610FP16EU-85L EMLSI-EM610FP16EU-85L Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM610FP16EU-85LF EMLSI-EM610FP16EU-85LF Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM610FP16EV-45L EMLSI-EM610FP16EV-45L Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM610FS32DW-55S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM641FV8FS EMLSI-EM641FV8FS Datasheet
62Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FU8E EMLSI-EM640FU8E Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FV8FT EMLSI-EM641FV8FT Datasheet
183Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM620FV8AT EMLSI-EM620FV8AT Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AS EMLSI-EM620FV8AS Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM680FU8 EMLSI-EM680FU8 Datasheet
70Kb / 11P
   1M x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com