Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

16022463C-F Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. 16022463C-F
Description  Metallized Polyester Radial Lead Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

16022463C-F Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Type 160 Metallized Polyester Radial Lead Capacitors
RoHS Compliant
Cap
(µF)
Catalog
Part Number
Inches
Millimeters
L
T
H
S
Ød
L
T
H
S
Ød
630 Vac / 220 Vac
.068
.068
.082
160683*630H–F
160683*630L–F
160823*630L–F
0.709
1.043
1.043
0.295
0.236
0.236
0.531
0.591
0.591
0.591
0.886
0.886
0.031
0.031
0.031
18.0
26.5
26.5
7.5
6.0
6.0
13.5
15.0
15.0
15.0
22.5
22.5
0.8
0.8
0.8
.10
160104*630L–F
1.043
0.236
0.591
0.886
0.031
26.5
6.0
15.0
22.5
0.8
.12
160124*630M–F
1.043
0.276
0.630
0.886
0.031
26.5
7.0
16.5
22.5
0.8
.15
160154*630M–F
1.043
0.276
0.630
0.886
0.031
26.5
7.0
16.5
22.5
0.8
.18
160184*630N–F
1.043
0.335
0.669
0.886
0.031
26.5
8.5
17.0
22.5
0.8
.22
160224*630N–F
1.043
0.335
0.669
0.886
0.031
26.5
8.5
17.0
22.5
0.8
.27
160274*630Q–F
1.26
0.512
0.886
1.083
0.031
32.0
13.0
22.5
27.5
0.8
.33
160334*630P–F
1.26
0.433
0.787
1.083
0.031
32.0
11.0
20.0
27.5
0.8
.39
160394*630P–F
1.26
0.433
0.787
1.083
0.031
32.0
11.0
20.0
27.5
0.8
.47
160474*630Q–F
1.26
0.512
0.886
1.083
0.031
32.0
13.0
22.5
27.5
0.8
1000 Vdc / 250 Vac
.0022
.0027
.0033
160222*1000C–F
160272*1000C–F
160332*1000C–F
0.512
0.512
0.512
0.157
0.157
0.157
0.374
0.374
0.374
0.394
0.394
0.394
0.031
0.031
0.031
13.0
13.0
13.0
4.0
4.0
4.0
9.5
9.5
9.5
10.0
10.0
10.0
0.8
0.8
0.8
.0039
160392*1000D–F
0.512
0.197
0.433
0.394
0.031
13.0
5.0
11.0
10.0
0.8
.0047
160472*1000D–F
0.512
0.197
0.433
0.394
0.031
13.0
5.0
11.0
10.0
0.8
.0056
160562*1000D–F
0.512
0.197
0.433
0.394
0.031
13.0
5.0
11.0
10.0
0.8
.0068
160682*1000D–F
0.512
0.197
0.433
0.394
0.031
13.0
5.0
11.0
10.0
0.8
.0082
160822*1000D–F
0.512
0.197
0.433
0.394
0.031
13.0
5.0
11.0
10.0
0.8
.010
160103*1000F–F
0.709
0.197
0.433
0.591
0.031
18.0
5.0
11.0
15.0
0.8
.012
160123*1000F–F
0.709
0.197
0.433
0.591
0.031
18.0
5.0
11.0
15.0
0.8
.015
160153*1000F–F
0.709
0.197
0.433
0.591
0.031
18.0
6.0
12.0
15.0
0.8
.018
160183*1000G–F
0.709
0.236
0.472
0.591
0.031
18.0
6.0
12.0
15.0
0.8
.022
160223*1000G–F
0.709
0.236
0.472
0.591
0.031
18.0
6.0
12.0
15.0
0.8
.027
160273*1000H–F
0.709
0.295
0.531
0.591
0.031
18.0
7.5
13.5
15.0
0.8
.033
160333*1000L–F
1.043
0.236
0.591
0.886
0.031
26.5
6.0
15.0
22.5
0.8
.039
160393*1000L–F
1.043
0.236
0.591
0.886
0.031
26.5
6.0
15.0
22.5
0.8
.047
160473*1000L–F
1.043
0.236
0.591
0.886
0.031
26.5
6.0
15.0
22.5
0.8
.056
160563*1000M–F
1.043
0.276
0.630
0.886
0.031
26.5
7.0
16.5
22.5
0.8
.068
160683*1000M–F
1.043
0.276
0.630
0.886
0.031
26.5
7.0
16.5
22.5
0.8
.082
160823*1000N–F
1.043
0.335
0.669
0.886
0.031
26.5
8.5
17.0
22.5
0.8
.10
160104*1000N–F
1.043
0.335
0.669
0.886
0.031
26.5
8.5
17.0
22.5
0.8
.12
160124*1000O–F
1.043
0.394
0.748
0.886
0.031
26.5
10.0
19.0
22.5
0.8
.15
160154*1000P–F
1.26
0.433
0.787
1.083
0.031
32.0
11.0
20.0
27.5
0.8
.18
160184*1000Q–F
1.26
0.512
0.886
1.083
0.031
32.0
13.0
22.5
27.5
0.8
.22
160224*1000Q–F
1.26
0.512
0.886
1.083
0.031
32.0
13.0
22.5
27.5
0.8
* Indicates capacitance tolerance: J = ±5%, K = ±10%, M = ±20%
Part Numbering System
160
104
K
100
C
Case
Series
Capacitance
Tolerance
Voltage
Code
160
392 = .0039 µF
J = ±5%
100 = 100 Vdc
C
103 = .01 µF
K = ±10%
250 = 250 Vdc
D
104 = .1 µF
M = ±20%
630 = 630 Vdc
E
105 = 1.0 µF
1000 = 1000 Vdc
F
etc.
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn