Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

16022463C-F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. 16022463C-F
Description  Metallized Polyester Radial Lead Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

16022463C-F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Type 160 Metallized Polyester Radial Lead Capacitors
Capacitor Outline Drawing
Test Method and Performance
L
Max
T
Max
H
Max
S
±.015
(±0.4 mm)
.217 ±.039
(5.5 ±1.0 mm)
Ød
±0.002
(±0.05 mm)
Note: The lead diameter is a maximum dimen-
sion for lead spacing 15 mm and a nominal for
lead spacing >15 mm
Soldering
Test Conditions
Soldering Temperature
260 ºC ±5 ºC
Soldering Duration
10 sec ±1 sec
Performance
Capacitance Change ∆C/C ≤ ±2%
DF Change ∆tgδ
≤30 x 10–4 at 10 kHz for C ≤1.0 µF
20 x 10–4 at 1 kHz for C >1.0 µF
Insulation Resistance
Test Conditions
Temperature
25 ºC ±5 ºC
Voltage Charge Time
1 minute
Voltage Charge
50 Vdc for Vn < 100 Vdc
100 Vdc for Vn ≥ 100 Vdc
Performance
For Vn > 100 Vdc
30,000 MΩ for ≤ 0.33µF
≥1
0,000 MΩ x µF for C > 0.33µF
For Vn ≤100 Vdc
≥1
0,000 MΩ for C ≤ 0.1µF
≥1
,000 MΩ x µF for ≤ 0.1µF
Damp Heat Test
Test Conditions
Temperature
+40 ºC
Relative Humidity
95%
Test Duration
21 days
Performance
Capacitance Change ∆C/C
±5%
DF Change ∆tgδ
50 x 104 at 1 kHz
Insulation Resistance
50% of limit value
Life Test
Test Conditions
Temperature
+85 ºC
Test Duration
1000 hrs
Voltage Applied
1.25 x Vn
Performance
Capacitance Change ∆C/C
±5%
DF Change ∆tgδ
30 x 10–4 at 10 kHz for C ≤1.0 µF
20 x 10–4 at 1 kHz for C >1.0 µF
Insulation Resistance
50% of limit value
Ratings
RoHS Compliant
Cap
Catalog
Inches
Millimeters
(µF)
Part Number
L
T
H
S
Ød
L
T
H
S
Ød
63 Vdc / 40 Vac
.22
.27
.33
160224*63C–F
160274*63C–F
160334*63C–F
0.512
0.512
0.512
0.157
0.157
0.157
0.374
0.374
0.374
0.394
0.394
0.394
0.031
0.031
0.031
13.0
13.0
13.0
4.0
4.0
4.0
9.5
9.5
9.5
10.0
10.0
10.0
0.8
0.8
0.8
.39
160394*63C–F 0.512 0.157 0.374 0.394 0.031
13.0
4.0
9.5
10.0
0.8
.47
160474*63D–F 0.512 0.197 0.433 0.394 0.031
13.0
5.0
11.0
10.0
0.8
.56
160564*63D–F 0.512 0.197 0.433 0.394 0.031
13.0
5.0
11.0
10.0
0.8
.68
160684*63D–F 0.512 0.197 0.433 0.394 0.031
13.0
5.0
11.0
10.0
0.8
.68
160684*63F–F 0.709 0.197 0.433 0.591 0.031
18.0
6.0
12.0
15.0
0.8
.82
160824*63E–F 0.512 0.236 0.472 0.394 0.031
13.0
6.0
12.0
10.0
0.8
.82
160824*63F–F 0.709 0.197 0.433 0.591 0.031
18.0
5.0
11.0
15.0
0.8
1.0
160105*63E–F 0.512 0.236 0.472 0.394 0.031
13.0
6.0
12.0
10.0
0.8
1.0
160105*63F–F 0.709 0.197 0.433 0.591 0.031
18.0
5.0
11.0
15.0
0.8
1.5
160155*63F–F 0.709 0.197 0.433 0.591 0.031
18.0
6.0
12.0
15.0
0.8
2.2
160225*63G–F 0.709 0.236 0.472 0.591 0.031
18.0
7.5
13.5
15.0
0.8
3.3
160335*63M–F 1.043 0.276 0.630 0.886 0.031
26.5
7.0
16.5
22.5
0.8
4.7
160475*63N–F 1.043 0.335 0.669 0.886 0.031
26.5
8.5
17.0
22.5
0.8
6.8
160685*63O–F 1.043 0.394 0.748 0.886 0.031
26.5
10.0
19.0
22.5
0.8
10.0 160106*63P–F 1.260 0.433 0.787 1.083 0.031
32.0
11.0
20.0
27.5
0.8
* Indicates capacitance tolerance: J = ±5%, K = ±10%, M = ±20%
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn