Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

171333160B-F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. 171333160B-F
Description  Radial Box Metallized Polypropylene Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

171333160B-F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type 171 Radial Leaded Metallized Polypropylene
Outline Drawing
Ratings
Cap
(µF)
Inches (mm)
ESR (mΩ)
20 kHz to
100 kHz
IRMS (Amps)
Catolog
Part Number
L Max
T Max
H Max
S (Pitch)
Ød
25 ºC 45 ºC 85 ºC
160 Vdc / 90 Vac 60 Hz
0.033 171333*160B-F 0.413 (10.5) 0.157 (4.0) 0.374 (9.5)
0.295 (7.5)
0.024 (0.6)
Not applicable. These
capacitance values are not
customarily used in switched-
mode power supplies
0.047 171473*160B-F 0.413 (10.5) 0.157 (4.0) 0.374 (9.5)
0.295 (7.5)
0.024 (0.6)
0.047 171473*160C-F 0.512 (13.0) 0.157 (4.0) 0.374 (9.5)
0.394 (10)
0.024 (0.6)
0.068 171683*160C7-F 0.413 (10.5) 0.197 (5.0) 0.433 (11.0)
0.295 (7.5)
0.024 (0.6)
0.068 171683*160D-F 0.512 (13.0) 0.197 (5.0) 0.433 (11.0)
0.394 (10.0) 0.024 (0.6)
0.1
171104*160C7-F 0.413 (10.5) 0.197 (5.0) 0.433 (11.0)
0.295 (7.5)
0.024 (0.6)
0.1
171104*160E-F
0.512 (13.0) 0.236 (6.0) 0.472 (12.0)
0.394 (10.0) 0.024 (0.6)
0.15 171154*160D7-F 0.413 (10.5) 0.236 (6.0) 0.472 (12.0)
0.295 (7.5)
0.024 (0.6)
0.15 171154*160E-F
0.512 (13.0) 0.236 (6.0) 0.472 (12.0)
0.394 (10)
0.024 (0.6)
0.22 171224*160F-F 0.709 (18.0) 0.197 (5.0) 0.433 (11.0)
0.591 (15.0) 0.031 (0.8)
0.33 171334*160G-F 0.709 (18.0) 0.236 (6.0) 0.472 (12.0)
0.591 (15.0) 0.031 (0.8)
0.47 171474*160H-F 0.709 (18.0) 0.295 (7.5) 0.531 (13.5)
0.591 (15.0) 0.031 (0.8)
37
3.7
3.1
1.4
0.68 171684*160L -F 1.043 (26.5) 0.236 (6.0) 0.591 (15.0)
0.886 (22.5) 0.031 (0.8)
33
4.1
3.5
1.6
1.0
171105*160N-F 1.043 (26.5) 0.335 (8.5) 0.669 (17.0)
0.886 (22.5) 0.031 (0.8)
26
5.5
4.7
2.6
1.5
171155*160O-F 1.043 (26.5) 0.394 (10.0) 0.748 (19.0)
0.886 (22.5) 0.031 (0.8)
20
6.1
5.1
3.1
2.2
171225*160P-F 1.26 (32.0)
0.433 (11.0) 0.787 (20.0)
1.083 (27.5) 0.031 (0.8)
18
6.3
5.7
3.3
3.3
171335*160Q-F 1.26 (32.0)
0.512 (13.0) 0.886 (22.5)
1.083 (27.5) 0.031 (0.8)
16
7.4
6.4
3.6
250 Vdc / 90 Vac 60 Hz
0.015 171153*250B-F
0.413 (10.5) 0.157 (4.0) 0.374 (9.5)
0.295 (7.5)
0.024 (0.6)
Not applicable. These
capacitance values are not
customarily used in switched-
mode power supplies
0.022 171223*250B-F 0.413 (10.5) 0.157 (4.0) 0.374 (9.5)
0.295 (7.5)
0.024 (0.6)
0.022 171223*250C-F 0.512 (13.0) 0.157 (4.0) 0.374 (9.5)
0.394 (10)
0.024 (0.6)
0.033 171333*250C-F 0.512 (13.0) 0.157 (4.0) 0.374 (9.5)
0.394 (10)
0.024 (0.6)
0.047 171473*250D-F 0.512 (13.0) 0.197 (5.0) 0.433 (11.0)
0.394 (10)
0.024 (0.6)
0.068 171683*250E-F 0.512 (13.0) 0.236 (6.0) 0.472 (12.0)
0.394 (10)
0.024 (0.6)
* indicates capacitance tolereance, J = ±5%, K = ±10%, M = ±20%
RoHS Compliant


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn