Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM681FR8FU-55LL Datasheet(PDF) 10 Page - Emerging Memory & Logic Solutions Inc

Part # EM681FR8FU-55LL
Description  512K x8 bit Low Power Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM681FR8FU-55LL Datasheet(HTML) 10 Page - Emerging Memory & Logic Solutions Inc

Back Button EM681FR8FU-55LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM681FR8FU-55LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM681FR8FU-55LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM681FR8FU-55LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM681FR8FU-55LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM681FR8FU-55LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM681FR8FU-55LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM681FR8FU-55LL Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM681FR8FU-55LL Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
EM641FT8V Series
Low Power, 512Kx8 SRAM
10
32Pin - SOP
Unit : millimeters/Inches
PACKAGE DIMENSIONS
1.270
0.152
0.050
0.006
0.35 ~ 0.50
0.014 ~ 0.020
20.447
0.127
0.805
0.005
2.680
0.140
0.1055
0.0055
0.229
0.127
0.009
0.005
1
16
17
32
10o(2X)
1.397
0.203
0.055
0.008
0.834
0.25
0.033
0.010
0o~10o
0o~10o


Similar Part No. - EM681FR8FU-55LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM681FR8AW-10L EMLSI-EM681FR8AW-10L Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM681FR8AW-10S EMLSI-EM681FR8AW-10S Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM681FR8AW-70L EMLSI-EM681FR8AW-70L Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM681FR8AW-70S EMLSI-EM681FR8AW-70S Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM681FR8DS-12LF EMLSI-EM681FR8DS-12LF Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM681FR8FU-55LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FV8FS EMLSI-EM641FV8FS Datasheet
62Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FU8E EMLSI-EM640FU8E Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FV8FT EMLSI-EM641FV8FT Datasheet
183Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FP8 EMLSI-EM640FP8 Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com