Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT1N130C Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # RT1N130C
Description  Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT1N130C Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  RT1N130C Datasheet HTML 1Page - Isahaya Electronics Corporation RT1N130C Datasheet HTML 2Page - Isahaya Electronics Corporation RT1N130C Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
〈Transistor〉
RT1N130X SERIES
Transistor With Resistor
For Switching Application
Silicon NPN Epitaxial Type
MAXIMUM RATING (Ta=25℃)
RATING
SYMBOL
PARAMETER
RT1N130U
RT1N130M
RT1N130C
RT1N130S
UNIT
CBO
Collector to Base voltage
50
V
EBO
Emitter to Base voltage
6
V
CEO
Collector to Emitter voltage
50
V
Collector current
100
mA
CM
Peak Collector current
200
mA
Collector dissipation(Ta=25℃)
150
200
450
mW
Tj
Junction temperature
+150
+150
Tstg
Storage temperature
-55~+150
-55~+150
ELECTRICAL CHARACTERISTICS (Ta=25℃)
LIMIT
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
(BR)CEO
C to E break down voltage
I
C=100μA,RBE=∞
50
V
CBO
Collector cut off current
V
CB=50V,I E =0
0.1
μA
FE
DC forward current gain
V
CE=5V,I C =1mA
100
CE(sat)
C to E saturation voltage
I
C =10mA,I B =0.5mA
0.3
V
Input resistance
0.7
1.0
1.3
Gain band width product
V
CE=6V,I E =-10mA
200
MHz
ISAHAYA ELECTRONICS CORPORATION
DC forward current gain-Collector current
10
100
1000
110
100
Collector current IC[mA]
VCE=5V
Collector current-Input off voltage
10
100
1000
00.5
11.52
Input off voltage VI(OFF)[V]
VCE=5V
Input on voltage-Collector current
0.1
1
10
0.1110
100
Collector current IC[mA]
VCE=200mV


Similar Part No. - RT1N130C

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT1N136C ISAHAYA-RT1N136C Datasheet
72Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N136M ISAHAYA-RT1N136M Datasheet
72Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N136S ISAHAYA-RT1N136S Datasheet
72Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N136U ISAHAYA-RT1N136U Datasheet
72Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N136X ISAHAYA-RT1N136X Datasheet
72Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
More results

Similar Description - RT1N130C

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT1N234X ISAHAYA-RT1N234X Datasheet
827Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N231X ISAHAYA-RT1N231X Datasheet
72Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N230X ISAHAYA-RT1N230X Datasheet
496Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N140X ISAHAYA-RT1N140X Datasheet
577Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N44QX ISAHAYA-RT1N44QX Datasheet
827Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1P24BX ISAHAYA-RT1P24BX Datasheet
61Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1P14HX ISAHAYA-RT1P14HX Datasheet
64Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1P14BX ISAHAYA-RT1P14BX Datasheet
114Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N440X ISAHAYA-RT1N440X Datasheet
303Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N436X ISAHAYA-RT1N436X Datasheet
886Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N432X ISAHAYA-RT1N432X Datasheet
324Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com