Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT1N231X Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # RT1N231X
Description  Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT1N231X Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  RT1N231X Datasheet HTML 1Page - Isahaya Electronics Corporation RT1N231X Datasheet HTML 2Page - Isahaya Electronics Corporation RT1N231X Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
〈Transistor〉
RT1N231X SERIES
Transistor With Resistor
For Switching Application
Silicon NPN Epitaxial Type
MAXIMUM RATING (Ta=25℃)
RATING
SYMBOL
PARAMETER
RT1N231U
RT1N231M
RT1N231C
RT1N231S
UNIT
CBO
Collector to Base voltage
50
V
EBO
Emitter to Base voltage
10
V
CEO
Collector to Emitter voltage
50
V
 C
Collector current
100
mA
 CM
Peak Collector current
200
mA
Collector dissipation(Ta=25℃)
150
200
450
mW
Tj
Junction temperature
+150
+150
Tstg
Storage temperature
-55∼+150
-55∼+150
ELECTRICAL CHARACTERISTICS (Ta=25℃)
LIMIT
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
(BR)CEO
C to E break down voltage
I
 C=100μA,RBE=∞
50
V
 CBO
Collector cut off current
V
CB=50V,I E =0
0.1
μA
FE
DC forward current gain
V
CE=5V,I C =20mA
20
CE(sat)
C to E saturation voltage
I
 C =10mA,I B =0.5mA
0.3
V
(ON)
Input on voltage
V
CE=0.2V,I C =5mA
1.3
2.2
V
(OFF)
Input off voltage
V
CE=5V,I C =100μA
0.7
1.1
V
Input resistance
1.5
2.2
2.9
/R
Resistance ratio
0.8
1.0
1.2
Gain band width product
V
CE=6V,I E =-10mA
200
MHz
TYPICAL CHARACTERISTICS
COLLECTOR CURRENT
VS.INPUT OFF VOLTAGE
10
100
1000
0
0.4
0.8
1.2
1.6
2
INPUT OFF VOLTAGE VI(OFF)(V)
VCE=5V
INPUT ON VOLTAGE
VS.COLLECTOR CURRENT
0.1
1
10
1
10
100
COLLECTOR CURRENT I(mA)
VCE=0.2V
DC FORWARD CURRENT GA IN
VS.COLLECTOR CURRENT
10
100
1000
1
10
100
COLLECTOR CURRENT I
mA)
VCE=5V
ISAHAYA ELECTRONICS CORPORATION


Similar Part No. - RT1N231X

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT1N230C ISAHAYA-RT1N230C Datasheet
496Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N230M ISAHAYA-RT1N230M Datasheet
496Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N230S ISAHAYA-RT1N230S Datasheet
496Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N230T ISAHAYA-RT1N230T Datasheet
496Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N230U ISAHAYA-RT1N230U Datasheet
496Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
More results

Similar Description - RT1N231X

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT1N234X ISAHAYA-RT1N234X Datasheet
827Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N230X ISAHAYA-RT1N230X Datasheet
496Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N140X ISAHAYA-RT1N140X Datasheet
577Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N44QX ISAHAYA-RT1N44QX Datasheet
827Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1P24BX ISAHAYA-RT1P24BX Datasheet
61Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1P14HX ISAHAYA-RT1P14HX Datasheet
64Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1P14BX ISAHAYA-RT1P14BX Datasheet
114Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N440X ISAHAYA-RT1N440X Datasheet
303Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N436X ISAHAYA-RT1N436X Datasheet
886Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N432X ISAHAYA-RT1N432X Datasheet
324Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com