Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC3808 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC3808
Description  Push-Pull PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3808 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC3808 Datasheet HTML 1Page - Micrel Semiconductor MIC3808 Datasheet HTML 2Page - Micrel Semiconductor MIC3808 Datasheet HTML 3Page - Micrel Semiconductor MIC3808 Datasheet HTML 4Page - Micrel Semiconductor MIC3808 Datasheet HTML 5Page - Micrel Semiconductor MIC3808 Datasheet HTML 6Page - Micrel Semiconductor MIC3808 Datasheet HTML 7Page - Micrel Semiconductor MIC3808 Datasheet HTML 8Page - Micrel Semiconductor MIC3808 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MIC3808/3809
Micrel
MIC3808/3809
4
April 2005
Electrical Characteristics
TA = TJ = –40°C to +85°C, VDD = 10V (Note 9), 1µF capacitor from VDD to GND, R = 22KΩ, C = 330pF.
Parameter
Condition
Min
Typ
Max
Units
Oscillator Section
Oscillator Frequency
180
200
220
kHz
Oscillator Amplitude/VDD
Note 4
0.44
0.5
0.56
V/V
Error Amp Section
Input Voltage
COMP = 2V
1.95
2
2.05
V
Input Bias Current
–1
1
µA
Open Loop Voltage Gain
(Guaranteed by design)
60
80
dB
COMP Sink Current
FB = 2.2V, COMP = 1V
0.3
2.5
mA
COMP Source Current
FB = 1.3V, COMP = 3V, Note 5
–0.15
–0.5
mA
COMP Clamp Voltage
VFB = 0V
3.1
3.6
4.0
V
PWM Section
Maximum Duty Cycle
Measured at OUTA or OUTB
48
49
50
%
Minimum Duty Cycle
COMP = 0V
0%
Current Sense Section
Gain
Note 6 (Guaranteed by design)
1.9
2.2
2.5
V/V
Maximum Input Signal
Note 7
0.45
0.5
0.55
V
CS to Output Delay
COMP = 3V, CS from 0 to 600mV
70
200
ns
CS Source Current
–200
nA
CS Sink Current
CS = 0.5V, RC = 5.5V, Note 8
510
mA
Over Current Threshold
0.7
0.75
0.8
V
COMP to CS Offset
CS = 0V
0.35
0.8
1.2
V
Output Section
OUT Low Level
I = 100mA
0.5
1
V
OUT High Level
I = –50mA, VDD - OUT
0.5
1
V
Rise Time
CL = 1nF
25
60
ns
Fall Time
CL = 1nF
25
60
ns
Absolute Maximum Ratings (Note 1)
Supply Voltage (IDD ≤ 10mA) ......................................+15V
Supply Current ........................................................... 20mA
OUTA/OUTB Source Current (peak) .......................... –0.5A
OUTA/OUTB Sink Current (peak) ................................ 1.0A
Comp Pin ......................................................................VDD
Analog Inputs (FB, CS) ........................ –0.3V to VDD +0.3V
NOT TO EXCEED 6V
Junction Temperature .............................. –55°C to +150°C
Storage Temperature ............................... –65°C to +150°C
Lead Temperature (soldering, 10 sec.) ................... +300°C
ESD Rating, Note 3 ...................................................... 2kV
Operating Ratings (Note 2)
VDD Input Voltage (VDD) ........................................ Note 11
Oscillator Frequency (fOSC) ....................... 10kHz to 1MHz
Ambient Temperature (TA) ......................... –40°C to +85°C
Package Thermal Resistance
SOIC-8 (θJA) ...................................................... 160°C/W
MSOP-8 (θJA) .................................................... 206°C/W


Similar Part No. - MIC3808

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808 Datasheet
150Kb / 11P
   Push-Pull PWM Controller
MIC3808BM MIC-MIC3808BM Datasheet
150Kb / 11P
   Push-Pull PWM Controller
MIC3808BMM MIC-MIC3808BMM Datasheet
150Kb / 11P
   Push-Pull PWM Controller
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
   Push-Pull PWM Controller
More results

Similar Description - MIC3808

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1 Datasheet
184Kb / 16P
   Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3838 MICREL-MIC3838_05 Datasheet
196Kb / 11P
   Flexible Push-Pull PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3838 MIC-MIC3838_11 Datasheet
197Kb / 11P
   Flexible Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3838 MICREL-MIC3838 Datasheet
341Kb / 11P
   Flexible Push-Pull PWM Controller
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
   100V Push-Pull Current Mode PWM Controller
LM5033 NSC-LM5033_05 Datasheet
712Kb / 17P
   100V Push-Pull Voltage Mode PWM Controller
LM5033 NSC-LM5033 Datasheet
295Kb / 16P
   100V Push-Pull Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com