Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM781FU16ET-85LF Datasheet(PDF) 2 Page - Emerging Memory & Logic Solutions Inc

Part # EM781FU16ET-85LF
Description  256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM781FU16ET-85LF Datasheet(HTML) 2 Page - Emerging Memory & Logic Solutions Inc

  EM781FU16ET-85LF Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM781FU16ET-85LF Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM781FU16ET-85LF Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM781FU16ET-85LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM781FU16ET-85LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM781FU16ET-85LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM781FU16ET-85LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM781FU16ET-85LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM781FU16ET-85LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EM620FV8AS Series
Low Power, 256Kx8 SRAM
2
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
Rev 0.2
FEATURES
• Process Technology : 0.15
µm Full CMOS
• Organization : 256K x 8 bit
• Power Supply Voltage : 2.7V ~ 3.6V
• Low Data Retention Voltage : 1.5V(Min)
• Three state output and TTL Compatible
• Package Type : 32-sTSOP1
GENERAL DESCRIPTION
The EM620FV8AS families are fabricated by EMLSI’s
advanced full CMOS process technology. The families
support industrial temperature range and Chip Scale
Package for user flexibility of system design. The fami-
lies also supports low data retention voltage for battery
back-up operation with low data retention current.
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc
Range
Speed
Power Dissipation
PKG Type
Standby
(ISB1, Max)
Operating
(ICC1.Max)
EM620FV8AS
Industrial
(-40 ~ 85
oC)
2.7V~3.6V
55
1) / 70ns
15
µA
3 mA
32 - sTSOP1
Name
Function
Name
Function
CS1,CS2 Chip select inputs
WE
Write Enable input
OE
Output Enable input
Vcc
Power Supply
A0~A17
Address Inputs
Vss
Ground
I/O1~I/O 8 Data Inputs/outputs
NC
No Connection
FUNCTIONAL BLOCK DIAGRAM
PIN DESCRIPTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A11
A9
A8
A13
WE
CS2
A15
VCC
A17
A16
A14
A12
A7
A6
A5
A4
OE
A10
CS1
IO8
IO7
IO6
IO5
IO4
VSS
I/O3
I/O2
I/O1
A0
A1
A2
A3
32 - sTSOP
Type1 - Forward
I/O Circuit
Column Select
Data
Cont
Pre-charge Circuit
Memory Array
1024 x 2048
A1
A2
A3
A4
A5
A6
A7
A0
A8
A9
A10 A11 A12 A13 A14 A15
WE
OE
CS1
I/O1 ~ I/O8
VCC
VSS
Control Logic
A16
CS2
1. The parameter is measured with 30pF test load.
A17


Similar Part No. - EM781FU16ET-85LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM781F32-45LF EMLSI-EM781F32-45LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM781F32-45LL EMLSI-EM781F32-45LL Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM781F32-85LF EMLSI-EM781F32-85LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM781F32-85LL EMLSI-EM781F32-85LL Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM781F32B-45LF EMLSI-EM781F32B-45LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM781FU16ET-85LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM620FV8AT EMLSI-EM620FV8AT Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FU8 EMLSI-EM620FU8 Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8BS EMLSI-EM620FU8BS Datasheet
348Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BT EMLSI-EM620FV8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV8BS ETC2-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B ETC2-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FU8BT EMLSI-EM620FU8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com