Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32F4D3C2C-155.520M-G Datasheet(PDF) 6 Page - Ecliptek Corporation

Part # E32F4D3C2C-155.520M-G
Description  OSCILLATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

E32F4D3C2C-155.520M-G Datasheet(HTML) 6 Page - Ecliptek Corporation

  E32F4D3C2C-155.520M-G Datasheet HTML 1Page - Ecliptek Corporation E32F4D3C2C-155.520M-G Datasheet HTML 2Page - Ecliptek Corporation E32F4D3C2C-155.520M-G Datasheet HTML 3Page - Ecliptek Corporation E32F4D3C2C-155.520M-G Datasheet HTML 4Page - Ecliptek Corporation E32F4D3C2C-155.520M-G Datasheet HTML 5Page - Ecliptek Corporation E32F4D3C2C-155.520M-G Datasheet HTML 6Page - Ecliptek Corporation E32F4D3C2C-155.520M-G Datasheet HTML 7Page - Ecliptek Corporation E32F4D3C2C-155.520M-G Datasheet HTML 8Page - Ecliptek Corporation E32F4D3C2C-155.520M-G Datasheet HTML 9Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
E31F4
14 pin DIP
5.0V
OS88
01/03
E31F4 Series
• PECL Output VCXO
• 5.0V supply voltage
• 14 pin DIP package (5 pin)
• Stability to 20ppm
• Complementary Output available
• Custom lead length
H
8.0
L 20.8
W 13.2
OSCILLATOR
E31F4
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
ELECTRICAL SPECIFICATIONS
800-ECLIPTEK www.ecliptek.com for latest revision
104
Specifications subject to change without notice.
19.440MHz to 212.500MHz
0°C to 70°C or -40°C to 85°C
-55°C to 125°C
5.0V
DC ±5%
100mA Maximum
100KH
±50ppm, ±25ppm, or
±20ppm Maximum
V
CC-1.025VDC Minimum
V
CC-1.620VDC Maximum
2 nSeconds Maximum
50 ±10(%)
50 ±5(%)
50 Ohms into V
CC-2.0VDC
Complementary Output or
No Connect
10 mSeconds Maximum
1 pSec Maximum
±50ppm Minimum
20%, 15%, or 10% Maximum
2.5V
DC ±2.0VDC
0.0V
DC to VCC
2.5V
DC
Positive Transfer Characteristic
50kOhms Typical
10kHz Minimum
Frequency Range
Operating Temperature Range
Storage Temperature Range
Supply Voltage (V
CC)
Input Current
Logic Type
Frequency Tolerance / Stability
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise Time / Fall Time
Duty Cycle
Load Drive Capability
Additional Output
Start Up Time
RMS Phase Jitter
Absolute Pull Range (APR)
Linearity
Control Voltage (V
C): Test Conditions for APR
Control Voltage Range (V
CR)
Center Control Voltage
Transfer Function
Input Impedance
Modulation Bandwidth
Inclusive of Operating Temp Range, Supply Voltage,
Load, and Aging @25°C over 10 years
20% to 80% of waveform
at 50% of waveform
FJ = 12kHz to 20MHz
Inclusive of Operating Temp Range, Supply Voltage,
Load, and Aging @25°C over 10 years
at -3dB with Control Voltage of +2.5V
DC
OBSOLETE


Similar Part No. - E32F4D3C2C-155.520M-G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32F401CPN CHEMI-CON-E32F401CPN Datasheet
129Kb / 9P
   Large Can
E32F401CPN103MFK0M CHEMI-CON-E32F401CPN103MFK0M Datasheet
128Kb / 9P
   Screw Terminals
E32F401CPN123MFN0M CHEMI-CON-E32F401CPN123MFN0M Datasheet
128Kb / 9P
   Screw Terminals
E32F401CPN182MD92M CHEMI-CON-E32F401CPN182MD92M Datasheet
128Kb / 9P
   Screw Terminals
E32F401CPN182MD92M CHEMI-CON-E32F401CPN182MD92M Datasheet
129Kb / 9P
   Large Can
More results

Similar Description - E32F4D3C2C-155.520M-G

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com