Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSCD-0705-391K-B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PSCD-0705-391K-B
Description  SMD Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PSCD-0705-391K-B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PSCD-0705-391K-B Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions
Part Numbering Guide
Dimensions
Packaging Style
(Length, Height)
B=Bulk
T=Tape & Reel
Inductance Code
(500 pcs per reel)
Tolerance
K+10%
PSCD - 0705 - 100 K - T
SMD Power Inductor
(PSCD-0705 Series)
Features
Inductance Range
10 µH to 470 µH
Tolerance
10%
Construction
Magnetically Shielded
Dimensions in mm
Electrical Specifications
Inductance
Code
Inductance
(µH)
Test
Freq
DCR Max
(Ohms)
Permissible
DC Current
100
10
2.52 MHz
0.07
2.30
120
12
2.52 MHz
0.08
2.00
150
15
2.52 MHz
0.09
1.80
180
18
2.52 MHz
0.10
1.60
220
22
2.52 MHz
0.11
1.50
270
27
2.52 MHz
0.12
1.30
330
33
2.52 MHz
0.13
1.20
390
39
2.52 MHz
0.16
1.10
470
47
2.52 MHz
0.18
1.10
560
56
2.52 MHz
0.24
0.94
680
68
2.52 MHz
0.28
0.85
820
82
2.52 MHz
0.37
0.78
101
100
1 kHz
0.43
0.72
121
120
1 kHz
0.47
0.66
151
150
1 kHz
0.64
0.58
181
180
1 kHz
0.71
0.51
221
220
1 kHz
0.96
0.49
271
270
1 kHz
1.11
0.42
331
330
1 kHz
1.26
0.40
391
390
1 kHz
1.77
0.36
471
470
1 kHz
1.96
0.34
Specifications subject to change without notice.
Rev. 10/00
(Not to scale)
2.1
5.0 ± 0.5
7.0 ± 0.3
7.8 ± 0.3
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com
CAL I B E R
ELE C T R O N I C S
I N C .
specifications subject to change * revision 3-2003


Similar Part No. - PSCD-0705-391K-B

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
PSCD-0705-391K-B CALIBER-PSCD-0705-391K-B Datasheet
23Kb / 1P
   SMD Power Inductor
More results

Similar Description - PSCD-0705-391K-B

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com