Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM681FR8GU-55S Datasheet(PDF) 3 Page - Emerging Memory & Logic Solutions Inc

Part # EM681FR8GU-55S
Description  128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM681FR8GU-55S Datasheet(HTML) 3 Page - Emerging Memory & Logic Solutions Inc

  EM681FR8GU-55S Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM681FR8GU-55S Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM681FR8GU-55S Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM681FR8GU-55S Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM681FR8GU-55S Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM681FR8GU-55S Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM681FR8GU-55S Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM681FR8GU-55S Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM681FR8GU-55S Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EM621FV16BU Series
Low Power, 128Kx16 SRAM
3
ABSOLUTE MAXIMUM RATINGS *
* Stresses greater than those listed above “Absolute Maximum Ratings” may cause permanent damage to the device. Functional oper-
ation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods
may affect reliability.
Parameter
Symbol
Minimum
Unit
Voltage on Any Pin Relative to Vss
VIN, VOUT
-0.2 to 4.0V
V
Voltage on Vcc supply relative to Vss
VCC
-0.2 to 4.0V
V
Power Dissipation
PD
1.0
W
Operating Temperature
TA
-40 to 85
oC
FUNCTIONAL DESCRIPTION
Note: X means don’t care. (Must be low or high state)
CS
OE
WE
LB
UB
I/O0-7
I/O8-15
Mode
Power
H
X
X
X
X
High-Z
High-Z
Deselected
Stand by
X
X
X
H
H
High-Z
High-Z
Deselected
Stand by
L
H
H
L
X
High-Z
High-Z
Output Disabled
Active
L
H
H
X
L
High-Z
High-Z
Output Disabled
Active
L
L
H
L
H
Data Out
High-Z
Lower Byte Read
Active
L
L
H
H
L
High-Z
Data Out
Upper Byte Read
Active
L
L
H
L
L
Data Out
Data Out
Word Read
Active
L
X
L
L
H
Data In
High-Z
Lower Byte Write
Active
L
X
L
H
L
High-Z
Data In
Upper Byte Write
Active
L
X
L
L
L
Data In
Data In
Word Write
Active


Similar Part No. - EM681FR8GU-55S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM681FR8AU-55L EMLSI-EM681FR8AU-55L Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM681FR8AU-55LL EMLSI-EM681FR8AU-55LL Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM681FR8AU-85L EMLSI-EM681FR8AU-85L Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM681FR8AU-85LL EMLSI-EM681FR8AU-85LL Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM681FR8AV-55L EMLSI-EM681FR8AV-55L Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
More results

Similar Description - EM681FR8GU-55S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM620FV16B EMLSI-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM621FU16BU EMLSI-EM621FU16BU Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU16B EMLSI-EM620FU16B Datasheet
390Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV16B ETC2-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM621FU16 EMLSI-EM621FU16 Datasheet
72Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
DS_K6F2016U4E SAMSUNG-DS_K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FU16 EMLSI-EM620FU16 Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F2016U4D SAMSUNG-K6F2016U4D Datasheet
117Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016V4E SAMSUNG-K6F2016V4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016U4E SAMSUNG-K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com