Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT2205B7 Datasheet(PDF) 2 Page - CTS Corporation

Part # RT2205B7
Description  Memory & IDE Terminator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

RT2205B7 Datasheet(HTML) 2 Page - CTS Corporation

  RT2205B7 Datasheet HTML 1Page - CTS Corporation RT2205B7 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2006 CTS Corporation. All rights reserved. Information subject to change.
CTS Electronic Components
Page 2
March 06
www.ctscorp.com
Memory & IDE Terminator
Complete ClearONE Product, Processing, and Application Information can be found at the following link:
http://www.ctscorp.com/components/clearone.asp
Top Side Probe-able Information
Solder Mask Dia = Pad
Diameter +.15mm(.006 inch)
BGA Routing Scheme
.005 Inch
Wide Traces
Top Side Probe-able Probe
Pad 4x8 Array Shown
Refer to Top Probe-able
Application Notes for additional
information.
Note: Add a ‘P’ suffix to order Top Side Probe-able version.
Example: RT2203B7PTR7.
Refer to the following link for detailed Top Side Probe-able Information:
www.ctscorp.com/components/clearone/TopProveClearOne.pdf
Recommended Land Pattern
1.00mm Pitch (B7) = 0.51mm/.020 inch (minimum)
1.27mm pitch (B6) = 0.64mm/.025 inch (minimum)
Outline of Substrate
PCB Pad Diameter
For .006" Thick Solder Paste Stencil, Aperture Opening Should
be Equal to the PCB Pad Diameter.
Refer to www.ctscorp.com/components/clearone.asp for
additional PCB design information
Mechanical Diagram
K
P (Pitch)
L
W
H
P (Pitch)
A1 Identifier
RT_2__B7
CTS YRWK
D
16 Bit
L
W
H
P
D
K
mm
8.00
±0.15
4.00
±0.15 1.19±0.15 1.00±0.25 0.64±0.05 0.50±0.25
Style C
inch
.315
±.006
.157
±.006 .047±.006 .039±.010 .025±.002 .020±.010
32 Bit
L
W
H
P
D
K
mm
16.00
±0.15 4.00±0.15 1.19±0.15 1.00±0.25 0.64±0.05 0.50±0.25
Style C
inch
.630
±.006
.157
±.006 .047±.006 .039±.010 .025±.002 .020±.010


Similar Part No. - RT2205B7

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT2210B7 CTS-RT2210B7 Datasheet
61Kb / 2P
   VME64, VME64x Terminator RoHS Compliant Parts Available
RT2210B7 CTS-RT2210B7 Datasheet
61Kb / 2P
   Terminator
RT2211B7 CTS-RT2211B7 Datasheet
61Kb / 2P
   VME64, VME64x Terminator RoHS Compliant Parts Available
RT2211B7 CTS-RT2211B7 Datasheet
61Kb / 2P
   Terminator
logo
Adam Technologies, Inc.
RT224 ADAM-TECH-RT224 Datasheet
497Kb / 16P
   RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
More results

Similar Description - RT2205B7

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACDN010 CALMIRCO-PACDN010 Datasheet
121Kb / 4P
   P/ACTIVE SCHOTTKY DIODE MEMORY BUS TERMINATOR
logo
Transcend Information. ...
TS0GSJ25S TRANSCEND-TS0GSJ25S Datasheet
152Kb / 3P
   IDE HDD Enclosure
logo
Axiomtek Co., Ltd.
FID AXIOMTEK-FID_17 Datasheet
151Kb / 1P
   Flash in Disk-IDE
logo
NEC
UPD720130 NEC-UPD720130 Datasheet
316Kb / 44P
   USB2.0 to IDE Bridge
logo
Silicon image
SII0680A SILICONIMAGE-SII0680A Datasheet
781Kb / 124P
   PCI to IDE/ATA
logo
Cypress Semiconductor
SL11RIDE CYPRESS-SL11RIDE Datasheet
316Kb / 27P
   USB to IDE/ATAPI Solution
logo
Winbond
W83769 WINBOND-W83769 Datasheet
163Kb / 21P
   LOCAL BUS IDE SOLUTION
logo
Axiomtek Co., Ltd.
FIM AXIOMTEK-FIM_17 Datasheet
455Kb / 1P
   IDE/ATA standard interface
logo
Micrel Semiconductor
MIC5167 MICREL-MIC5167_12 Datasheet
719Kb / 23P
   1MHz, 6A, Integrated Switch, High-Efficiency, Synchronous Buck DDR Memory Terminator
logo
CTS Corporation
VME64 CTS-VME64 Datasheet
61Kb / 2P
   Terminator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com