Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM645FU8BV-70LL Datasheet(PDF) 6 Page - Emerging Memory & Logic Solutions Inc

Part # EM645FU8BV-70LL
Description  128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM645FU8BV-70LL Datasheet(HTML) 6 Page - Emerging Memory & Logic Solutions Inc

Back Button EM645FU8BV-70LL Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM645FU8BV-70LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM645FU8BV-70LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM645FU8BV-70LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM645FU8BV-70LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM645FU8BV-70LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM645FU8BV-70LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM645FU8BV-70LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM645FU8BV-70LL Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
EM620FU16B Series
Low Power, 128Kx16 SRAM
6
tRC
Address
CS1
UB,LB
OE
Data Out
tCO1,2
tOH
tBA
tOE
High-Z
tBHZ
tOHZ
TIMING WAVEFORM OF READ CYCLE(2) (WE = VIH)
Data Valid
tOLZ
tBLZ
tLZ1,2
tAA
tHZ1,2
tRC
Address
tAA
Data Valid
tOH
Previous Data Valid
TIMING WAVEFORM OF READ CYCLE(1). (Address Controlled, CS1=OE=VIL, CS2=WE=VIH)
Data Out
TIMING DIAGRAMS
NOTES (READ CYCLE)
1. tHZ1,2 and tOHZ are defined as the outputs achieve the open circuit conditions and are not referenced to output voltage levels.
2. At any given temperature and voltage condition, tHZ1,2(Max.) is less than tLZ1,2(Min.) both for a given device and from device to
device interconnection.
CS2


Similar Part No. - EM645FU8BV-70LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM645FU8ET-10LF EMLSI-EM645FU8ET-10LF Datasheet
348Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM645FU8ET-10S EMLSI-EM645FU8ET-10S Datasheet
348Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM645FU8ET-12LF EMLSI-EM645FU8ET-12LF Datasheet
348Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM645FU8ET-12S EMLSI-EM645FU8ET-12S Datasheet
348Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM645FU8EU-10LF EMLSI-EM645FU8EU-10LF Datasheet
348Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM645FU8BV-70LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM620FV16B EMLSI-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM621FU16BU EMLSI-EM621FU16BU Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV16B ETC2-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM621FV16BU EMLSI-EM621FV16BU Datasheet
379Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM621FU16 EMLSI-EM621FU16 Datasheet
72Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
DS_K6F2016U4E SAMSUNG-DS_K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FU16 EMLSI-EM620FU16 Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F2016U4D SAMSUNG-K6F2016U4D Datasheet
117Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016V4E SAMSUNG-K6F2016V4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016U4E SAMSUNG-K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com