Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEM-120142 Datasheet(PDF) 3 Page - CUI INC

Part # CEM-120142
Description  magnetic buzzer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CEM-120142 Datasheet(HTML) 3 Page - CUI INC

  CEM-120142 Datasheet HTML 1Page - CUI INC CEM-120142 Datasheet HTML 2Page - CUI INC CEM-120142 Datasheet HTML 3Page - CUI INC CEM-120142 Datasheet HTML 4Page - CUI INC CEM-120142 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Part No: CEM-1201(42)
Description: magnetic buzzer
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Date: 9/06/2006
Unit: mm
Page No: 3 of 5
Mechanical Characteristics
Item
Test Condition
Solderability
Lead terminals are immersed in rosin for 5
seconds and then immersed in solder bath
of 270 ±5°C for 3 ±1 seconds.
Soldering Heat Resistance
Lead terminals are immersed up to 1.5mm from
the buzzer’s body in a solder bath of 260 ±5°C
for 3 ±1 seconds.
Terminal Mechanical Strength
Apply force of 9.8 N (1.0 kg) to the terminal for
10 seconds in each axial direction.
Vibration
The buzzer will be measured after applying
a vibration amplitude of 1.5mm with 10 to 55 Hz
band of vibration frequency to each of the 3
perpendicular directions for 2 hours.
Drop Test
The part is to be dropped from a height of
75 cm onto a 40 mm thick wooden board 3
times in 3 axis (X, Y, Z) for a total of 9 drops.
Evaluation Standard
90% surface of lead terminals
should be wet with solder.
(Except the edge of the terminal)
No in interference in operation.
No damage or cutting off.
After the test, the part should
meet specifications without any
damage to the appearance and
performance. The SPL should be
within ±10 dBA when compared
to the initial measurement.
Environment Test
Item
Test Condition
High temp. test
The part will be subjected to +70°C for
96 hours.
Low temp. test
The part will be subjected to -30°C for
96 hours
Thermal shock
The part will be subjected to 10 cycles. One
cycle will consist of:
Temp./Humidity cycle
The part shall be subjected to 10 cycles. One
cycle will consist of:
Evaluation Standard
After the test, the part shall meet
specifications without any
damage to the appearance
except SPL. After 4 hours at
+25°C, the SPL should be within
±10 dBA of the initial SPL.


Similar Part No. - CEM-120142

ManufacturerPart #DatasheetDescription
logo
CUI INC
CEM-1201 CUI-CEM-1201 Datasheet
514Kb / 5P
   magnetic buzzer
CEM-1201 CUI-CEM-1201 Datasheet
401Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
12/20/2019
logo
CUI Devices
CEM-1201 CUID-CEM-1201 Datasheet
404Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
08/05/2022
logo
CUI INC
CEM-120150 CUI-CEM-120150 Datasheet
514Kb / 5P
   magnetic buzzer
logo
CUI Devices
CEM-120150 CUID-CEM-120150 Datasheet
404Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
08/05/2022
More results

Similar Description - CEM-120142

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
ST-0402T SOBERTON-ST-0402T Datasheet
1Mb / 6P
   Magnetic Buzzer
logo
CUI INC
CSS-J4B20 CUI-CSS-J4B20 Datasheet
427Kb / 5P
   magnetic buzzer
CST-911AP CUI-CST-911AP Datasheet
411Kb / 4P
   magnetic buzzer
CD-1206 CUI-CD-1206 Datasheet
473Kb / 5P
   magnetic buzzer
CSQ-706BP CUI-CSQ-706BP Datasheet
332Kb / 5P
   magnetic buzzer
CEM-1212C CUI-CEM-1212C Datasheet
285Kb / 5P
   magnetic buzzer
CT-1212CL CUI-CT-1212CL Datasheet
413Kb / 5P
   Magnetic buzzer
CSS-73B16K CUI-CSS-73B16K Datasheet
477Kb / 5P
   magnetic buzzer
CST-931RP-A CUI-CST-931RP-A Datasheet
527Kb / 5P
   magnetic buzzer
logo
List of Unclassifed Man...
EMX-7T05SP ETC2-EMX-7T05SP Datasheet
42Kb / 1P
   MAGNETIC BUZZER
logo
CUI INC
CSS-0575A CUI-CSS-0575A Datasheet
391Kb / 5P
   MAGNETIC BUZZER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com